Part Number Hot Search : 
EDZ33B MURH7060 AM4530CE 4T476 E106K OM5212SC 051BC 0150CT
Product Description
Full Text Search
 

To Download HFM101-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Chip Silicon Rectifier
HFM101-M THRU HFM107-M
Ultra fast recovery type
Formosa MS
SOD-123
0.161(4.1) 0.146(3.7) 0.012(0.3) Typ.
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
0.063(1.6) 0.055(1.4)
0.071(1.8) 0.055(1.4)
0.110(2.8) 0.094(2.4)
Mechanical data
Case : Molded plastic, JEDEC SOD-123 / MINI SMA Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.04 gram
0.035(0.9) Typ.
0.035(0.9) Typ.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current CONDITIONS Ambient temperature = 50 C 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C
o
Symbol IO IFSM
MIN.
TYP.
MAX. 1.0 30 5.0 150
UNIT A A uA uA
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 100o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR Rq JA CJ TSTG -55 42 20
C/w pF
+150
o
C
SYMBOLS
MARKING CODE H1 H2 H3 H4 H5 H6 H7
V RRM
(V)
*1
V RMS
(V) 35 70 140 210 280 420 560
*2
VR
*3
VF
*4
T RR
*5
Operating temperature ( o C)
(V) 50 100 200 300 400 600 800
(V)
(nS)
HFM101-M HFM102-M HFM103-M HFM104-M HFM105-M HFM106-M HFM107-M
50 100 200 300 400 600 800
1.0 50 -55 to +150 1.3
*1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
1.7
75
*5 Reverse recovery time
RATING AND CHARACTERISTIC CURVES (HFM101-M THRU HFM107-M)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
1.2 1.0 0.8 0.6 0.4 0.2 0 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
10
1-M ~H FM 10 3-M FM 10 5-M
INSTANTANEOUS FORWARD CURRENT,(A)
HF M1 0
4-M ~H
HF M1 0
1.0
.1
Tj=25 C Pulse Width 300us 1% Duty Cycle
H
FM 10
6M ~H
FM 10
7-
M
25
50
75
100
125
150
175
AMBIENT TEMPERATURE ( C)
.01
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
30
.001 .4
.6
.8
1.0
1.2
1.4
1.6
1.8
24
FORWARD VOLT AGE,(V)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50W NONINDUCTIVE 10W NONINDUCTIVE
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
175
trr +0.5A
| | | | | | | |
JUNCTION CAPACITANCE,(pF)
120 100 80 60 40 20
0 -0.25A
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0 .01 .05 .1 .5 1 5 10 50 100
REVERSE VOLTAGE,(V)


▲Up To Search▲   

 
Price & Availability of HFM101-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X