|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PNP SILICON TRANSISTOR OO|uIaA HIT5610 ECI* cxOAE/1/4 IE3/4 H5610 x/OoAE*Ao O/OOAI3/4 IaI 1/4 Oy1/2A A 1/4IO Ouae Ta=25ae(c) IAE--------55~150ae 1 5 0 ae AE - c1/4u *Ea 1/4 cN-1/4cN cN--- ----- - ---------- ----- - ------- --750mW -25V -20V -5V -1A TO-92 www..com T stg Tj1/2aIA PC V CB O VCEO VEBO* IC1/4 1/4c 1/4 1/4AE| ----------------- 1/4 c1/4 Ea1/4u1/4 c 1/4cA/- 1D*Ea1/4 2D1/4c 3Du 1/4 E C B IEy*uA cIEy Ta=25ae(c) *u A E A/ xiO aIO xioO I a EO Io 1/4 BVCBO BVCEO BVEBO ICBO HFE VCE(sat) VBE 1/4c*Ea/(c)N *Ea1/4u/(c)cN 1/4cu1/2OOA/ OA/cOoOae 1/4c*EaIN u1/4*EacN IOO/AEAE u1/4EaocEY fT Cob 1/4cu/(c)N -25 -20 -5 60 -0.2 -0.8 360 38 -1 240 -0.5 -1 |I V V V A V V MHz VCE=-2V, IC=-500mA pF VCB=-10V,IE=0 f=1MHz IC=-10|I A IE=0 IC=-1mA IB=0 IE=-10|I A IC=0 VCB=-20V, IE=0 VCE=-2V, IC=-500mA IC=0.8A, IB=-80mA VCE=-2V, IC=-500mA *O 1/4AEae 3/4 A B 85 170 120 C 240 60 120 |
Price & Availability of H5610 |