Part Number Hot Search : 
AP3512E KA384 MHW3528 BV55C 40014 B1624 A3992 MAX3260
Product Description
Full Text Search
 

To Download DE0807-E102K-KH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
LEADED CAPACITORS, NETWORKS & HV CAPACITORS SAFETY RECOGNIZED CAPACITORS -KH TYPE 250VAC (400VAC GUARANTEED), X1/Y2 RATED
DIMENSIONS: mm
Straight Long
(Lead Code: No Code) Vertical Crimped Type D max. Coating extension not to exceed the end of the lead bended. 7.0 max. Coating extension not to exceed the end of the lead bended.
DE Series
Straight Short
(Lead Code: -1) Vertical Crimped Type D max. 7.0 max.
LEADED CAPACITORS NETWORKS, AND HV CAPACITORS
3.0 max. 25 min.
3.0 max. 5 1.0
7.5 1.0
0.6 +0.06 -0.05
7.5 1.0
0.6 +0.06 -0.05
PART NUMBERING SYSTEM
TYPE DE0807
CAPACITOR TYPE AND SIZE
-
LEAD/TAPING CODE See following page
TEMP CHAR.* . B
TEMPERATURE CHARACTERISTICS Temperature Range B = -25C to +125C E = -25C to +125C F = -25C to +125C MAX. CAP. CHANGE OVER TEMP RANGE: . B = 10% E = +20, -55% F = +30, -80%
CAPACITANCE 101
TOL. K
-
KH
LISTED TYPE DESIGNATION
CAPACITANCE VALUE Expressed in picofarads and identified by a three-digit number. First two digits represent significant figures. Last digit specifies the number of zeros to follow.
CAPACITANCE TOLERANCE K = 10% M = 20%
*B, E, F are JIS TC codes that are similar to EIA Temperature Characteristics Y5P Z5U, Y5V. ,
Temperature Range to +125C. (85C: UL, CSA, VDE) *900 pcs. for KH type
Straight Long Part Number ( : optional lead code shown at the right) Nominal Capacitance (pF) Max. Body Diameter D (mm)
: Lead Configuration/Lead Code Straight Short
Taping*
Lead Space F: 7.5 Lead Space F: 7.5 Pitch of Component P: 15.0 Pitch of Component P: 30.0
DE0807 B101K-KH DE0807 B151K-KH DE0807 B221K-KH DE0807 B331K-KH DE0807 B471K-KH DE0907 B681K-KH DE0807 E102M-KH DE1007 B102K-KH DE0907 E152M-KH DE1007 E222M-KH DE1207 E332M-KH DE1307 E472M-KH DE1607 F103M-KH
100 150 220 330 470 680 1000 1000 1500 2200 3300 4700 10000 9 8 10 9 10 12 13 16 -- -477
*900 pcs. for KH type
8
No Code
-1
-486
--
See page 96 for specifications.
CG01-I
87
DataSheet 4 U .com
www..com
LEADED CAPACITORS, NETWORKS & HV CAPACITORS SAFETY RECOGNIZED CAPACITORS -KH TYPE 250VAC (400VAC GUARANTEED), X1/Y2 RATED
STANDARD NO. RECOGNIZED NO.
Recognized No. Japan Taiwan UL UL 1414 E37921 CSA C22.2 No. 1 LR36214 LR44559 BSI BSEN60065 (1994) 227636 SEMKO 9503155 SEV 94, 1 00952 IEC384-14 2nd 83663, 83665, 83664, 83666, VDE edition (1993) 83667 83668 FIMKO 180451 180450 NEMKO P95100388 P95100518 DEMKO 113878JJa SAA AS3250 CS6529N Standard No. Rated Voltage
DE Series
Example
Marking on one side.
TYPICAL MARKING
Item UL Approval Mark CSA Approval Mark BSI Approval Mark SEMKO Approval Mark 250VAC SEV Approval Mark VDE Approval Mark FIMKO Approval Mark NEMKO Approval Mark DEMKO Approval Mark IEC384-14 Class Code Rated Voltage Mark Type Designation Nominal Capacitance Capacitance Tolerance Manufacturer's Identification Manufactured Date Code BS415
S
+ S
MJ502
V DE
FI
KH472M X1Y2 BS415
+ S
MJ502
FI N
V DE
M3 65
N
FEATURES
s Operating temperature range guaranteed up to 125C (UL/CSA: 85C) s IEC384-14 2nd edition (1993) Class X1, Y2 s The type KH is recognized by UL/CSA/BSI/SEMKO/SEV/ VDE/FIMKO/NEMKO/DEMKO/SAA. s Coated with flame-retardant epoxy resin (conforming to UL94V-0 standards) s Suitable for automatic insertion
D
S
X1,Y2
250
250
D
KH -- --
M
3
For DE1307E472M-KH
--
CAPACITANCE -TEMPERATURE CHARACTERISTICS
DE0807B101K-KH DE1007E222M-KH DE1607F103M-KH Type KH Capacitance Change (%) 20 0 -20 -40 -60 -80 -20 0 20 40 60 Temperature (C) 80 100 120 140
LEAKAGE CURRENT (23C)
Type KH 3.0
KH
3M-
F10
-100 -60 -40
2.5
607
Leakage Current (mA)
2.0
IMPEDANCE - FREQUENCY CHARACTERISTICS
Type KH 100
DE
DE1
D
E1
30
7E
2 47
M
-K
H
1.5
DE
Impedance (ohms)
10
DE DE 08 08 07 07 B2 B1 22 02 71 21 01 13 MMKKK07 KH KH KH KH KH E4 DE 72 16 M 07 -K F1 H 03 M -K H
10 07 08
DE
DE
DE1
007E
222M
-KH
E2
07
E1
08
07
B4
1.0
102M-KH DE0807E
0.5
0.0 1
0
500
1000 1500 2000 AC Volt [60Hz] (Vrms)
2500
3000
0.1
1
10 Frequency (MHz)
100
1000
88
CG01-I
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of DE0807-E102K-KH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X