Part Number Hot Search : 
200BZXC 2N993 AVC16 10X20 CD2315 BXXXGP X152A BLV9N60
Product Description
Full Text Search
 

To Download D1A120000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reed Relay Features
1. Molded epoxy body. 2. Dip type construction with the same terminal pitch as ICs or TTLs simplifies PC board designing. In addition, the high sensitivity allows direct driving by TTL, etc. 3. Automatic insertion compatible. 4. Sealed construction permits automatic flow soldering and cleaning. 5. Diode & Magnetic shield are available.
D1A120000
UL 60950 (File No.E108430)
Outside Dimension:Unit (mm)
Schematic:Top View
Coil Ratings
Parameter Coil Resistance Nominal Coil Voltage Maximun Continuous Voltage Must Operate Must Release Rated Current Rating 1000 12 20 9 1.2 12 Unit ( 10%) VDC VDC VDC VDC mA
(AT 20 )
Electrical Characteristics
Parameter Contact Resistance Operate Time Bounce Time Release Time Insulation Resistance (100VDC ) Power Switching Voltage Switching Current Carry Current Breakdown Voltage ( Across Open Contact ) ( Between Coil & Contact ) Life Expectancy (Signal Level) Operating Temp Storage Temp Resonant Frequency Vibration ( 10-2000HZ ) Minimum Permissible Load Rating 100 0.5 0.5 0.2 1011 10 200 0.5 1.0 250 500 108 -40 to 85 -50 to125 3.5 20 100 KHZ g(max) mVDC 10g A Unit m (max) ms(max) ms(max) ms(max) (min) VA(max) VDC(max) A(max) A(max) VDC(min) VDC(min)
c
2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
3


▲Up To Search▲   

 
Price & Availability of D1A120000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X