Part Number Hot Search : 
X84C3 BAS11 74LS24 LNK364 EP2C5 23CTE NTXV1 1N4946G
Product Description
Full Text Search
 

To Download CSC1061 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
TO-220 Plastic Package
CSC1061
CSC1061
www..com
NPN PLASTIC POWER TRANSISTOR
Low frequency Power Amplifier
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
4
1 2 3
B H
F
C E
DIM A B C D E F G H J K L M N O
M IN. 14.42 9.63 3.56
M A X.
N
L
O
123
D G
J M
16.51 10.67 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 0.56 12.70 14.73 2.80 4.07 2.03 2.92 31.24 DE G 7
A
O
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current Total power dissipation up to TC = 25C Junction temperature Collector-emitter saturation voltage IC = 2A; IB = 0.2A D.C. current gain IC = 1A; VCE = 4V
All dim insions in m m .
K
VCBO VCEO IC Ptot Tj VCEsat hFE
max. max. max. max. max. max. min. max.
50 50 3.0 25 150
V V A W C
1.0 V 35 320
RATINGS (at TA=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current
VCBO VCEO VEBO IC
max. max. max. max.
50 50 4.0 3.0
V V V A
Continental Device India Limited
Data Sheet
Page 1 of 3
CSC1061
Total power dissipation up to TC = 25C Junction temperature Storage temperature
www..com
Ptot Tj Tstg
max. 25 W max. 150 C -65 to +150 C
CHARACTERISTICS Tamb = 25C unless otherwise specified Collector cutoff current IE = 0; VCB = 20V Breakdown voltages IC = 50 mA; IB = 0 IC = 5 mA; IE = 0 IE = 5 mA; IC = 0 Saturation voltages IC = 2 A; IB = 0.2 A Base emitter on voltage IC = 1 A; VCE = 4 V D.C. current gain IC = 0.1A; VCE = 4V IC = 1A; VCE = 4V** Transition frequency IC = 0.5A; VCE = 4V ICBO VCEO VCBO VEBO VCEsat VBE(on) hFE hFE max. min. min. min. max. max. min. min. max. typ. 100 A 50 V 50 V 4.0 V 1.0 V 1.5 V 35 35 320 8 MHz
fT
**hFE classification: A: 35-70 B: 60-120 C: 100-200 D: 160-320
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
www..com
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSC1061

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X