Part Number Hot Search : 
NCP5306 1N5334A MIC2288 X9316WP B035C0 SM8013 BU508AFI D4NC5
Product Description
Full Text Search
 

To Download CP1181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CP1181
Product Brief OPTRANS Series
CP1181_PB_Rev1.0 March, 2005
21 Channel E1/T1 Mapper
www..com
OVERVIEW
The CP1181 is one of the OPTRANS series chips designed by Chiphomer Technology Limited. It is designed for add/drop multiplexer, terminal multiplexer, dual and single unidirectional ring applications. 21 E1/T1 signals are mapped to and from asynchronous TU12. The CP1181 interfaces to a byte-wide 19.44 MHz Telecom Bus.
FEATURES
Asynchronously mapping/de-mapping 21 E1 or T1 traffics into/from STM-1. T1 traffic mapping path is T1 VC11 TU12. TEBGA256 Configurable receive and transmit TU12 time-slots via microprocessor -40 ~ 85 Detects loss of input clock on Telecom Bus Interprets TU12 pointer according to G.783 (2000/10) and G.707 (2000/10) Detects LOM, TU-LOP and TU-AIS alarms Detects Remote Defect Indication (RDI), Remote Error Indication (REI), RFI alarm and Path Label Mismatch (PLM) alarm Provides 12-bit performance counters for BIP-2 errors and 11-bit performance counters for tributary REI errors Detects degraded signals(DEG) and Excessive Error defects (EXC) based on received BIP-2 errors. Extracts the 16-byte J2 sequence into microprocessor accessible registers, and checks the J2 sequence to detect TIM alarm Detects the K4 (bit5-bit7) and V5 bit8 for Enhanced Defect Indicator (E-RDI) Captures filtered K4 byte into microprocessor accessible registers Extracts V5 and K4 bytes into microprocessor accessible registers Extracts N2 byte and O bits into microprocessor accessible registers
Receive Telecom Bus Interface
RTCLKA RTPLA RTMFA RTJ0J1V1A RTDA[7:0] RTPARA RTINDA RTCLKB RTPLB RTMFB RTJ0J1V1B RTDB[7:0] RTPARB RTINDB TTCLKA TTPLA TTMFA TTJ0J1V1A TTDA[7:0] TTPARA TTINDA TTCLKB TTPLB TTJ0J1V1B TTMFB TTDB[7:0] TTPARB TTINDB
DPLL Pointer Interpreter A POH Terminate A Mux Desync PRBS Analyzer
Telecom Bus Loopback
Pointer Interpreter B
POH Terminate B
Switching Control
Line Loopback
Mux Mux
Path Internal Loopback
E1_TDATA[0..20]/ T1_DATA[0..20] E1_TCLK[0..20]/ T1_TCLK[0..20]
Mux Mux
Transmit Telecom Bus Interface
Pointer Generator A
POH Build A Sync PRBS Generator
E1_RDATA[0..20]/ T1_RDATA[0..20] E1_RCLK[0..20]/ T1_RCLK[0..20]
Pointer Generator B
POH Build B
Microprocessor Interface
DATA[15:0]
ADD[12:0]
WRN/RWS
INT
Copyright (c)2005 Chiphomer Technology Limited
RDY/TAN
MOTO
CSN
RDN/DSN
Page 1 of 1
CP1181
Product Brief OPTRANS Series
CP1181_PB_Rev1.0 March, 2005
21 Channel E1/T1 Mapper
www..com
Supports1+1 Path-protection Integrated bit-leaking circuit and DPLL The output jitter of E1/T1 data (either mapping jitter or combined jitter) is compliant with G.783 (2000/10) E1/T1 Port #0 to Port #7 can be configured to work in re-timing mode Supports the code-rate adjustment Optionally inserts VC-AIS and TU-AIS into upstream data Generates the TU12 pointer (V1, V2) per ITU G.783 The TU12 pointer value is fixed on 105 Calculates the BIP-2 and inserts into outgoing data stream, optionally inserts single or continued BIP-2 errors Inserts RDI/REI from either internal generation or microprocessor Inserts 16-byte programmable J2 sequence Inserts E-RDI from either internal generation or microprocessor Inserts programmable N2 byte and O bits Controlled High-Z output on transmit Telecom Bus Provides three bus timing modes for transmit Telecom Bus Build-in PRBS test function can be configured to any one of all 21 E1/T1 ports Provides 16-bit Intel/Motorola microprocessor interface 3.3V supply with 5V tolerant I/O IEEE 1149.1 JTAG boundary scan Maximum power less than 1.0 Watt Operating industrial temperature range: -40 ~ 85 PBGA256 package
APPLICATIONS
SDH Add/Drop Multiplexers SDH Terminal Multiplexers Multi-service Transport Platform (MSTP)
TYPICAL APPLICATION
Add Bus A Add Bus B
Drop Bus A Drop Bus B
21ch E1/T1 Mapper CP1181
8ch 8ch LIU E1/T1 8ch LIU CH5008 LIU CH5008 CP5009
21 E1/T1
19.44MHz Telecom Bus
Copyright (c)2005 Chiphomer Technology Limited
Page 2 of 2
CP1181
Product Brief OPTRANS Series
CP1181_PB_Rev1.0 March, 2005
21 Channel E1/T1 Mapper
www..com
RELATED PRODUCTS
CH5008: CP5009: CP1122: CP1121: 8ch E1 LIU 8ch E1/T1/J1 LIU STM-1 Single Chip Add/Drop Multiplexer System device STM-1/4 Single Chip Add/Drop Multiplexer System device
Chiphomer Technology Limited Add: 4F, Building D, 1618 Yishan Road, Shanghai, P.R.C. Tel: +86-(0)21-64058488, 64014543 Fax: +86-(0)21-64050030 Email: sales@chiphomer.com Web: www.chiphomer.com
Copyright (c)2005 Chiphomer Technology Limited
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CP1181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X