Part Number Hot Search : 
VUO105 RFU37 40A11 MOC208 MAX5481 LT2178A BAS20 2SC17
Product Description
Full Text Search
 

To Download CG1A090000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CG1A090000
UL 60950 (File No.E108430)
Outside Dimension:Unit (mm)
Schematic:Top View
Absolute Maximum Ratings
COIL RATINGS Coil resistance Nominal coil voltage Maximun Continuous voltae Must operate Must release Rated current Rating 700 9 15 6.3 0.9 12.9 [ Unit ( 10%) VDC VDC VDC VDC mA
(AT=20C)
ELECTRONCAL CHARACTERISTICS Contact resistance Operate time Bounce time Release time Insulation resistance (100 VDC open contact) (between coil & contact 500VDC) Power Switching voltage Switching current Carry current Breakdown voltage (across open contact) (between coil & contact) Life expectancy Temperature Range Humidity Range Shock Endurance Shock Error Operation Vibration Endurance Vibration Error Operation Minimun permissible load (6V, 10mA)
Rating 150 1.0 0.5 0.5 109 108 10 100 0.5 1.0 200 3000 107 -30 to 60 -45 to 85% 100 13 10 to 55 10 to 55 m
Unit (max) ms (max) ms (max) ms (max) (min) (min) VA (max) VDC (max) A (max) A (max) VDC (1sec) VDC (1sec) C RH. G (min) G (min) Hz Double Amplitude 1.5mm Hz Double Amplitude 1.5mm 1VDC, 1mA
104
c 2004 cosmo ELECTRONICS CORPORATION http://www.cosmo-ic.com


▲Up To Search▲   

 
Price & Availability of CG1A090000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X