Part Number Hot Search : 
10M25 BAT54ADW LC3564CM DMBT5401 R7222207 AH083F1 RFZ34 86RF401
Product Description
Full Text Search
 

To Download B72500TXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SMD Varistors MLV; Standard Series
Construction
I Multilayer technology I Termination: nickel barrier (CT series) or silver palladium (CN series)
or silver platinum (only for CN0402 ... K2)
I No plastic or epoxy encapsulation assures better than UL 94 V-0 flammability rating
Features
I I I I
Sizes 0402 ... 2220 Surge currents up to 1200 A Operating temperatures up to 125 C Good solderability
I I I I
Suitable for ESD protection Bidirectional clamping Types with controlled capacitance available PSpice models
Taping
I Supply on 8/12-mm tape, for tape dimensions see pages 154/155,
for reel dimensions and packing units see page 157, chapter "SMD Varistors: Taping" Type designation Detailed description of coding system on page 39, chapter "General Technical Information" SIOV-CT 0603 M 4 G EPCOS metal oxide varistor Design Size (nominal) General technical data Climatic category LCT UCT Damp heat, steady state (93 % r.h., 40 C) Operating temperature Storage temperature 1) Response time Solderability 55/125/56 (55/85/56) - 55 C + 85 C (CT/CN0402 ... 0603) + 125 C (CT/CN0805 ... 2220) 56 days in acc. with IEC 60068-1 Taping mode Max. AC operating voltage Tolerance of varistor voltage
in acc. with IEC 60068-2-3
- 55 ... + 85 C CT/CN0402 ... 0603 in acc. with CECC 42 000 - 55 ... + 125 C CT/CN0805 ... 2220 in acc. with CECC 42 000 - 55 ... + 150 C CT/CN0805 ... 2220 - 55 ... + 125 C CT/CN0402 ... 0603 < 0,5 ns 235 C, 2 s in acc. with IEC 60068-2-58 in acc. with IEC 60068-2-58
Resistance to soldering heat 260 C, 10 s
1) For mounted parts (storage conditions for unused parts on reel see page 38, chapter "General Technical Information")
117 04/02
www..com
SMD Varistors Standard - Nickel Barrier Termination (available upon request)
Maximum ratings (0402 ... 0603: TA = 85 C; 0805 ... 2220: TA = 125 C) Type SIOVCT0603M4G CT0805M4G CT1206M4G CT1210M4G CT1812M4G CT2220M4G CT0603M6G CT0805M6G CT0805M6CCG CT1206M6G CT1210M6G CT1812M6G CT2220M6G CT0603M7G CT0603L8G CT0805L8G CT1206L8G CT1210L8G CT1812L8G CT2220L8G CT0603K11G CT0805K11G CT1206K11G CT1210K11G CT1812K11G CT2220K11G CT0402L14G CT0603K14G CT0805K14G CT1206K14G CT1210K14G CT1812K14G CT2220K14G Ordering code VRMS V 4 4 4 4 4 4 6 6 6 6 6 6 6 7 8 8 8 8 8 8 11 11 11 11 11 11 14 14 14 14 14 14 14 VDC V 5,5 5,5 5,5 5,5 5,5 5,5 8 8 8 8 8 8 8 9 11 11 11 11 11 11 14 14 14 14 14 14 16 18 18 18 18 18 18 imax 8/20 ms A 30 100 150 250 500 1000 30 120 120 200 300 500 1200 30 30 120 200 400 800 1200 30 120 200 400 800 1200 10 30 120 200 400 800 1200 Wmax (2 ms) J 0,1 0,1 0,3 0,4 0,8 1,4 0,1 0,2 0,2 0,4 0,7 1,0 3,6 0,1 0,1 0,2 0,5 1,0 1,8 4,2 0,2 0,2 0,5 1,2 1,9 5,4 0,01 0,2 0,3 0,5 1,5 2,3 5,8 Pmax W 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,005 0,005 0,008 0,010 0,015 0,020 0,003 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,003 0,005 0,008 0,010 0,015 0,020
B72500T0040M060 B72510T0040M062 B72520T0040M062 B72530T0040M062 B72580T0040M062 B72540T0040M062 B72500T0060M060 B72510T0060M062 B72510T5060M062 B72520T0060M062 B72530T0060M062 B72580T0060M062 B72540T0060M062 B72500T0070M060 B72500T0080L060 B72510T0080L062 B72520T0080L062 B72530T0080L062 B72580T0080L062 B72540T0080L062 B72500T0110K060 B72510T0110K062 B72520T0110K062 B72530T0110K062 B72580T0110K062 B72540T0110K062 B72590T0140L060 B72500T0140K060 B72510T0140K062 B72520T0140K062 B72530T0140K062 B72580T0140K062 B72540T0140K062
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
118 04/02
www..com
SMD Varistors Standard - Nickel Barrier Termination (available upon request)
Characteristics (TA = 25 C) Type SIOVCT0603M4G CT0805M4G CT1206M4G CT1210M4G CT1812M4G CT2220M4G CT0603M6G CT0805M6G CT0805M6CCG CT1206M6G CT1210M6G CT1812M6G CT2220M6G CT0603M7G CT0603L8G CT0805L8G CT1206L8G CT1210L8G CT1812L8G CT2220L8G CT0603K11G CT0805K11G CT1206K11G CT1210K11G CT1812K11G CT2220K11G CT0402L14G CT0603K14G CT0805K14G CT1206K14G CT1210K14G CT1812K14G CT2220K14G Vv (1 mA) V 8 8 8 8 8 8 11 11 11 11 11 11 11 12,5 15 15 15 15 15 15 18 18 18 18 18 18 23,5 22 22 22 22 22 22
DV v (1 mA) % 20 20 20 20 20 20
20 20 20 20 20 20 20
Max. clamping voltage v i V A 19 1,0 19 1,0 17 1,0 17 2,5 17 5,0 17 10,0 27 27 27 25 25 25 25 30 33 33 30 30 30 30 35 35 33 33 33 33 46 40 40 38 38 38 38 1,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 1,0 2,5 5,0 10,0
C typ (1 kHz) pF 200 700 1500 5000 10000 24000 200 600 15001) 1200 4000 8000 20000 200 150 500 1000 3000 6000 16000 100 400 800 2400 5000 12000 602) 100 350 700 2000 4500 10000
Ltyp nH 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,5 1,5 1,8 1,8 2,5 3,0 1,0 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,5 1,8 1,8 2,5 3,0 0,8 1,0 1,5 1,8 1,8 2,5 3,0
Derating curve Page 238 238 240 241 242 245 238 239 239 240 241 242 245 238 238 239 240 242 244 245 238 239 240 242 244 245 237 238 239 240 242 244 245
V/I characteristic Page 266 267 268 269 270 271 266 267 267 268 269 270 271 266 266 267 268 269 270 271 266 267 268 269 270 271 265 266 267 268 269 270 271
20
15 15 15 15 15 15 10 10 10 10 10 10 15 10 10 10 10 10 10
1) C (1 MHz); 20 %;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
119 04/02
www..com
SMD Varistors Standard - Nickel Barrier Termination (available upon request)
Maximum ratings (0402 ... 0603: TA = 85 C; 0805 ... 2220: TA = 125 C) Type SIOVCT0603K17G CT0603K17LCG CT0805K17G CT0805K17LCG CT1206K17G CT1210K17G CT1812K17G CT2220K17G CT0603K20G CT0805K20G CT1206K20G CT1210K20G CT1812K20G CT2220K20G CT0603K25G CT0805K25G CT1206K25G CT1210K25G CT1812K25G CT2220K25G CT0805K30G CT1206K30G CT1210K30G CT1812K30G CT2220K30G CT1206K35G CT1210K35G CT1812K35G CT2220K35G CT1206K40G CT1210K40G CT1812K40G CT2220K40G Ordering code VRMS V 17 17 17 17 17 17 17 17 20 20 20 20 20 20 25 25 25 25 25 25 30 30 30 30 30 35 35 35 35 40 40 40 40 VDC V 22 22 22 22 22 22 22 22 26 26 26 26 26 26 31 31 31 31 31 31 38 38 38 38 38 45 45 45 45 56 56 56 56 imax 8/20 ms A 30 10 120 30 200 400 800 1200 30 80 200 400 800 1200 30 80 200 300 800 1200 80 200 300 800 1200 100 250 500 1000 100 250 500 1000 Wmax (2 ms) J 0,2 0,1 0,3 0,1 0,6 1,7 2,7 7,2 0,2 0,3 0,7 1,9 3,0 7,8 0,3 0,3 1,0 1,7 3,7 9,6 0,3 1,1 2,0 4,2 12,0 0,4 2,0 4,0 7,7 0,5 2,3 4,8 9,0 Pmax W 0,003 0,001 0,005 0,004 0,008 0,010 0,015 0,020 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,005 0,008 0,010 0,015 0,020 0,005 0,008 0,010 0,015 0,020 0,008 0,010 0,015 0,020 0,008 0,010 0,015 0,020
B72500T0170K060 B72500T2170K060 B72510T0170K062 B72510T2170K062 B72520T0170K062 B72530T0170K062 B72580T0170K062 B72540T0170K062 B72500T0200K060 B72510T0200K062 B72520T0200K062 B72530T0200K062 B72580T0200K062 B72540T0200K062 B72500T0250K060 B72510T0250K062 B72520T0250K062 B72530T0250K062 B72580T0250K062 B72540T0250K062 B72510T0300K062 B72520T0300K062 B72530T0300K062 B72580T0300K062 B72540T0300K062 B72520T0350K062 B72530T0350K062 B72580T0350K062 B72540T0350K062 B72520T0400K062 B72530T0400K062 B72580T0400K062 B72540T0400K062
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
120 04/02
www..com
SMD Varistors Standard - Nickel Barrier Termination (available upon request)
Characteristics (TA = 25 C) Vv (1 mA) V SIOVCT0603K17G 27 CT0603K17LCG 27 CT0805K17G 27 CT0805K17LCG 27 CT1206K17G 27 CT1210K17G 27 CT1812K17G 27 CT2220K17G 27 CT0603K20G CT0805K20G CT1206K20G CT1210K20G CT1812K20G CT2220K20G CT0603K25G CT0805K25G CT1206K25G CT1210K25G CT1812K25G CT2220K25G CT0805K30G CT1206K30G CT1210K30G CT1812K30G CT2220K30G CT1206K35G CT1210K35G CT1812K35G CT2220K35G CT1206K40G CT1210K40G CT1812K40G CT2220K40G 33 33 33 33 33 33 39 39 39 39 39 39 47 47 47 47 47 56 56 56 56 68 68 68 68 Type Max. clamping voltage DV v (1 mA) v i % V A 10 46 1,0 10 50 1,0 10 46 1,0 1,0 +22/-81) 50 10 44 1,0 10 44 2,5 10 44 5,0 10 44 10,0 C typ (1 kHz) pF 100 < 50 400 < 100 650 1800 4000 9000 90 300 600 1500 3000 7000 90 2) 250 550 1200 2500 5000 200 500 1000 2000 4000 200 600 1200 2500 250 500 1000 2000 Ltyp nH 1,0 1,0 1,5 1,0 1,8 1,8 2,5 3,0 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,8 1,8 2,5 3,0 1,8 1,8 2,5 3,0 1,8 1,8 2,5 3,0 Derating curve Page 238 237 239 238 240 242 244 245 238 239 240 242 244 245 238 239 240 241 244 245 239 240 241 244 245 238 241 242 245 238 241 242 245 V/I characteristic Page 266 266 267 267 268 269 270 271 266 267 268 269 270 271 266 267 268 269 270 271 267 268 269 270 271 268 269 270 271 268 269 270 271

10 10 10 10 10 10 10 10 10 10 10 10
56 56 54 54 54 54 67 67 65 65 65 65 77 77 77 77 77 90 90 90 90 110 110 110 110
1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 2,5 5,0 10,0 1,0 2,5 5,0 10,0 1,0 2,5 5,0 10,0
10 10 10 10 + 10
10 10 10 10 10 10 10 10
1) C (1 MHz);differs from standard; MHz) Ctyp (1 MHz) Tolerance 20 %; 2) Ctyp (1 2) A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
121 04/02
www..com
SMD Varistors Standard - Nickel Barrier Termination (available upon request)
Maximum ratings (0402 ... 0603: TA = 85 C; 0805 ... 2220: TA = 125 C) Type SIOVCT1206K50G CT1210K50G CT1812K50G CT2220K50G CT1206K60G CT1210K60G CT1812K60G CT2220K60G Ordering code VRMS V 50 50 50 50 60 60 60 60 VDC V 65 65 65 65 85 85 85 85 imax 8/20 ms A 100 200 400 800 100 200 400 800 Wmax (2 ms) J 0,6 1,6 4,5 5,6 0,7 2,0 5,8 6,8 Pmax W 0,008 0,010 0,015 0,020 0,008 0,010 0,015 0,020
B72520T0500K062 B72530T0500K062 B72580T0500K062 B72540T0500K062 B72520T0600K062 B72530T0600K062 B72580T0600K062 B72540T0600K062
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
122 04/02
www..com
SMD Varistors Standard - Nickel Barrier Termination (available upon request)
Characteristics (TA = 25 C) Type SIOVCT1206K50G CT1210K50G CT1812K50G CT2220K50G CT1206K60G CT1210K60G CT1812K60G CT2220K60G Vv (1 mA) V 82 82 82 82 100 100 100 100
DV v (1 mA) % 10 10 10 10
10 10 10 10
Max. clamping voltage v i V A 135 1,0 135 2,5 135 5,0 135 10,0 165 165 165 165 1,0 2,5 5,0 10,0
C typ (1 kHz) pF 120 250 500 1000 100 200 400 800
Ltyp nH 1,8 1,8 2,5 3,0 1,8 1,8 2,5 3,0
Derating curve Page 238 240 242 244 238 240 242 244
V/I characteristic Page 268 269 270 271 268 269 270 271
1) C (1 MHz); 20 %;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
123 04/02
www..com
SMD Varistors Standard - Silver Palladium Termination (0402: Silver Platinum)
Maximum ratings (0402 ... 0603: TA = 85 C; 0805 ... 2220: TA = 125 C) Type SIOVCN0603M4G CN0805M4G CN1206M4G CN1210M4G CN1812M4G CN2220M4G CN0603M6G CN0805M6G CN0805M6CCG CN1206M6G CN1210M6G CN1812M6G CN2220M6G CN0603M7G CN0603L8G CN0805L8G CN1206L8G CN1210L8G CN1812L8G CN2220L8G CN0603K11G CN0805K11G CN1206K11G CN1210K11G CN1812K11G CN2220K11G CN0402L14GK2 CN0603K14G CN0805K14G CN1206K14G CN1210K14G CN1812K14G CN2220K14G Ordering code VRMS V 4 4 4 4 4 4 6 6 6 6 6 6 6 7 8 8 8 8 8 8 11 11 11 11 11 11 14 14 14 14 14 14 14 VDC V 5,5 5,5 5,5 5,5 5,5 5,5 8 8 8 8 8 8 8 9 11 11 11 11 11 11 14 14 14 14 14 14 16 18 18 18 18 18 18 imax 8/20 ms A 30 100 150 250 500 1000 30 120 120 200 300 500 1200 30 30 120 200 400 800 1200 30 120 200 400 800 1200 10 30 120 200 400 800 1200 Wmax (2 ms) J 0,1 0,1 0,3 0,4 0,8 1,4 0,1 0,2 0,2 0,4 0,7 1,0 3,6 0,1 0,1 0,2 0,5 1,0 1,8 4,2 0,2 0,2 0,5 1,2 1,9 5,4 0,01 0,2 0,3 0,5 1,5 2,3 5,8 Pmax W 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,005 0,005 0,008 0,010 0,015 0,020 0,003 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,003 0,005 0,008 0,010 0,015 0,020
B72500V0040M060 B72510V0040M062 B72520V0040M062 B72530V0040M062 B72580V0040M062 B72540V0040M062 B72500V0060M060 B72510V0060M062 B72510V5060M062 B72520V0060M062 B72530V0060M062 B72580V0060M062 B72540V0060M062 B72500V0070M060 B72500V0080L060 B72510V0080L062 B72520V0080L062 B72530V0080L062 B72580V0080L062 B72540V0080L062 B72500V0110K060 B72510V0110K062 B72520V0110K062 B72530V0110K062 B72580V0110K062 B72540V0110K062 B72592V0140L060 B72500V0140K060 B72510V0140K062 B72520V0140K062 B72530V0140K062 B72580V0140K062 B72540V0140K062
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
124 04/02
www..com
SMD Varistors Standard - Silver Palladium Termination (0402: Silver Platinum)
Characteristics (TA = 25 C) Type SIOVCN0603M4G CN0805M4G CN1206M4G CN1210M4G CN1812M4G CN2220M4G CN0603M6G CN0805M6G CN0805M6CCG CN1206M6G CN1210M6G CN1812M6G CN2220M6G CN0603M7G CN0603L8G CN0805L8G CN1206L8G CN1210L8G CN1812L8G CN2220L8G CN0603K11G CN0805K11G CN1206K11G CN1210K11G CN1812K11G CN2220K11G CN0402L14GK2 CN0603K14G CN0805K14G CN1206K14G CN1210K14G CN1812K14G CN2220K14G Vv (1 mA) V 8 8 8 8 8 8 11 11 11 11 11 11 11 12,5 15 15 15 15 15 15 18 18 18 18 18 18 23,5 22 22 22 22 22 22
DV v (1 mA) % 20 20 20 20 20 20
20 20 20 20 20 20 20
Max. clamping voltage v i V A 19 1,0 19 1,0 17 1,0 17 2,5 17 5,0 17 10,0 27 27 27 25 25 25 25 30 33 33 30 30 30 30 35 35 33 33 33 33 46 40 40 38 38 38 38 1,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 1,0 2,5 5,0 10,0
C typ (1 kHz) pF 200 700 1500 5000 10000 24000 200 600 15001) 1200 4000 8000 20000 200 150 500 1000 3000 6000 16000 100 400 800 2400 5000 12000 602) 100 350 700 2000 4500 10000
Ltyp nH 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,5 1,5 1,8 1,8 2,5 3,0 1,0 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,5 1,8 1,8 2,5 3,0 0,8 1,0 1,5 1,8 1,8 2,5 3,0
Derating curve Page 238 238 240 241 242 245 238 239 239 240 241 242 245 238 238 239 240 242 244 245 238 239 240 242 244 245 237 238 239 240 242 244 245
V/I characteristic Page 266 267 268 269 270 271 266 267 267 268 269 270 271 266 266 267 268 269 270 271 266 267 268 269 270 271 265 266 267 268 269 270 271
20
15 15 15 15 15 15 10 10 10 10 10 10 15 10 10 10 10 10 10
1) C (1 MHz); 20 %;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
125 04/02
www..com
SMD Varistors Standard - Silver Palladium Termination (0402: Silver Platinum)
Maximum ratings (0402 ... 0603: TA = 85 C; 0805 ... 2220: TA = 125 C) Type SIOVCN0603K17G CN0603K17LCG CN0805K17G CN0805K17LCG CN1206K17G CN1210K17G CN1812K17G CN2220K17G CN0603K20G CN0805K20G CN1206K20G CN1210K20G CN1812K20G CN2220K20G CN0603K25G CN0805K25G CN1206K25G CN1210K25G CN1812K25G CN2220K25G CN0805K30G CN1206K30G CN1210K30G CN1812K30G CN2220K30G CN1206K35G CN1210K35G CN1812K35G CN2220K35G CN1206K40G CN1210K40G CN1812K40G CN2220K40G Ordering code VRMS V 17 17 17 17 17 17 17 17 20 20 20 20 20 20 25 25 25 25 25 25 30 30 30 30 30 35 35 35 35 40 40 40 40 VDC V 22 22 22 22 22 22 22 22 26 26 26 26 26 26 31 31 31 31 31 31 38 38 38 38 38 45 45 45 45 56 56 56 56 imax 8/20 ms A 30 10 120 30 200 400 800 1200 30 80 200 400 800 1200 30 80 200 300 800 1200 80 200 300 800 1200 100 250 500 1000 100 250 500 1000 Wmax (2 ms) J 0,2 0,1 0,3 0,1 0,6 1,7 2,7 7,2 0,3 0,3 0,7 1,9 3,0 7,8 0,3 0,3 1,0 1,7 3,7 9,6 0,3 1,1 2,0 4,2 12,0 0,4 2,0 4,0 7,7 0,5 2,3 4,8 9,0 Pmax W 0,003 0,001 0,005 0,004 0,008 0,010 0,015 0,020 0,003 0,005 0,008 0,010 0,015 0,020 0,003 0,005 0,008 0,010 0,015 0,020 0,005 0,008 0,010 0,015 0,020 0,008 0,010 0,015 0,020 0,008 0,010 0,015 0,020
B72500V0170K060 B72500V2170K060 B72510V0170K062 B72510V2170K062 B72520V0170K062 B72530V0170K062 B72580V0170K062 B72540V0170K062 B72500V0200K060 B72510V0200K062 B72520V0200K062 B72530V0200K062 B72580V0200K062 B72540V0200K062 B72500V0250K060 B72510V0250K062 B72520V0250K062 B72530V0250K062 B72580V0250K062 B72540V0250K062 B72510V0300K062 B72520V0300K062 B72530V0300K062 B72580V0300K062 B72540V0300K062 B72520V0350K062 B72530V0350K062 B72580V0350K062 B72540V0350K062 B72520V0400K062 B72530V0400K062 B72580V0400K062 B72540V0400K062
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
126 04/02
www..com
SMD Varistors Standard - Silver Palladium Termination (0402: Silver Platinum)
Characteristics (TA = 25 C) Vv (1 mA) V SIOVCN0603K17G 27 CN0603K17LCG 27 CN0805K17G 27 CN0805K17LCG 27 CN1206K17G 27 CN1210K17G 27 CN1812K17G 27 CN2220K17G 27 CN0603K20G CN0805K20G CN1206K20G CN1210K20G CN1812K20G CN2220K20G CN0603K25G CN0805K25G CN1206K25G CN1210K25G CN1812K25G CN2220K25G CN0805K30G CN1206K30G CN1210K30G CN1812K30G CN2220K30G CN1206K35G CN1210K35G CN1812K35G CN2220K35G CN1206K40G CN1210K40G CN1812K40G CN2220K40G 33 33 33 33 33 33 39 39 39 39 39 39 47 47 47 47 47 56 56 56 56 68 68 68 68 Type Max. clamping voltage DV v (1 mA) v i % V A 10 46 1,0 10 50 1,0 10 46 1,0 1,0 +22/-81) 50 10 44 1,0 10 44 2,5 10 44 5,0 10 44 10,0 C typ (1 kHz) pF 100 < 50 400 < 100 650 1800 4000 9000 90 300 600 1500 3000 7000 902) 250 550 1200 2500 5000 200 500 1000 2000 4000 200 600 1200 2500 250 500 1000 2000 Ltyp nH 1,0 1,0 1,5 1,0 1,8 1,8 2,5 3,0 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,5 1,8 1,8 2,5 3,0 1,0 1,8 1,8 2,5 3,0 1,8 1,8 2,5 3,0 1,8 1,8 2,5 3,0 Derating curve Page 238 237 239 238 240 242 244 245 238 239 240 242 244 245 238 239 240 241 244 245 239 240 241 244 245 238 241 242 245 238 241 242 245 V/I characteristic Page 266 266 267 267 268 269 270 271 266 267 268 269 270 271 266 267 268 269 270 271 267 268 269 270 271 268 269 270 271 268 269 270 271

10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
56 56 54 54 54 54 67 67 65 65 65 65 77 77 77 77 77 90 90 90 90 110 110 110 110
1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 1,0 2,5 5,0 10,0 1,0 1,0 2,5 5,0 10,0 1,0 2,5 5,0 10,0 1,0 2,5 5,0 10,0
1) C (1 MHz);differs from standard; MHz) Ctyp (1 MHz) Tolerance 20 %; 2) Ctyp (1 2) A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
127 04/02
www..com
SMD Varistors Standard - Silver Palladium Termination (0402: Silver Platinum)
Maximum ratings (0402 ... 0603: TA = 85 C; 0805 ... 2220: TA = 125 C) Type SIOVCN1206K50G CN1210K50G CN1812K50G CN2220K50G CN1206K60G CN1210K60G CN1812K60G CN2220K60G Ordering code VRMS V 50 50 50 50 60 60 60 60 VDC V 65 65 65 65 85 85 85 85 imax 8/20 ms A 100 200 400 800 100 200 400 800 Wmax (2 ms) J 0,6 1,6 4,5 5,6 0,7 2,0 5,8 6,8 Pmax W 0,008 0,010 0,015 0,020 0,008 0,010 0,015 0,020
B72520V0500K062 B72530V0500K062 B72580V0500K062 B72540V0500K062 B72520V0600K062 B72530V0600K062 B72580V0600K062 B72540V0600K062
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
128 04/02
www..com
SMD Varistors Standard - Silver Palladium Termination (0402: Silver Platinum)
Characteristics (TA = 25 C) Type SIOVCN1206K50G CN1210K50G CN1812K50G CN2220K50G CN1206K60G CN1210K60G CN1812K60G CN2220K60G Vv (1 mA) V 82 82 82 82 100 100 100 100
DV v (1 mA) % 10 10 10 10
10 10 10 10
Max. clamping voltage v i V A 135 1,0 135 2,5 135 5,0 135 10,0 165 165 165 165 1,0 2,5 5,0 10,0
C typ (1 kHz) pF 120 250 500 1000 100 200 400 800
Ltyp nH 1,8 1,8 2,5 3,0 1,8 1,8 2,5 3,0
Derating curve Page 238 240 242 244 238 240 242 244
V/I characteristic Page 268 269 270 271 268 269 270 271
1) C (1 MHz); 20 %;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter "Applications").
129 04/02
www..com
SMD Varistors MLV; Standard Series
b
h
Weight: < 0,2 g Termination acc. CECC 32101-801 Dimensions Type SIOV-CT/CN0402 SIOV-CT/CN0603 SIOV-CT/CN0805 SIOV-CT/CN1206 SIOV-CT/CN1210 SIOV-CT/CN1812 SIOV-CT/CN2220 I mm 1,0 0,15 1,6 0,15 2,0 0,20 3,2 0,30 3,2 0,30 4,5 0,40 5,7 0,40 b mm 0,50 0,10 0,80 0,10 1,25 0,15 1,60 0,20 2,50 0,25 3,20 0,30 5,00 0,40 h mm 0,6 max. 0,9 max. 1,4 max. 1,7 max. 1,7 max. 2,5 max. 2,5 max. k mm 0,1 ... 0,3 0,1 ... 0,4 0,13 ... 0,75 0,25 ... 0,75 0,25 ... 0,75 0,25 ... 1,0 0,25 ... 1,0
VAR0406-M
Termination: nickel barrier (CT) or silver palladium (CN)
B C B
A
D
VAR0391-D
Recommended solder pad layout Type SIOV-CT/CN0402 SIOV-CT/CN0603 SIOV-CT/CN0805 SIOV-CT/CN1206 SIOV-CT/CN1210 SIOV-CT/CN1812 SIOV-CT/CN2220 A mm 0,6 1,0 1,4 1,8 2,8 3,6 5,5 B mm 0,6 1,0 1,2 1,2 1,2 1,5 1,5 C mm 0,5 1,0 1,0 2,1 2,1 3,0 4,2 D mm 1,7 3,0 3,4 4,5 4,5 6,0 7,2
130 04/02
A
k
www..com
Herausgegeben von EPCOS AG Unternehmenskommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND ++49 89 636 09, FAX (0 89) 636-2 26 89
(
EPCOS AG 2002. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet.
Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen. Published by EPCOS AG Corporate Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY ++49 89 636 09, FAX (0 89) 636-2 26 89
EPCOS AG 2002. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
(


▲Up To Search▲   

 
Price & Availability of B72500TXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X