Part Number Hot Search : 
00PS4 BCM97315 25JPF10 FC161 MC34066 EPS13D2 14S20 EPS13D2
Product Description
Full Text Search
 

To Download AXX52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specification Oscillator type :
Parameter
Frequency range Crystal cut Mode
Issue: 01 AXX52 Quartz Crystal Unit HC-52/U / UM-1 min. typ. max. Unit
160 AT 1 6 ~ 50 3 30 ~ 120 5 75 ~ 160 5 ~ 100 pF or Series 5 ~ 50 3 ~ 50 -40 6 MHz MHz MHz MHz pF ppm
Date: 2005-01-15
Condition
Fundamental mode 3rd overtone 5th overtone See ordering code See ordering code See Table 1 See Table 1 per year See Table 2
Load capacitance CL Adjustment tolerance Frequency stability Frequency stability over temperature range operating temperature range (steady state) long term (aging) Resonance resistance Rr max Motional capacitance C1 Static capacitance C0 Drive level Insulation resistance Storage temperature range Enclosure (see drawing) Can height Flange width SMD configuration marking
ppm +105 C 2 ppm fF 5 pF 0,01 100 1000 W 500 M -45 +105 C HC-52/U (UM-1) max. 8,0 max. 3,2 Optional Frequency (MHz) AXX52 wwAXyy Bulk / Tape & reel mm mm.
100 V DC IEC 60122-3, Type EB, EK, and SS-L3 (SMD) See ordering code Side 1
Date Code & MfG Code T&R On request Packing Notes: 1. Terminology and test conditions are according to IEC standard IEC60122-1, unless otherwise stated 2. Measurement technique according to IEC 60444-5 or equivalent 3.
Table 1: Frequency Stability over Temperature
ppm C Code -10 ~ + 60 A -20 ~ + 60 B 0 ~ + 70 C -10 ~ + 70 D -20 ~ + 70 E -30 ~ + 60 F -20 ~ + 85 G -30 ~ + 70 H 0 ~ + 85 I -40 ~ + 85 J -40 ~ + 90 K -40 ~ + 105 L 3 1 5 2 7 3 10 15 20 30 50 4 5 6 7 8
Table 2: Resistance Rr
Frequency [MHz] 6 ~ 9.999 10 ~ 50 30 ~ 120 75 ~160 Mode 1 1 3rd 5th Rrmax [] 40 25 40 60







GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXX-52
page 1(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 929836 E-mail: info@axtal.com
Ordering Code:
Type Frequency Load capacitance [MHz] SR: Series Mode
AXX52 35.328
18: 18 pF 18
1:Fund 3, 5: OT 1
Adjustment Freq. stability Tolerance over temperature [ppm] Code :Table 1
Package Option
Packing
10
A3
J: Jacket/Clip B: Bulk T&R: Tape& Reel 3: 3rd lead J T&R
Enclosure drawings
HC-52/U (UM-1)
UM-1 3rd lead
UM-1 Jacket/Clip
Environmental conditions
Test Visual inspection, dimensions Sealing tests Solderability Resistance to soldering heat Shock Bump Free fall Vibration, sinusoidal Rapid change of temperature Dry heat IEC 60068 Part ... IEC 61178-1 clause ... 4.5 4.6 4.8.2 4.8.3 Test conditions Enclosure styles as in IEC 60122-3, if applicable Gross leak: Test Qc, Fine leak: Test Qk Test Ta (235 5)C Method 1 Test Tb Method 1A, 5s Test Ea, 3 x per axes 100g, 6 ms half-sine pulse Test Eb, 4000 bumps per Axes, 40g, 6 ms Test Ed procedure 1, 2 drops from 1m height Test Fc, 30 min per axes, 10 Hz - 55 Hz 0,75mm; 55 Hz - 1 kHz, 10g Test Na, 10 cycles at extremes of operating temperature range Test Ba, 16 h at upper temperature indicated by climatic category Test Db variant 1 severity b), 55C/95% r.H., 6 cycles Test Aa, 2 h at lower temperature indicated by climatic category Sequence of 4.8.11, 4.8.12 st (1 cycle), 4.8.13, 4.8.12 (5 cycles) Test Ca, 56 days
2-17 2-20
2-27 2-29 2-32 2-6
4.8.8 4.8.6 4.8.9 4.8.7
2-14
4.8.5
2-2
4.8.11
Damp heat, cyclic Cold
2-30 2-1
4.8.12 4.8.13
Climatic sequence
1-7
4.8.14
Damp heat, steady state Endurance tests - ageing - extended aging
2-3
4.8.15
4.9.1 4.9.2
30 days @ 85C 1000h, 2000h, 8000h @85C
GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany
AXX-52
page 2(2)
www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 929836 E-mail: info@axtal.com


▲Up To Search▲   

 
Price & Availability of AXX52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X