Part Number Hot Search : 
MJF1800 100000 FR102 NTHS0603 Z5221B FR153 038611 67401ANL
Product Description
Full Text Search
 

To Download AXO110012000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB LECTRO Inc.
CRYSTAL OSCILLATOR
HCMOS/TTL Crystal Oscillator - AXO Series FEATURE
All metal welded package Broad frequency range from 0.25Mhz to 180MHz Built-in C-MOS IC with tri-state function 5V and 3.3V supply model available
ELECTRICAL SPECIFICATIONS
Model type Fan Out Type Supply Voltage Frequency Range Operating Temperature 0.25MHz ~9.999MHz Frequency Range Input Current (Max) 10.000MHz~ 23.999MHz 24.000MHz ~ 49.999MHz 50.000MHz ~ 79.999MHz 80.000MHz ~ 180.000MHz Frequency Stability Symmetry Input Voltage Rise/Fall Time Driving Ability Start-up Time All Conditions AT 1/2 Vdd Vol(max) 2.4V/4.5V AT 0.1Vdd~0.9Vdd CMOS load max TTL load max Load RANGE 15pF/50pF 10TTL 15pF 0.4V/0.5V 3.0V 0.33V 2.4V/2.5V 5ns max 15pF/50pF 10TTL 5 ms max(15pF)/ 10 ms (50pF) 15pF 15mA 15mA 30ma 40mA 50mA 5.0V 0.25-180MHz Full Size TTL/CMOS CMOS 3.3V 0.25-180MHz 5.0V 0.25-180MHz Half Size TTL/CMOS CMOS 3.3V 0.25-180MHz
0-70 ,-20-70 ,-40-85 10mA 10mA 20mA 20mA 30mA 15mA 15mA 30ma 40mA 50mA 10mA 10mA 20mA 20mA 30mA
25, 50, 100ppm 45/55% 0.4V/0.5V 3.0V 0.33V 2.97V
The design, manufacturing process, and specifications of this device are subject to change without notice. Page 2 of 3
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.
CRYSTAL OSCILLATOR
HCMOS/TTL Crystal Oscillator - AXO Series
E/D Function #1 OPEN #1 >=2.2V #1 <=0.8V PIN #8 OPEN PIN #8 OPEN PIN #8 HIGHZ PIN#1 E/D PIN#7 GND PIN#8 OUT PIN#14 Vdd #5 OPEN #5 OPEN #5 HIGHZ PIN#1 E/D PIN#4 GND PIN#5 OUT PIN#8 Vdd
PAD Connection
MARKING AND DIMENSIONS
PART NUMBER GUIDE
AXO
-
1
-
100
TOLERANCE 25 , 50 , 100 PPM
-
H
-
12.000
FREQUENCY
-
E
1 = TTL / CMOS (5V) 2 = CMOS (3.3V)
BLANK = FULL SIZE H = HALF SIZE
BLANK = 0+70C B = -20+70C E = -40+85C
3600 boul. Matte suite i Brossard Qc tel:(450)-444-1424 fax:(450)-444-4714


▲Up To Search▲   

 
Price & Availability of AXO110012000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X