Part Number Hot Search : 
15TBG KA2S0765 SMCJ43 74ALVC1 40C20 GL5HS BUZ35 RG12864D
Product Description
Full Text Search
 

To Download 5962F9863201VCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACS109MS
Data Sheet July 1999 File Number 4760
Radiation Hardened Dual J-K Flip-Flop with Set and Reset
The Radiation Hardened ACS109MS is a Dual J-K FlipFlop with Set and Reset. These Flip-Flops have independent J, K, Set, Reset, and Clock inputs and Q and Q outputs. The outputs change state on the positive-going transition of the clock. Set and Reset are accomplished asynchronously by Low-level inputs. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times. The ACS109MS is fabricated on a CMOS Silicon on Sapphire (SOS) process, which provides an immunity to Single Event Latch-up and the capability of highly reliable performance in any radiation environment. These devices offer significant power reduction and faster performance when compared to ALSTTL types. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed below must be used when ordering. Detailed Electrical Specifications for the ACS109MS are contained in SMD 5962-98632. A "hot-link" is provided on our homepage for downloading. http://www.intersil.com/spacedefense/spaceselect.htm
Features
* QML Qualified Per MIL-PRF-38535 Requirements * 1.25 Micron Radiation Hardened SOS CMOS * Radiation Environment - Latch-Up Free Under Any Conditions - Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si) - SEU Immunity . . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day - SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2) * Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC) * Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA (Min) * Quiescent Supply Current . . . . . . . . . . . . . . . 10A (Max) * Propagation Delay . . . . . . . . . . . . . . . . . . . . . . 25ns (Max)
Applications
* High Speed Control Circuits * Sensor Monitoring * Low Power Designs
Ordering Information
ORDERING NUMBER 5962F9863201VCC ACS109D/SAMPLE-03 5962F9863201VXC ACS109K/SAMPLE-03 5962F9863201V9A INTERNAL MARKETING NUMBER ACS109DMSR-03 ACS109D/SAMPLE-03 ACS109KMSR-03 ACS109K/SAMPLE-03 ACS109HMSR-03 TEMP. RANGE (oC) -55 to 125 25 -55 to 125 25 25 PACKAGE 16 Ld SBDIP 16 Ld SBDIP 16 Ld Flatpack 16 Ld Flatpack Die DESIGNATOR CDIP2-T16 CDIP2-T16 CDFP4-F16 CDFP4-F16 NA
Pinouts
ACS109MS (SBDIP) TOP VIEW
1R 1 1J 2 1K 3 1CP 4 1S 5 1Q 6 1Q 7 GND 8 16 VCC 15 2R 14 2J 13 2K 12 2CP 11 2S 10 2Q 9 2Q 1R 1J 1K 1CP 1S 1Q 1Q GND
ACS109MS (FLATPACK) TOP VIEW
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC 2R 2J 2K 2CP 2S 2Q 2Q
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
ACS109MS Die Characteristics
DIE DIMENSIONS: Size: 2390m x 2390m (94 mils x 94 mils) Thickness: 525m 25m (20.6 mils 1 mil) Bond Pad: 110m x 110m (4.3 x 4.3 mils) METALLIZATION: AI Metal 1 Thickness: 0.7m 0.1m Metal 2 Thickness: 1.0m 0.1m SUBSTRATE POTENTIAL Unbiased Insulator PASSIVATION: Type: Phosphorous Silicon Glass (PSG) Thickness: 1.30m 0.15m SPECIAL INSTRUCTIONS Bond VCC First ADDITIONAL INFORMATION: Worst Case Current Density: <2.0 x 105 A/cm2 Transistor Count: 236
Metallization Mask Layout
ACS109MS
1J (2) 1R (1) VCC (16) 2R (15)
(14) 2J 1K (3)
(13) 2K 1CP (4) (12) 2CP 1S (5)
(11) 2S 1Q (6)
(7) 1Q
(8) GND
(9) 2Q
(10) 2Q
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (321) 724-7000 FAX: (321) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
2


▲Up To Search▲   

 
Price & Availability of 5962F9863201VCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X