Part Number Hot Search : 
T520T 105PF 090A0 BR151L Y62167 ON2847 2N603 C1514
Product Description
Full Text Search
 

To Download 5817SS12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SMA5817-SMA5819
MECHANICAL DATA
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 80 Volts CURRENT - 1.0 Ampere
FEATURES
* ldeal for surface mounted applications * Low leakage current * Glass passivated junction
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Terminals: Solder plated solderable per MIL-STD-750, Method 2026 * Polarity: As marked * Mounting position: Any * Weight: 0.064 gram
.062(1.60) .055(1.40) .181(4.60) .157(4.00)
.114(2.90) .098(2.50)
SMA ( DO-214AC )
.096(2.44) .078(2.00) .060(1.52) .030(.76) .208(5.28) .188(4.80)
.008(0.203) .002(0.051)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
PARAMETER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current: 8.3 ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum Instantaneous Voltage at 1.0A DC @TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100 Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 ) Operating and Storage Temperature Range
Notes:
SYMBOL
VRRM VRMS VDC IO IFSM VF IR CJ RJA TJ,TSTG
SMA5817 SMA5818 SMA5819 SR150 SR160 SR170 UNITS SS12 SS13 SS14 SS15 SS16 SS18
20 14 20 30 21 30 40 28 40 1.0 30 0.55 0.70 1.0 20 110 88 -65 to +125 , -65 to +150 0.85 50 35 50 60 42 60 80 56 80 Volts Volts Volts Amps Amps Volts mAmps pF /W
1.Measured at 1 MHz and applied reverse voltage of 4.0volts. 2. Thermal Resistance from Junction to Ambient, .0.2X0.2*(5.0X5.0mm2) copper pad area.
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
www..com
SMA5817-SMA5819
RATINGS AND CHARACTERISTICS CURVES
SS
SS 12~ SS 14
15~ SS 18
SS12~SS14 SS15~SS18
SS12~SS14
SS15~SS18
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of 5817SS12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X