Part Number Hot Search : 
ANTX2N6 STB8NC50 GRM31CR7 IRF74 LT3032 2040CT JANTXV STK66083
Product Description
Full Text Search
 

To Download 3VU1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 %>
Motor Starter Protectors (MSP)
3VU as a Manual Starter
Ordering Information
selection
* All enclosed devices supplied with 1 NO and 1 NC auxiliary contacts. * Select by motor full load amperes. Horsepower ratings are for reference only. >* Accessories see pages 428-431.
ft
3VU13
3VU16
Single Motor Applications
1 Phase Horsepower(R) Max Frame At Voltage: Amp 115 200 230
25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 65 65 65 65 65 65 65 65 65 65 65 -- -- -- -- -- -- / -- -- Me
'/2
3
Adj (FLA) Current Range 0.1 - 0.16 016- 024 0.25- 0 4 0.4 - 0.6 0.6 - 1 1 - 16 1.6 - 2.4 2 - 32 2.4 - 4 32 - 5 4 -6 5 -8 6 -10 8 -13 10 -16 14 -20 18 -25 1 - 1.6 1.6 - 2.4 2.4 - 4 4 -6 6 -10 10 -16 16 -25 22 -32 28 -40 36 -52 45 -65
Three Phase Horsepower At Voltage:
200 230 460 575
Maximum(R) Circuit Protection Fuse Amp (R) (R) (R) (R) i; l
1 NO and 1 NC Auxiliary Contacts
C.B. Amp
Catalog No 3VU1300-1MBOO 3VU1300-1MCOO 3VU1300-1MDOO 3VU1300-1MEOO 3VU1300-1MFOO 3VU1300-1MGOO 3VU1300-1MHOO 3VU1300-1NHOO 3VU1300-1MJOO 3VU1300-1NJOO 3VU1300-1MKOO 3VU1300-1NKOO 3VU1300-1MLOO 3VU1300-1NLOO 3VU1300-1MMOO 3VU1300-1MNOO 3VU1300-1MPOD 3VU1600-1MGOO 3VU1600-1MHOO 3VU1600 1MJOO 3VU1600-1MKOO 3VU1600-1MLOO 3VU1600-1MMOO 3VU1600-1MNOO 3VU1600-1MPOO 3VU1600-1MQOO 3VU1600-1MROO 3VU1600-1LSOO
Price $
148. 148. 148. 161. 161. 161. 161. 161. 161. 161. 161. 161. 161. 187. 187. 187. 187. 318. 318. 318. 318. 318. 344. 344. 396. 396. 396. 396.
/B
%
'/
'/ '/. /< /2 *'/* 1
1/2 1'/2
'*/:.
'/
y,
A
'/B
'/. '/>
/3
'/2
/
/ 1 2 2 3 3 5 5 10 15 15 20 1 2 2 3 5 15 15 20 40 50 60
1
r/j
V,
/:
3
V,
'/2
1/2
2 3 3
'/B
'/ /. 1
V, 1 1
2 2 3 5 5 5
/4
1
1/2
1
1/2
2 2 3 3
2 3 3 5 5
7/2
1'X IX 3 3 5 5
T/7
10 10 15
3
--
/., 'A
'/3
!/8 '/< '/2
'/.
/2
1 2 5 5 5 10 15 20
/3
3
/4
1
2 3 3 5
7/2
r/2
2 3 3 7/2 10 15
'A
y i/
3 5 5
r/2
1/2
/i
1
17;
r/2
3 3 5
TA
15 20 25
u
i o
o
10
3 5 10 10 15 30 40 50
(I) (R) (R) (R) (R) @ (R) (R) (R) (c)
15 15 15 15 15 15 15 15 15 15 15 30 40 50 60 80 100 15 15 15 20 40 60 100 125 150 200 250
u
(c)Single phase horsepower ratings are based on 3 poles wired in series. (c)See technical information for maximum circuit protection device details. (R)Type T, CC, or RK fuses per N.E.C. table 430-152 to be 175% not to exceed 225% of motor full load current.
v422.
www.DataSheet.in
Discount Code: 3VU and Accessories
Siemens Industrial Control Products
Motor Starter Protectors (MSP)
Applications ^^
The inverse-time overload protection is adjustable to match the rated current of the motor to be protected. An internal differential mechanism accelerates the trip time during a phase loss. The 3VU Series is designed for switching AC current. However, they are suitable for use in DC circuits.
General
The versatile 3VU Series is designed to meet a variety of motor starter applications. The 3VU contains both an adjustable bi-metal thermal and a fixed magnetic trip device. This allows the 3VU to meet all customer requirements. The factory built-in instantaneous (magnetic) trip is coordinated to protect the load and the load conductors at their rated withstand levels without additional adjustments.
Applications Include: * Manual Motor Starter providing manual starter and adjustable overload protection. * Self-protected Combination Motor Starter (UL 508 Type E). * Multiple Motor Applications utilizing Group Installation. * Self-protected Combination Motor Controller in Multiple Motor applications (UL 508 Type E).
1. Individual Manual Motor Starter 3VU used to protect and manually control a motor. Select by motor FLA and type of enclosure required. Be sure to observe maximum circuit protection device allowed for installation. See page 422 for selection.
06
r--T"
MSP
2. Individual Self Protected Type "E" Combination Motor Starter Many modular motor controllers indicated in Selection Chart (SCE1634. . . or FBE1634. . .) are UL508 Type E Combination Motor Starters. These are complete combination starters and can be applied without additional branch circuit protection. They can be used individually or in groups for multiple motor applications. See page 425 for selection. 3. Multiple Motor Applications a) Group Installation per NEC 430-53 3VU devices with or without 3TF contactors can be applied to Multiple Motor Applications utilizing Group Installation. Please refer to Technical Information for Application Details and page 423 for selection. For mounting convenience, modular motor controllers are available in 35 mm DIN Rail Mounting (3VH...) and "Fast Bus" mounting (FBM...). See Selection and Ordering Data page 424. b) Multiple Motor Type "E" 3VU1300 MSP's with 3TF34 or 3TF44 contactor can be used in multiples up to 56A with a 3VU91 current limiter for a self protected UL508 Type "E" system. SCE, FBE, and FWE product for this application have been identified in a special selection and ordering section on page 426.
MSP
'-T--1
CB or Fuse
--'--
I Contactor i
O O
-U-r-i-U-l-
-7--T--T--T-:
SCE 91
mm am
-T" -T" -T
www.DataSheet.in
Siemens Industrial Control Products


▲Up To Search▲   

 
Price & Availability of 3VU1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X