Part Number Hot Search : 
VCO190 HMC197E M514260 BR1300 271PR PHN1013 TEA1114A 03952
Product Description
Full Text Search
 

To Download 3501H-1-102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH V SC AV ER OM AI SIO PL LA N IA BL S NT E
Features

Bushing mount Sealable Non-standard features and specifications available Optional high torque feature Optional center tap feature Gangable
*R
3500/3501 - Precision Potentiometer
Electrical Characteristics1 3500 Wirewound Element 3501 Hybritron Element
Standard Resistance Range........................................50 to 200 K ohms ........................................................1 K to 200 K ohms Total Resistance Tolerance..........................................3 % ............................................................................10 % Independent Linearity..................................................0.20 %........................................................................0.25 % Effective Electrical Angle ............................................3600 +10 , -0 ........................................................3600 +10 , -2 Absolute Minimum Resistance/Minimum Voltage ......1 ohm or 0.1 % maximum ..........................................0.2 % maximum (whichever is greater) Noise ..........................................................................100 ohms ENR maximum ............................................Output smoothness 0.1 % max. Dielectric Withstanding Voltage (MIL-STD-202, Method 301) Sea Level ................................................................1,500 VAC minimum ....................................................1,500 VAC minimum 70,000 Feet ............................................................400 VAC minimum........................................................400 VAC minimum Power Rating (Voltage Limited By Power Dissipation or 325 VAC, Whichever Is Less) +70 C ....................................................................2 watts..........................................................................2 watts +125 C ..................................................................0 watt............................................................................0 watt Insulation Resistance (500 VDC) ................................1,000 megohms minimum............................................1,000 megohms minimum Resolution....................................................................See recommended part nos ........................................Essentially infinite
Environmental Characteristics1
Operating Temperature Range ....................................+1 C to +125 C..........................................................+1 C to +125 C Storage Temperature Range ......................................-65 C to +125 C ........................................................-65 C to +125 C Temperature Coefficient Over Storage Temperature Range2 ..................................50 ppm/C maximum/unit ..........................................100 ppm/C maximum/unit Vibration ......................................................................20 G..............................................................................20 G Wiper Bounce ........................................................0.1 millisecond maximum ............................................0.1 millisecond maximum Total Resistance Shift ............................................2 % maximum............................................................2 % maximum Voltage Ratio Shift ..................................................0.1 % maximum ........................................................0.1 % maximum Shock ..........................................................................100 G............................................................................100 G Wiper Bounce ........................................................0.1 millisecond maximum ............................................0.1 millisecond maximum Total Resistance Shift ............................................2 % maximum............................................................2 % maximum Voltage Ratio Shift ..................................................0.1 % maximum ........................................................0.1 % maximum Load Life......................................................................1,000 hours, 2 watts ....................................................1,000 hours, 2 watts Total Resistance Shift ............................................2 % maximum............................................................5 % maximum Rotational Life (No Load) ............................................2,000,000 shaft revolutions2 ........................................4,000,000 shaft revolutions Total Resistance Shift ............................................5 % maximum............................................................5 % maximum Moisture Resistance (MIL-STD-202, Method 103, Condition B) Total Resistance Shift ............................................2 % maximum............................................................5 % maximum IP Rating ......................................................................IP 65 ............................................................................IP 65
Mechanical Characteristics1
Stop Strength..........................................................................................................................................................................67.8 N-cm (96 oz.-in.) minimum Mechanical Angle ..........................................................................................................................................................................................3600 +10 , -0 Torque (Starting & Running)..................................................................................................................................................0.42 N-cm (0.6 oz.-in.) maximum Mounting ................................................................................................................................................................170-200 N-cm (15-18 lb.-in.) maximum Shaft Runout......................................................................................................................................................................................0.05 mm (0.002 in.) T.I.R. Lateral Runout ..................................................................................................................................................................................0.13 mm (0.005 in.) T.I.R. Shaft End Play ..................................................................................................................................................................................0.13 mm (0.005 in.) T.I.R. Shaft Radial Play ..............................................................................................................................................................................0.08 mm (0.003 in.) T.I.R. Pilot Diameter Runout ......................................................................................................................................................................0.05 mm (0.002 in.) T.I.R. Backlash ............................................................................................................................................................................................................1.0 maximum Weight......................................................................................................................................................................................................Approximately 28 gm Terminals....................................................................................................................................Gold-plated solder lugs or turrets (see Product Dimensions) Soldering Condition Manual Soldering ..........................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 C (700 F) max. for 3 seconds Wave Soldering ...................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 C (500 F) max. for 5 seconds Wash processes ........................................................................................................................................................................................Not recommended Marking ..................................Manufacturer's name and part number, resistance value and tolerance, linearity tolerance, wiring diagram, and date code. Ganging (Multiple Section Potentiometers) ..................................................................................................................................................2 cups maximum Hardware..............................................................................One lockwasher (H-37-2) and one mounting nut (H-38-2) is shipped with each potentiometer.
Recommended Part Numbers
Part Number 3500S-1-102L 3500S-1-502L 3500S-1-103L 3500S-2-102L 3500S-2-502L 3500S-2-103L Resistance () 1,000 5,000 10,000 1,000 5,000 10,000 Resolution .030 .018 .019 .030 .018 .019 Part Number 3501H-1-102L 3501H-1-502L 3501H-1-103L Resistance () 1,000 5,000 10,000 BOLDFACE LISTINGS ARE IN STOCK AND READILY AVAILABLE THROUGH DISTRIBUTION. FOR OTHER OPTIONS CONSULT FACTORY. RoHS IDENTIFIER: L = COMPLIANT BLANK = NON-COMPLIANT
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
3500/3501 - Precision Potentiometer
Product Dimensions
3500S
WIPER 5.46 .76 (.215 .030) CCW CW 3/8 "-32 2A THD UNEF .25 X 45 CHAMFER (.010) 10.32 + .00/ - .05 (.4062+.000/-.002) PILOT DIA.
Panel Thickness Dimensions
3501H
23.62 .25 (.930 .010) 20.50 .38 (.807 .015) 2.54 (.10) MIN. CCW CW
2.46 - 3.81 (.097 - .150)
1.52 (.06)
WIPER
1.52 (.06)
3/8 "-32 2A THD UNEF .25 X 45 CHAMFER (.010) 10.32 + .00/ - .05 (.4062+.000/-.002) PILOT DIA.
PANEL
HEX NUT
8.0 .38 (.315 .015) 25.4 .51 (1.00 .02) 20.64 .79 (13/16 1/32) 45 5 8.9 (.35)
.6.34 + .00/- .01 DIA. (.249+.0000/-.0003) 12.7 REF. (1/2) 8.0 .38 (.315 .015) 25.4 .51 (1.00 .02) .6.34 + .00/- .01 DIA. (.249+.0000/-.0003) 12.7 REF. (1/2) 20.64 .79 (13/16 1/32) .76 45 5 (.03) 8.9 (.35) LOCATION OF OPTIONAL 7.37 A/R PIN ON R (.29) ADJUSTMENT SLOT .81 WIDE X (.032) .81 .25 DEEP (.032 .010)
LOCKWASHER POT
45 5
45 5 .467 (.184) R MAX. 16.0 (.63) .49 (12.45)
16.0 (.63) R MAX.
22.23 (7/8)
LOCATION OF OPTIONAL 7.37 A/R PIN ON R (.29) ADJUSTMENT SLOT .81 WIDE X (.032) .81 .25 DEEP (.032 .010)
.76 (.03)
10.41 .08 DIA. (.410 .003)
NOTE: SHAFT LENGTH VARIATIONS 3500S-1-RC 3500S-2-RC 3501H-1-RC 11/16 (plastic bushing) (17.46) 13/16 (metal bushing) (20.64) 13/16 (metal bushing) (20.64)
22.23 (7/8)
R
7.42 (.292)
ADDITIONAL HOLE FOR ANTIROTATION PIN 1.60 +.08/-.03 DIA. (.063 +.003/-.001)
TOLERANCES: EXCEPT WHERE NOTED .25 .13 DECIMALS: .XX .XXX (.010), (.005) FRACTIONS: 1/64 MM DIMENSIONS: (IN.)
DIMENSIONS:
MM (INCHES) 0.127 (.005)
TOLERANCES:
2
CCW
WIPER
1
CLOCKWISE
3
CW
REV. 12/07 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 3501H-1-102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X