Part Number Hot Search : 
1837213 3GU41 ECCM5 STM8L151 BT137B ISL68 SL1613 C2260
Product Description
Full Text Search
 

To Download 1N4153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Switching Diode
Applications
1N4153, 1N4153-1
DO-35 Glass Package
Used in general purpose applications,where a low current controlled forward characteristic and fast switching speed are important.
Features
Six sigma quality Metallurgically bonded BKC's Sigma BondTM plating 1.0" for problem free solderability 25.4 mm (Min.) LL-34/35 MELF SMD available Full approval to Mil-S-19500/337 Available up to JANTXV-1 levels "S" level screening available to SCDs
Maximum Ratings Peak Inverse Voltage Average Rectified Current Continuous Forward Current Peak Surge Current (tpeak = 1 Sec.) BKC Power Dissipation TL = 50 oC, L = 3/8" from body Operating and Storage Temperature Range Electrical Characteristics @ 25 oC* Symbol Forward Voltage @ IF = 100 A VF Vf Vf Forward Voltage @ IF = 250 A VF Forward Voltage @ IF = 1.0 mA VF Vf Forward Voltage @ IF = 2.0 mA VF Vf VF Forward Voltage @ IF = 10 mA Forward Voltage @ IF = 20 mA VF Reverse Leakage Current @ VR = 50 V IR PIV Breakdown Voltage @ IR = 5.0 A
Capacitance @ VR = 0 V, f = 1mHz CT
DO-35 Glass Package La dDa . e i 0. 1 - . 2 " 0 80 0 2 0. 5 - . 5 m m 4 80 5 8
Length
0.120-.200" 3.05-5.08- m
Dia.
0.06-0.09"
m
15 - . 8m m . 322
Symbol PIV IAvg IFdc Ipeak Ptot TOp & St
Value 75 (Min.) 150 300 0.25 500 -65 to +200 Maximum 0.55 0.59 0.67 0.70 0.81 0.88
0.05(50 @ 150 oC)
Unit Volts mAmps mAmps Amp mWatts
o
C
Minimum 0.49 0.53 0.59 0.62 0.70 0.74 75
Unit Volts Volts Volts Volts Volts Volts A Volts
pF
2.0
Reverse Recovery Time (note 1) Reverse Recovery Time (note 2)
trr trr
4.0 2.0
nSecs nSec
Note 1: Per Method 4031-A with IF = IR = 10 mA, RL = 100 Ohms, C = 3 Pf. *Unless Otherwise Specified Note2: Per Method 4031-A with IF = IR = 10 mA, Rr = 6 Volts, Rl=100 ohms.
6 Lake Street - Lawrence, MA 01841


▲Up To Search▲   

 
Price & Availability of 1N4153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X