Part Number Hot Search : 
TLP261J 2SA1600 200BZXC 58010 SF1200B 030D06E2 DS1220Y 124ML
Product Description
Full Text Search
 

To Download T8105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Product Brief June 2001
Ambassador (R) T8105 H.100/H.110 Interface and Time-Slot Interchanger
Introduction
s
Serial TDM bus rate and format conversion between most standard buses.
s Optional 8-bit parallel input and/or 8-bit parallel output The Agere Systems Inc. Ambassador T8105 device for local TDM interfaces. provides a complete solution for time-slot switching and interconnect for the H.100/H.110 time-division multis Includes 2 CT_NETREF pins. plexed (TDM) buses. It is fully backwards compatible to s Stratum 4/4E and AT&T 62411 MTIE compliant. the T8100A and T8102 devices. The T8105 device pros 3.3 V supply with 5 V tolerant inputs and TTL-compatvides hierarchical switching as well as a capacity of up ible outputs. to 512 local to H.100/H.110 connections. The hierarchical switching allows up to 1024 local connections withs JTAG/boundary-scan testing support. out using H.100/H.110 bus bandwidth. Local interfaces s 208-pin, plastic SQFP package and 217-ball PBGA include sixteen serial inputs and sixteen serial outpackage (industrial temperature range). puts and the H-bus interface includes 32 bidirectional s Evaluation boards available--PCI and CompactPCI** H.100/H.110 streams. The T8105 bus interface is hot swap. compatible with the MVIP*-90, H-MVIP, SC-Bus, and ECTF H.100/H.110 bus standards. The Ambassador T8105 is configured via a microprocessor interface Applications which can also read and write time-slot and device data. Packaged in both a 208-pin SQFP and a 217-ball BGA, DataShee s Computer telephony integrated solutions the Ambassador T8105 TSI device can provide an .com Enhanced service platforms economic solution for the computer telephony market. s s
WAN access devices Telephony servers PBXs Wireless base station controllers
Features
s s
s s
Fully compatible to the T8100, T8100A, and T8102. H.100/H.110 compliant interface; all mandatory signals. Programmable connections to any of the 4096 time slots on the H.100/H.110 bus. Programmable switching between local time slots and H.100/H.110 bus, up to 512 connections.
s
Refer to website www.agere.com/ambassador for additional information.
P AGERE T8105 H.100/H.110 BUS H.100/H.110 BUS INTERFACE MICROPROCESSOR INTERFACE 512 H-BUS 1024 L-BUS TIME-SLOT SWITCH DSP . . . DSP
s
s
s
s
Up to 16 local serial inputs and 16 local serial outputs, (2, 4, and 8 Mbits/s). Microprocessor interface: Intel /Motorola modes. Choice of frame integrity or minimum latency switching on a per-time-slot basis: -- Frame integrity to ensure proper switching of wideband data. -- Minimum latency switching to reduce delay in voice channels. Subrate switching of 1 bit, 2 bits, and 4 bits. Two independently programmable groups of up to 12 framing signals each. Programmable GPIO. On-chip phase-locked loop (PLL) for H.100/H.110, MVIP, or Dialogic's SC-bus clock operation in master or slave clock modes.
s s
LOCAL TDM INTERFACE
Programmable switching between local time slots, up to 1024 connections.
HDLC
FRAMER
1755m
s s
Figure 1. Basic Application of the T8105 as an H.100/H.110 to Local TDM CT Switch
* MVIP is a trademark of Natural MicroSystems Corporation. Intel is a registered trademark of Intel Corporation. Motorola is a registered trademark of Motorola Inc. Dialogic is a registered trademark of Dialogic Corporation. ** CompactPCI is a registered trademark of the PCI Industrial Computer Manufacturers Group.
s
.com
s
.com DataSheet 4 U .com
www..com
Ambassador T8105 H.100/H.110 Interface and Time-Slot Interchanger
Product Brief June 2001
T8105 Block Diagram
H.100, H.110, H-MVIP
S/P AND P/S CONVERTERS
512 LOCATION DATA SRAM
THREE 512 LOCATION CONNECTION CAMs
LOCAL IN
INPUT LOGIC AND S/P CONVERT
1024 LOCATION DATA MEMORY
OUTPUT LOGIC AND P/S CONVERT
LOCAL OUT
t4U.com
DataShee
.com
INTERNAL ADDRESS AND CONTROL 1024 LOCATION CONNECTION MEMORY INTERNAL DATA
INTERNAL CLOCKS AND STATE COUNTER ADDR[1:0] DATA[7:0] MICROPROCESSOR INTERFACE TIMING AND CONTROL FRAME GROUP INTERFACE LOGIC FRAME GROUPS
...
P CONTROLS
...
MISC. I/O
...
CLOCKS AND REFS
5-6101(F)c
Figure 2. Block Diagram of the Ambassador Subrate switching is the ability to switch part(s) of one byte from one stream/time slot to another stream/time slot. The parts are the following:
s s s
addition, individual data bits can be placed within a byte along with don't care bits. Onboard clock circuitry, including a digital phaselocked loop, supports all H.100/H.110 clock modes including MVIP and SC-bus compatibility clocks. The local CHI supports PCM rates of 2.048 Mbits/s, 4.096 Mbits/s, and 8.192 Mbits/s. The Ambassador T8105 has internal circuitry to support either minimum latency or multi-time-slot frame integrity. Frame integrity is a requisite feature for applications that switch wideband data (ISDN H-channels). Minimum latency is advantageous in voice applications. Agere Systems Inc.
Nibbles (4 bits)--representing a 32 kbits/s subrate Dibits (2 bits)--representing a 16 kbits/s subrate Bits--representing an 8 kbits/s subrate
H.100/H.110 data transfers are always bytes. If subrate switching is used, the T8105 constructs a byte consisting of the subrate samples. The constructed byte may .com combination of nibbles, dibits, or bits. In contain any 2
.com DataSheet 4 U .com
www..com
Product Brief June 2001
Ambassador T8105 H.100/H.110 Interface and Time-Slot Interchanger
Application Overview
H.100/H.110 BUS USER EXTENSIONS ASR FAX T1/E1 TO PSTN ISDN CTI SERVER ISDN T1 E1
PCI BUS
DATABASE ETHERNET
5-6099F
Figure 3. CTI Call Center Application
t4U.com
The integration of computers and telecommunications PC-based telecom buses emerged in the early 1990s DataShe has enabled a wide range of new communications for use within equipment based on ISA/EISA and MCA .com applications and has fueled an enormous growth in computers. communications markets. A key element in the develWith the advent of the H.100/H.110 bus specification opment of computer-based communications equipby the Enterprise Computer Telephony Forum ment has been the addition of an auxiliary telecom bus (www.ectf.org), the computer-telephony industry has to existing computer systems. Most manufacturers of agreed on a single telecom bus for use with PCI and high-capacity, computer-based telecommunications compact PCI computers. H.100/H.110 facilitates interequipment have incorporated some such telecom bus operation of components, thus providing maximum in their systems. Typically, these buses and bus flexibility to equipment manufacturers, value-added interfaces are designed to transport and switch Nx64 resellers, system integrators, and others building comkbits/s low-latency telecom traffic between boards puter-based telecommunications applications. within the computer, independent of the computer's I/O and memory buses. At least a half dozen of these
e
.com
Agere Systems Inc. 3
.com DataSheet 4 U .com
www..com
Ambassador T8105 H.100/H.110 Interface and Time-Slot Interchanger
Product Brief June 2001
Ambassador Selection Guide
Ambassador Products
Features Number of Connections: Local to local Local to H-bus Number of Local Data I/O Local Data Rates Supported Subrate Switching Intel/Motorola Microprocessor Interface 32-bit PCI Interface PCI Minibridge H-bus/L-bus to PCI Packet Switching StarFabric Interface Package Type Power Supply Voltage T8100A 1024 256 16I/16O 2, 4, & 8 Mbits/s 1-, 2-, 4-bit Yes -- -- -- -- 208 SQFP 217 PBGA 3.3 V T8102 * 512 16I/16O 2, 4, & 8 Mbits/s 1-, 2-, 4-bit Yes -- -- -- -- 208 SQFP 217 PBGA 3.3 V T8105 1024 512 16I/16O 2, 4, & 8 Mbits/s 1-, 2-, 4-bit Yes -- -- -- -- 208 SQFP 217 PBGA 3.3 V T8110 T8150
4096
4096
32 I/O 32 I/O 2, 4, 8, & 16 2, 4, 8, & 16 Mbits/s Mbits/s 1-, 2-, 4-bit 1-, 2-, 4-bit Yes Yes Yes -- Yes -- Yes -- -- Yes 272 PBGA 3.3 V 272 PBGA 3.3 V 1.5 V
t4U.com
* For the T8102, local-to-local connections are achieved through L-H-L bus switching.
Below is a subset of Agere products that could complement the Ambassador family in your application. .com Product Family Description Web Site Analog Line Card Solutions Complete integrated circuit line card solution. Products included are protection, switches, SLIC, codec, and ringing. Portfolio of backplane interface devices that interconnect UTOPIA Level 1 or 2 to an ATM cell bus. Product family targeted at the enterprise IP phone market, but well suited for small office gateways and consumer IP phones. www.agere.com/alc
CelXpresTM ATM Interconnect Phone-On-A-ChipTM VoIP Solutions
www.agere.com/ATM
www.agere.com/phone_chip
For additional information, contact your Agere Systems Account Manager or the following: INTERNET: http://www.agere.com E-MAIL: docmaster@micro.lucent.com N. AMERICA: Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286 1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106) ASIA PACIFIC: Agere Systems Singapore Pte. Ltd., 77 Science Park Drive, #03-18 Cintech III, Singapore 118256 Tel. (65) 778 8833, FAX (65) 777 7495 CHINA: Agere Systems (Shanghai) Co., Ltd., 33/F Jin Mao Tower, 88 Century Boulevard Pudong, Shanghai 200121 PRC Tel. (86) 21 50471212, FAX (86) 21 50472266 JAPAN: Agere Systems Japan Ltd., 7-18, Higashi-Gotanda 2-chome, Shinagawa-ku, Tokyo 141, Japan Tel. (81) 3 5421 1600, FAX (81) 3 5421 1700 EUROPE: Data Requests: DATALINE: Tel. (44) 7000 582 368, FAX (44) 1189 328 148 Technical Inquiries: GERMANY: (49) 89 95086 0 (Munich), UNITED KINGDOM: (44) 1344 865 900 (Ascot), FRANCE: (33) 1 40 83 68 00 (Paris), SWEDEN: (46) 8 594 607 00 (Stockholm), FINLAND: (358) 9 3507670 (Helsinki), ITALY: (39) 02 6608131 (Milan), SPAIN: (34) 1 807 1441 (Madrid)
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. Ambassador is a registered trademark and CelXpres and Phone-On-A-Chip are trademarks of Agere Systems Inc.
Copyright (c) 2001 Agere Systems Inc. All Rights Reserved .com
June 2001 PB01-091CTI (Replaces PN98-141NTNB)
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of T8105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X