Part Number Hot Search : 
4LVCH LMV931 C120503 KT835 ZJ24B 0103M 93LC56A 24VDC
Product Description
Full Text Search
 

To Download SSC3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SSC3000 Series
Temperature compensated silicon stainless steel pressure sensors
FEATURES * 0...1 bar to 0...16 bar absolute or gage * For corrosive pressure media * Excellent low temperature drift * All welded stainless steel diaphragm construction * For hostile environments
SERVICE
Media wetted parts: any liquid or vapor that is compatible with stainless steel 316 (1.4401)
Scale: 1 cm 1 inch
SPECIFICATIONS
Maximum ratings Supply current Temperature limits Storage Operating Compensated Vibration (20 to 2000 Hz) Mechanical shock (11 ms) Proof pressure1 SSC3001... SSC3002... SSC3005... SSC3016... 1.5 mA -40 to 125C -40 to 125C 0 to 70C 10 gRMS 100 g
ELECTRICAL CONNECTION
4 +Vs -Vout 1 +Vout
2
3
SSC3000...A
-Vs
SSC3000...H or J
2 bar 4 bar 13 bar 32 bar
12 3 4
1234
September 2004 / 029
1/3
www.sensortechnics.com
www..com
SSC3000 Series
Temperature compensated silicon stainless steel pressure sensors
PERFORMANCE CHARACTERISTICS (unless otherwise noted, IS = 1 mA, tamb = 25C)
Characteristics
Operating pressure SSC3001... SSC3002... SSC3005... SSC3016... SSC3001.../SSC3002... SSC3005... SSC3016... -2 70 50 65 1 100 70 95 0.1 0.01 0.2 0.2 0.1 4.0 5.0 0.1 0.1 40
Min.
Typ.
Max.
1 2 5 16 2 130 90 120 0.25 0.05 1.0 1.0 0.2 4.8 6.0
Unit
bar
Zero pressure offset Full scale output2
mV
Non-linearity (BSL)3 Hysteresis and repeatability Thermal effects (0 to 70C)4 Offset Full scale output Hysteresis Input impedance Output impedance Long term stability5 Offset Span Power consumption
%FSO
2.9 4.0
k %FSO mW
Specification notes (for all devices):
1. 2. 3. 4. 5. 6. Proof pressure is the max. pressure which may be applied without causing damage to the sensing element. Full scale measurement at maximum operating pressure. Non-linearity - the maximum deviation of measured output at constant temperature, from "Best Straight Line" through three points (offset pressure, full scale pressure and half scale pressure). Temperature tested and guaranteed from at 70C relative to 25C. All specs. are shown relative to 25C. Change in output after 1 year. Recommended o-ring 17 x 1 mm #674-70.
ORDERING INFORMATION
Operating pressure 0 - 1 bar absolute 0 - 2 bar absolute 0 - 5 bar absolute 0 - 16 bar absolute 0 - 1 bar gage 0 - 2 bar gage 0 - 5 bar gage 0 - 16 bar gage O-ring, 17 x 1 mm flush mount SSC3001AA SSC3002AA SSC3005AA SSC3016AA SSC3001GA SSC3002GA SSC3005GA SSC3016GA SSCAI-SEAL Package version 1/4" - 18 NPT thread SSC3001AH SSC3002AH SSC3005AH SSC3016AH SSC3001GH SSC3002GH SSC3005GH SSC3016GH --1/8" - 27 NPT thread SSC3001AJ SSC3002AJ SSC3005AJ SSC3016AJ SSC3001GJ SSC3002GJ SSC3005GJ SSC3016GJ ---
2/3
September 2004 / 029
www.sensortechnics.com
www..com
SSC3000 Series
Temperature compensated silicon stainless steel pressure sensors
OUTLINE DRAWING SSC3000...A
o-ring area 6 1.4
17.3 diam. 12 3 4 5.1 3.1 12.7
18.9 diam.
4 places solder pads
Do not touch diaphragm
mass: 10 g
dimensions in mm
SSC3000...H or J
NOM 50 21.3 12.7
19 123 4
7/8" 22.2
mass: 45 g
SSC...H-...: 1/4"-18NPT SSC...J-...: 1/8"-27NPT
dimensions in mm
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
September 2004 / 029
3/3
www.sensortechnics.com


▲Up To Search▲   

 
Price & Availability of SSC3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X