Part Number Hot Search : 
SSF7508A D71071GC 4224M 1VSN5 MAX354 ST52E440 BZX84C43 MMSZ47
Product Description
Full Text Search
 

To Download SQ10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SQ1030 thru SQ10100
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 30 to 100Volts FORWARD CURRENT - 10.0 Amperes DO- 27
FEATURES
Metal of silicon rectifier , majority carrier conduction Guard ring for transient protection Low power loss,high efficiency High current capability,low VF High surge capacity For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications .375(9.5) .335(8.5)
1.0(25.4) MIN.
.052(1.3) .048(1.2) DIA.
210
.220(5.6) .197(5.0) DIA.
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic Polarity: Color band denotes cathode
Weight: 0.04ounces , 1.1grams
TC measurement point 1.0(25.4) MIN.
Mounting position: Any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @Tc=95
SYMBOL SQ1030 SQ1035 SQ1040 SQ1045 SQ1050 SQ1060 SQ1080 SQ10100 UNIT VRRM VRMS VDC I(AV) 30 21 30 35 24.5 35 40 28 40 45 31.5 45 10 50 35 50 60 42 60 80 56 80 100 70 100 V V V A
Peak Forward Surge Current 8.3ms single half sinewave super imposed on rated load(JEDEC Method) Peak Forward Voltage at 10A DC(Note1) Maximum DC Reverse Current @Tj=25 at Rated DC Bolcking Voltage @Tj=100 Tyical Junction Capacitance (Note2) Tyical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES:1.300us Pulse Width, 2%Duty Cycle.
IFSM VF IR CJ RJC TJ TSTG 0.55
275 0.7 0.5 50 450 3.0 -55 to+200 -55 to+200 0.8
A V mA pF /w
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. 3.Thermal Resistance Junction to case.
~ 212 ~
www.DataSheet.in
RATING AND CHARACTERTIC CURVES SQ1030 thru SQ10100
PEAK FORWARD SURGE CURRENT AMPERES
FIG.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 12.0 10.0 8.0 6.0 4.0 2.0 0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2-MAXIMUM NON-REPETITVE SURGE 360 300 240 180 120 60 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS 100 SQ1030 - SQ1035 8.3Single Half-Sine-Wave (JEDEC METOD)
25
50
75
100
125
150
175
200
CASE TEMPERATURE
FIG.3-TYPICAL REVER CHARACTERISTICS 1000 INSTANTANEOUS REVERSE CURRENT,(mA)
100
INSTANTANEOUS FORWARD CURRENT(A)
SQ1040 SQ1045 10 SQ1050 - SQ1060
10
TJ=100
1.0
TJ=75
1.0
SQ1080 - SQ10100 TJ=25 PULSE WIDTH 300US 2%DUTY CYCLE
TJ=25
0.1
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0.1 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.2
INSTANTANEOUS FORWARD VOLTAGE VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE 1000
CAPACITANCE,(pF)
100
TJ=25 f=1MHZ 10 0.1 1 4 10 REVERSE VOLTAGE VOLTS 100
~ 213 ~
www.DataSheet.in


▲Up To Search▲   

 
Price & Availability of SQ10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X