Part Number Hot Search : 
ATAR862 2C128 MJ10016 RT5021 HY51426 21M332K MAX6965 MC88915
Product Description
Full Text Search
 

To Download SMS03C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMS03C thru SMS24C 4 LINE BIDIRECTIONAL TVSarray TM
SCOTTSDALE DIVISION
PRODUCT PREVIEW
DESCRIPTION This 6 pin 4 line bi-directional array is designed for use in applications where protection is required at the board level from voltage transients caused by electrostatic discharge (ESD) as defined by IEC 61000-4-2, electrical fast transients (EFT) per IEC 61000-4-4 and effects of secondary lighting. These arrays are used to protect 4 discrete lines utilizing pins (1,3,4,6) with a common (pin 5) configuration. The SMS03C thru SMS24C product provides board level protection from static electricity and other induced voltage surges that can damage sensitive circuitry. These Transient Voltage Suppressor (TVS) diode arrays protect 3.0/3.3 volt components such as DRAM's SRAM's CMOS, HCMOS, HSIC, and low voltage interfaces up to 24 volts. B ecause of the physical size, weight and protection capabilities, this product is ideal for use in but not limited to miniaturized electronic equipment such as hand held instruments, computers, computer peripherals and cell phones.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
T V S arrayTM S E R I E S
W W W .Microsemi . COM
APPLICATIONS * EIA-RS232 data rates 19.6kbs * EIA-RS422 data rates 10Mbs * EIA-RS423 data rates 100kbs
FEATURES
* * * * Protects 3.0/3.3 up through 24 volt components Protects 4 bi-directional lines Provides electrically isolated protection SOT 23-6L Packaging
www..com
PACKAGING
* * Tape & Reel per EIA Standard 481 3,000 pieces per 7 inch
MAXIMUM RATINGS
* * * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Peak Pulse power 200 watts (8/20 s Figure 1) SOT 23-6L Packaging * * * *
MECHANICAL
Molded SOT23-6L Surface Mount Weight .014 grams (approximate) Body Marked with device number Pin one defined by DOT on top of package
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless otherwise specified
STAND OFF VOLTAGE VWM VOLTS MAX SMS03C SMS05C SMS12C SMS15C SMS24C S3C S5C S12C S15C S24C 3.3 5.0 12.0 15.0 24.0 BREAKDOWN VOLTAGE VBR @1 mA VOLTS MIN 4 6.0 13.3 16.7 26.7 CLAMPING VOLTAGE VC @ 1 Amp (FIGURE 2) VOLTS MAX 7.5 11 21 26 45 CLAMPING VOLTAGE VC @ 5 Amp (FIGURE 2) VOLTS MAX 11.5 14.5 27 33 56* STANDBY CURRENT ID @ VWM A MAX 100 10 1 1 1 CAPACITANCE (f=1 MHz) @0V C pF TYP 100 75 35 30 20 TEMPERATURE COEFFICIENT OF VBR aVBR mV/C MAX -3 3 10 13 30
SMS03C thru SMS24C
PART NUMBER
DEVICE MARKING
* CLAMPING VOLTAGE @3.6 Amps Note: Transient Voltage Suppressor (TVS) product is normally selected based on its stand off voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected.
Copyright (c) 2000 MSC1685.PDF 02-22 2000 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
SMS03C thru SMS24C 4 LINE BIDIRECTIONAL TVSarray TM
SCOTTSDALE DIVISION
PRODUCT PREVIEW
SYMBOLS & DEFINITIONS
W W W .Microsemi . COM
Symbol VWM VBR VC ID C
DEFINITION Rated stand off voltage: Maximum dc voltage that can be applied over the operating temperature range. Vwm must be selected to be equal or be greater than the operating voltage of the line to be protected Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current Clamping Voltage: Maximum clamping voltage across the TVS device when subjected to a given current at a pulse time of 20 s. Standby Current: Leakage current at VWM. Capacitance: Capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in Pico Farads. GRAPHS
10
Ppp Peak Pulse Power (Kw)
8/20s 200W Pulse
1
.01
0.001 .1 1 10 100 1000
FIGURE 1 Peak Pulse Power Vs Pulse Time t=sec
PACKAGING AND SCHEMATIC
FIGURE 2 Pulse Wave Form
GRAPHS PACKAGE DATA
DIM A A1 A2 B C D E F G
DIMENSIONS MILLIMETERS MIN 2.70 0.00 1.00 0.35 0.10 1.50 1.70 2.60 0.20 1.10 0.40 0.15 1.60 1.90 2.80 NOM 2.90 MAX 3.10 0.10 1.30 0.50 0.25 1.80 2.10 3.00
DIMENSIONS INCHES MIN .106 .000 .039 .014 .004 .059 .067 .102 .008 .043 .016 .006 .063 .075 .110 NOM .114 MAX .127 .004 .051 .020 .010 .071 .083 .118
Copyright (c) 2000 MSC1685.PDF 02-22 2000 REV B
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2


▲Up To Search▲   

 
Price & Availability of SMS03C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X