Part Number Hot Search : 
T2308 LM324N LME0315D A1627 IRFR320A HBZX55C1 04B04BDR MM74C
Product Description
Full Text Search
 

To Download SC6802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Silan Semiconductors
EL LAMP DRIVER IC
DESCRIPTION
The SC6802 is a poly gate CMOS integrated circuit which is designed to drive an Electoluminescence Lamp (EL) to light. It supplies three pins for trigger input: one is active at low (ALM) and other two are active at high (TG & FLSH). 3 seconds display delay function is implemented by internal divider. Only ALM and TG will 3 seconds delay but FLSH not. The switching and EL driving frequency is decided by an internal RC oscillator. The driving capability for IND output and frequency for EL output are different options, the detail information shown in the OPTION LIST.
TG IND EL
SC6802
TES T1 TES T2 FL SH ALM
VDD
VSS
Chip Topography
The SC6802 can be widely used in the back light of digital watch, analogy watch, calculator etc.
FEATURES
* Single 3V or 1.5V battery operation * DC to AC conversion * Built-in RC oscillator * Built-in delay function * Three independent trigger inputs: -- ALM (active Low) makes EL display for 3 seconds delay; -- TG (active High) makes EL display for 3 seconds delay; -- FLSH (active high) makes EL flash companied with the pulse from FLSH without any delay (See Timing Diagram) * Economical solution for EL display * CMOS process and low power consumption * No external component needed for delay function * Minimum external components application
OPTION LIST
OPTION
SC6802-1 SC6802-2 SC6802-3
IND Output Current LOH1(mA) Min. Typ. Max.
0.25 1.0 0.2 0.5 1.5 0.4 1.0 2.5 0.8
Oscillator Frequency FOSC(kHz) Min. Typ. Max.
170 400 400 240 500 500 310 670 670
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
Characteristic
Supply Voltage Input Voltage Operating Temperature Storage Temperature
Symbol
VDD - VSS VIN Topr Tstg
Test Conditions
-----
Value
-0.3 ~ 5.0 VSS -0.3V ~ VDD+0.3V -10 ~ +70 -55 ~ +125
Unit
V V C C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0 2000.12.31
1
www..com
Silan Semiconductors
PAD ASSIGNMENT
IND EL VDD TG
SC6802
TEST1 TEST2
SC6802
FLSH ALM VSS
Chip size: 1.11x0.85(mm)2 Note: The IC substrate should be connected to VDD in the PCB layout artwork.
ELECTRICAL CHARACTERISTICS (Ta=25C, VSS=0V, VDD=3.0V; Unless otherwise specified)
Parameter
Operating Voltage Stand-by Current IND Output Source Current * EL Output Source Current IND Output Sink Current EL Output Sink Current Oscillator Start Voltage Oscillator Frequency *
Symbol
VDD IDD IOH1 IOH2 IOL1 IOL2 VOSC FOSC --
Test conditions
All input and output are opened. VOH = 0.8V VOH = 0.8V VOL = 0.8V VOL = 0.8V Within 2 sec VDD = 3.0V
Min
1.3 -1.0 0.2 10 0.5 1.3 400
Typ
3.0 0.1 1.5 0.6 20 2 -500
Max
4.5 1 2.5 ----670
Unit
V A mA mA mA mA V KHz
* The parameters IOH and FOSC in the above table refer to option SC6802-2; Others can be found in the OPTION LIST.
PAD DESCRIPTION
Pad No.
1 2 3 4 5 6 7 8 9
Symbol
Vss ALM FLSH TEST2 TEST1 IND EL VDD TG
I/O
-I I --O O -I Positive power supply Negative power supply
Description
Trigger input pin (active low) Trigger input pin (active high) Test pin Test pin DC to AC converter output
Trigger input pin (active high)
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0 2000.12.31
2
www..com
Silan Semiconductors
TIMING DIAGRAM
VDD
SC6802
FLSH
TG ALM 3s EL 1ms 1ms 3s 3s
IND 32s
32s
2s
APPLICATION CIRCUIT
SC6802
TEST1 K3 2N5551 2N5551 IND EL VDD TG TEST2 FLSH ALM K2 VSS
D1 10k IN4148
3mh 21
0.01f-0.1f
3V/ 1.5V
C1
EL DISPLAY
K1
Note: 1. Substrate is connected to VDD. 2. The wires connected to TG and ALM cannot across the line inside the black dote line box. Furthermore, these wires should be separated from the lines inside the black dote line box by Vss or VDD. 3. The capacitor C2 can be connected to Vss or VDD. 4. During the watch application, the two wires connected to crystal are better to be surrounded by Vss or VDD, and they are the farer the better away from the wire connected to EL. 5. The items 2,3,4 are very important for PCB layout.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0 2000.12.31
3
0.01f-0.1f
C2
www..com
Silan Semiconductors
CHIP TOPOGRAPHY
SC6802
TEST1
IND
EL
TEST2
FLSH VDD
ALM TG
VSS
Chip Size:
1.11mm x 0.85mm
PAD COORDINATES (Unit: m)
PAD Name
VDD TG VSS ALM FLSH
X
-470 -470 460 460 460
Y
-35 300 -325 160 5
PAD Name
TEST2 TEST1 IND EL
X
460 460 -470 -470
Y
170 340 340 160
Note: The original point of the coordinate is the die center.
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0 2000.12.31
4


▲Up To Search▲   

 
Price & Availability of SC6802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X