Part Number Hot Search : 
GSMBTA92 MA2S376 TEA63 18CV8ZP 16244 AAT250 SI4112 MT48LC3
Product Description
Full Text Search
 

To Download REC-14LH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 LH, 16 LH Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
FEATURES
* Large Range of Strokes from 25 to 2000 mm * High Accuracy * Very Good Repeatability * Continuous Resolution * Easy Mounting These unsealed sensors are suitable for installation in the high pressure chamber of cylinders.
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET = E) Independent linearity over TET on request Actual electrical travel (AET) Total resistance RT Resistance tolerance at 20C Repeatability Maximum power rating Wiper current Load impedance Insulation resistance Dielectric strength from 25mm to 2000mm in increments of 25mm 1%; 0.1% 0.05% if E 100mm, 0.025% if E 200mm TET + 6mm 0.5 150/cm 20% 0.01% 0.05W/cm at 70C, 0W at 125C 1mA max. continuous, recommended: a few A 1000 times RT minimum > 1000M 500VDC > 300VRMS at 50Hz
MECHANICAL SPECIFICATIONS
Mechanical travel MT Body Rod internal diameter Support Operating force Electrical outputs Oil Pressure Wiper MT = TET anodized aluminum 14 LH : o 16mm, 16 LH : o 18mm 2 screws 1N typical wires 300mm long insulating mineral hydraulic 300 bars continuous, 1000 bars accidentally precious metal multifinger
PERFORMANCE
Life Temperature limits Speed at 20C 40 million of cycles - 20C to + 80C 1.5m/s max.
Document Number: 54016 Revision 20-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 39
14 LH, 16 LH
Vishay Sfernice
Precision Linear Transducers Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
DIMENSIONS in millimeters, general tolerance 1mm
AET = TET + 6 OA
+0 - 0.2
FIXING SCREWS Hc M4-8
ELECTRICAL CONTINUITY = TET + 3 1.5 1.5
MODEL 14 LH 16 LH
oA 16 18
L 500 L > 500
6 46 3
8.5 MT = TET L = TET + 70
OB
+ 0.2 -0
O C- 0.2
+ 0.2
OD
+ 0.4 + 0.1
OD
+ 0.6 + 0.1
B
E
+ 0.1 -0
C 22 24
D 16 18
E 1.1 1.3
F 15.3 17.8
G 13.8 16.3
G F
+ 0.1 - 0.1
14 LH 16 LH
23 25.2
+1 -0
MOUNTING IN ACTUATOR
On these models: Cylinder sealing and electrical connections required
ELECTRICAL CONNECTIONS
Green wire : + Red wire: Wiper Yellow wire: TET AET
TET = Theoretical electrical travel AET = Actual electrical travel
ORDERING INFORMATION
REC SERIES 14 MODEL LH TYPE Unsealed 4 THEORETICAL ELECTRICAL TRAVEL Times 25mm D LINEARITY A: 1% D: 0.1% E: 0.05% F: 0.025% 152 RESISTANCE First 2 digits are significant numbers Third indicates number of zeros W... MODIFICATIONS Special Feature Code Number
www.vishay.com 40
For technical questions, contact sfer@vishay.com
Document Number: 54016 Revision 20-Dec-01


▲Up To Search▲   

 
Price & Availability of REC-14LH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X