Part Number Hot Search : 
2SD2228 LTC13 AD802705 2SK127 MBT4401 00PS4 A1306B MC333
Product Description
Full Text Search
 

To Download REC-14LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 LA, 16 LA Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
FEATURES
* Large Range of Strokes from 25 to 2000mm * High Accuracy * Very Good Repeatability * Continuous Resolution * Easy Mounting Those sensors are to be installed in the high pressure chamber of cylinders and are equipped with glass-sealed electrical outputs.
Vishay Sfernice
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET = E) Independent linearity over TET on request Actual electrical travel (AET) Total resistance RT Resistance tolerance at 20C Repeatability Maximum power rating Wiper current Load impedance Insulation resistance Dielectric strength from 25mm to 2000mm in increments of 25mm 1%; 0.1% 0.05% if E 100mm 0.025% if E 200mm TET + 6mm 0.5 150/cm 20% 0.01% 0,05 W/cm at 70C, 0 W at 125C 1mA max. continuous, recommended: a few A 1000 times RT minimum > 1000M 500VDC > 300VRMS at 50Hz
MECHANICAL SPECIFICATIONS
Mechanical travel MT Body Rod internal diameter Support Operating force Sealing Electrical outputs on request Oil Pressure Wiper MT = TET anodized aluminum 14 LA: o 16mm, 16 LA: o 18mm stainless steel 1N typical glass-sealing on electrical outputs connector wires insulating mineral hydraulic 300 bars continuous, 1000 bars accidentally precious metal multifinger
PERFORMANCE
Life Temperature limits Speed at 20C 40 million of cycles - 20C to + 80C 1.5m/s max
Document Number: 54018 Revision 20-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 43
14 LA, 16 LA
Vishay Sfernice
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
DIMENSIONS in millimeters, general tolerance 1mm
55 max O.Ring OA
+0 - 0.2
L = TET + 77 53 O 36 O 24
+0 - 0.05
AET = TET + 6
Connector
+0
O 20 - 0.2
MODEL 14 LA 16 LA
oA 16 18
OC OB
+ 0.2 -0 + 0.2 - 0.2
7 18 17 L 500 L > 500 3
8.5 MT = TET
O D + 0.4
+0.1
OD
+ 0.6 + 0.1
E-0
+ 0.1
B
G F
+ 0.1 - 0.1 +1 -0
C 22 24
D 16 18
E 1.1 1.3
F 15.3 17.8
G 13.8 16.3
14 LA 16 LA
23 25.2
ELECTRICAL CONNECTIONS
Pin 3 or Green wire: + Pin 2 or red wire: Wiper Pin 1 or Yellow wire: TET AET TET = Theoretical electrical travel AET = Actual electrical travel
MOUNTING IN ACTUATOR
www.vishay.com 44
For technical questions, contact sfer@vishay.com
Document Number: 54018
Revision 20-Dec-01
14 LA, 16 LA
Precision Linear Transducers, Vishay Sfernice Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
DIMENSIONS millimeters, general tolerance 1mm
OTHER DESIGNS OF SUPPORT
...W04200
50 13 12 O 32 15 12
O 25
+ 0.02
O 31.7 - 0 O 50 max
M 42 x 1.5 47 max
...W04700
23 O.Ring + Back-up Ring 2 O 23
- 0.007 - 0.02
...W04707
23
O 23 - 0.1
- 0.05
O 18
O 18.4 O 23
- 0.05 - 0.1
O 18.9 O
-0.2 23 - 0.041
O 23
- 0.05 -0.1
f7
2.25 4 5 8 4 5 11 4
ORDERING INFORMATION
REC SERIES
16 MODEL
LA TYPE Sealed
4 THEORETICAL ELECTRICAL TRAVEL Times 25mm
D LINEARITY A: 1% D: 0.1% E: 0.05% F: 0.025%
152 RESISTANCE First 2 digits are significant numbers Third indicates number of zeros
W... MODIFICATIONS Special Feature Code Number
Document Number: 54018 Revision 20-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 45


▲Up To Search▲   

 
Price & Availability of REC-14LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X