Part Number Hot Search : 
HC1G0 PQ100 P1300 00104 TA8409 TB627 1609012 KM616
Product Description
Full Text Search
 

To Download QL3006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4/ S$6,& )3*$ 'DWD 6KHHW
8VDEOH 3/' *DWH S$6,& )3*$ &RPELQLQJ +LJK 3HUIRUPDQFH DQG +LJK 'HQVLW\
'HYLFH +LJKOLJKWV
+LJK 3HUIRUPDQFH
www..com 16-bit 300 MHz
+LJK 'HQVLW\
)RXU /RZ6NHZ 'LVWULEXWHG 1HWZRUNV
Two array clock/control networks available
6,000 Usable PLD Gates with 82 I/Os
Counters, 400 MHz Datapaths 0.35 m four-layer metal non-volatile CMOS process for smallest die sizes
(DV\WR8VH )DVW 'HYHORSPHQW &\FOHV
100% routable with 100% utilization and
to the logic cell flip-flop clock, set and reset inputs -- each driven by an input-only pin Two global clock/control networks available to the logic cell; F1, clock, set and reset inputs and the data input, I/O register clock, reset and enable inputs as well as the output enable control -- each driven by an inputonly or I/O pin, or any logic cell output or I/O cell feedback
complete pin-out stability Variable-grain logic cells provide high performance and 100% utilization Comprehensive design tools include high quality Verilog/VHDL synthesis
+LJK 3HUIRUPDQFH
Input + logic cell + output total delays
under 6 ns Data path speeds over 400 MHz Counter speeds over 300 MHz
$GYDQFHG ,2 &DSDELOLWLHV
Interfaces with both 3.3 V and 5.0 V devices PCI compliant with 3.3 V and 5.0 V buses
for -1/-2/-3/-4 speed grades Full JTAG boundary scan I/O Cells with individually controlled Registered Input Path and Output Enables
7RWDO RI ,2 SLQV
74 bidirectional input/output pins,
PCI-compliant for 5.0 V and 3.3 V buses for -1/-2/-3/-4 speed grades Four High Drive input-only pins Four High Drive input-only/distributed network pins
)LJXUH S$6,& /RJLF &HOOV
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
$UFKLWHFWXUH 2YHUYLHZ
The QL3006 is a 6,000 usable PLD gate member of the pASIC 3 family of FPGAs. pASIC 3 FPGAs are fabricated on a 0.35 m four-layer metal process using QuickLogic's patented ViaLink technology to provide a unique combination of high performance, high density, low cost, and extreme ease-of-use. The QL3006 contains 160 logic cells. With a maximum of 82 I/Os, the QL3006 is available in 68-pin PLCC, 84-pin PLCC, and 100-pin TQFP packages. Software support for the complete pASIC 3 family, including the QL3006, is available through three basic packages. The turnkey QuickWorks package provides the most complete FPGA software solution from design entry to logic synthesis, to place and route, to simulation. The QuickToolsTM for Workstations package provides a solution for designers who use Cadence, ExemplarTM, Mentor, Synopsys, Synplicity, ViewlogicTM, AldecTM, or other third-party tools for design entry, synthesis, or simulation.
www..com
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
(OHFWULFDO 6SHFLILFDWLRQV
$& &KDUDFWHULVWLFV DW 9&& 9 7$ & .
To calculate delays, multiply the appropriate K factor from 7DEOH by the numbers provided in 7DEOH through 7DEOH .
7DEOH /RJLF &HOOV 6\PERO 3DUDPHWHU
www..com
b
3URSDJDWLRQ 'HOD\V QV )DQRXWD 1.7 1.7 0.0 1.0 1.2 1.2 1.3 1.1 1.9 1.8 1.9 1.7 0.0 1.2 1.2 1.2 1.5 1.3 1.9 1.8 2.2 1.7 0.0 1.5 1.2 1.2 1.8 1.6 1.9 1.8 3.2 1.7 0.0 2.5 1.2 1.2 2.8 2.6 1.9 1.8
tPD tSU tH tCLK tCWHI tCWLO tSET tRESET tSW tRW
Combinatorial Delay Setup Time Hold Time Clock to Q Delay Clock High Time Clock Low Time Set Delay Reset Delay Set Width Reset Width
b
1.4 1.7 0.0 0.7 1.2 1.2 1.0 0.8 1.9 1.8
D 6WDWHG WLPLQJ IRU ZRUVW FDVH 3URSDJDWLRQ 'HOD\ RYHU SURFHVV YDULDWLRQ DW 9&& 9 DQG 7$ & 0XOWLSO\ E\ WKH DSSURSULDWH 'HOD\ )DFWRU . IRU VSHHG JUDGH YROWDJH DQG WHPSHUDWXUH VHWWLQJV DV VSHFLILHG LQ 7DEOH E 7KHVH OLPLWV DUH GHULYHG IURP D UHSUHVHQWDWLYH VHOHFWLRQ RI WKH VORZHVW SDWKV WKURXJK WKH S$6,& ORJLF FHOO LQFOXGLQJ W\SLFDO QHW GHOD\V :RUVW FDVH GHOD\ YDOXHV IRU VSHFLILF SDWKV VKRXOG EH GH WHUPLQHG IURP WLPLQJ DQDO\VLV RI \RXU SDUWLFXODU GHVLJQ
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
7DEOH ,QSXW2QO\&ORFN &HOOV 6\PERO 3DUDPHWHU tIN tINI tISU tIH tlCLK tlRST
www..com
3URSDJDWLRQ 'HOD\V QV )DQRXW D 1.6 1.7 3.1 0.0 0.8 0.7 2.3 0.0 1.8 1.9 3.1 0.0 1.0 0.9 2.3 0.0 1.9 2.0 3.1 0.0 1.1 1.0 2.3 0.0 2.4 2.5 3.1 0.0 1.6 1.5 2.3 0.0 2.9 3.0 3.1 0.0 2.1 2.0 2.3 0.0 4.4 4.5 3.1 0.0 3.6 3.5 2.3 0.0
High Drive Input Delay High Drive Input, Inverting Delay Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time
1.5 1.6 3.1 0.0 0.7 0.6 2.3 0.0
tlESU tlEH
D 6WDWHG WLPLQJ IRU ZRUVW FDVH 3URSDJDWLRQ 'HOD\ RYHU SURFHVV YDULDWLRQ DW 9&& 9 DQG 7$ & 0XOWLSO\ E\ WKH DSSURSULDWH 'HOD\ )DFWRU . IRU VSHHG JUDGH YROWDJH DQG WHPSHUDWXUH VHWWLQJV DV VSHFLILHG LQ 7DEOH 7DEOH &ORFN &HOOV 6\PERO 3DUDPHWHU 3URSDJDWLRQ 'HOD\V QV /RDGV SHU +DOI &ROXPQ D tACK tGCKP tGCKB Array Clock Delay Global Clock Pin Delay Global Clock Buffer Delay 1.2 0.7 0.8 1.2 0.7 0.8 1.3 0.7 0.9 1.3 0.7 0.9 1.5 0.7 1.1 1.6 0.7 1.2 1.7 0.7 1.3
D 7KH DUUD\ GLVWULEXWHG QHWZRUNV FRQVLVW RI KDOI FROXPQV DQG WKH JOREDO GLVWULEXWHG QHWZRUNV FRQ VLVW RI KDOI FROXPQV HDFK GULYHQ E\ DQ LQGHSHQGHQW EXIIHU 7KH QXPEHU RI KDOI FROXPQV XVHG GRHV QRW DIIHFW FORFN EXIIHU GHOD\ 7KH DUUD\ FORFN KDV XS WR HLJKW ORDGV SHU KDOI FROXPQ 7KH JOR EDO FORFN KDV XS WR ORDGV SHU KDOI FROXPQ 7DEOH ,QSXW2QO\ ,2 &HOOV 6\PERO 3DUDPHWHU 3URSDJDWLRQ 'HOD\V QV )DQRXW D tI/O tISU tIH tlOCLK tlORST tlESU tlEH Input Delay (bidirectional pad) Input Register Set-Up Time Input Register Hold Time Input Register Clock To Q Input Register Reset Delay Input Register clock Enable Set-Up Time Input Register Clock Enable Hold Time 1.3 3.1 0.0 0.7 0.6 2.3 0.0 1.6 3.1 0.0 1.0 0.9 2.3 0.0 1.8 3.1 0.0 1.2 1.1 2.3 0.0 2.1 3.1 0.0 1.5 1.4 2.3 0.0 3.1 3.1 0.0 2.5 2.4 2.3 0.0 3.6 3.1 0.0 3.0 2.9 2.3 0.0
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
D 6WDWHG WLPLQJ IRU ZRUVW FDVH 3URSDJDWLRQ 'HOD\ RYHU SURFHVV YDULDWLRQ DW 9&& 9 DQG 7$ & 0XOWLSO\ E\ WKH DSSURSULDWH 'HOD\ )DFWRU . IRU VSHHG JUDGH YROWDJH DQG WHPSHUDWXUH VHWWLQJV DV VSHFLILHG LQ 7DEOH
7DEOH 2XWSXW2QO\ ,2 &HOOV 6\PERO 3DUDPHWHU tOUTLH
www..com
3URSDJDWLRQ 'HOD\V QV 2XWSXW /RDG &DSDFLWDQFH S) 2.5 2.6 1.7 2.0 3.1 3.2 2.2 2.6 3.6 3.7 2.8 3.1 4.7 4.8 3.9 4.2 -
Output Delay Low to High Output Delay High to Low Output Delay Tri-state to High Output Delay Tri-state to Low Output Delay High to Tri-State Output Delay Low to Tri-State
a
2.1 2.2 1.2 1.6 2.0 1.2
tOUTHL tPZH tPZL tPHZ tPLZ
D 7KH ORDGV SUHVHQWHG LQ )LJXUH DUH XVHG IRU W3;=
tPHZ 1 5 pF
1 tPLZ 5 pF
)LJXUH /RDGV XVHG IRU W3;=
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
'& &KDUDFWHULVWLFV
The DC specifications are provided in 7DEOH through 7DEOH .
7DEOH $EVROXWH 0D[LPXP 5DWLQJV 3DUDPHWHU VCC Voltage VCCIO Voltage Input Voltage Latch-up Immunity 9DOXH -0.5 V to 4.6 V -0.5 V to 7.0 V -0.5 V to VCCIO +0.5 V 200 mA 3DUDPHWHU DC Input Current ESD Pad Protection Storage Temperature Lead Temperature 9DOXH 20 mA 2000 V -65C to +150C 300C
www..com
7DEOH 2SHUDWLQJ 5DQJH 6\PERO 3DUDPHWHU 0LOLWDU\ 0LQ VCC VCCIO TA TC Supply Voltage I/O Input Tolerance Voltage Ambient Temperature Case Temperature -0 Speed Grade -1 Speed Grade K Delay Factor -2 Speed Grade -3 Speed Grade -4 Speed Grade 3.0 3.0 -55 0.42 0.42 0D[ 3.6 5.5 125 1.64 1.37 ,QGXVWULDO 0LQ 3.0 3.0 -40 0.43 0.43 0.43 0.43 0.43 0D[ 3.6 5.5 85 1.90 1.54 1.28 0.90 0.82 &RPPHUFLDO 0LQ 3.0 3.0 0 0.46 0.46 0.46 0.46 0.46 0D[ 3.6 5.25 70 1.85 1.50 1.25 0.88 0.80 V V C C n/a n/a n/a n/a n/a 8QLW
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
7DEOH '& &KDUDFWHULVWLFV 6\PERO VIH VIL VOH 3DUDPHWHU Input HIGH Voltage Input LOW Voltage Output HIGH Voltage IOH = -12 mA IOH = -500 A IOL = 16 mA
a
&RQGLWLRQV
0LQ 0.5 VCC -0.5 2.4 0.9 VCC
0D[ VCCIO+0.5 0.3 VCC
8QLWV V V V V
VOL
www..com
Output LOW Voltage I or I/O Input Leakage Current 3-State Output Leakage Current Input Capacitance
b
0.45 0.1 VCC -10 -10 10 10 10
V V A A pF mA mA mA A
IOL = 1.5 mA VI = VCCIO or GND VI = VCCIO or GND
II IOZ CI IOS ICC ICCIO
Output Short Circuit Currentc D.C. Supply Currentd D.C. Supply Current on VCCIO
VO = GND VO = VCC VI, VIO = VCCIO or GND
-15 40 0.50 (typ) 0
-180 210 2 100
D $SSOLHV RQO\ WR FRPPHUFLDO JUDGH GHYLFHV 7KHVH VSHHG JUDGHV DUH DOVR 3&,FRPSOLDQW $OO RWKHU GHYLFHV KDYH P$ ,2/ VSHFLILFDWLRQV E &DSDFLWDQFH LV VDPSOH WHVWHG RQO\ &ORFN SLQV DUH S) PD[LPXP F 2QO\ RQH RXWSXW DW D WLPH 'XUDWLRQ VKRXOG QRW H[FHHG VHFRQGV G )RU FRPPHUFLDO JUDGH GHYLFHV RQO\ 0D[LPXP ,&& LV P$ IRU FRPPHUFLDO JUDGH DQG DOO LQGXVWULDO JUDGH GHYLFHV DQG P$ IRU DOO PLOLWDU\ JUDGH GHYLFHV )RU $& FRQGLWLRQV FRQWDFW 4XLFN/RJLF FXVWRPHU DSSOLFDWLRQV JURXS VHH &RQWDFW ,QIRUPDWLRQ
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
.Y DQG .W *UDSKV
Voltage Factor vs. Supply Voltage
1.1000 1.0800 1.0600 1.0400
Kv
1.0200 1.0000 0.9800 0.9600 0.9400 0.9200 3 3.1 3.2 3.3 3.4 3.5 3.6
www..com
Supply Voltage (V)
)LJXUH 9ROWDJH )DFWRU YV 6XSSO\ 9ROWDJH
Temperature Factor vs. Operating Temperature
1.15 1.10 1.05 1.00 0.95 0.90 0.85 -60 -40 -20 0 20 40 60 80
Kt
Junction Temperature C
)LJXUH 7HPSHUDWXUH )DFWRU YV 2SHUDWLQJ 7HPSHUDWXUH
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
3RZHUXS 6HTXHQFLQJ
VCCIO
Voltage
VCC (VCCIO -VCC)MAX VCC
www..com
400 us
Time
)LJXUH 3RZHUXS 5HTXLUHPHQWV
The following requirements must be met when powering up the device (see )LJXUH ). QuickLogic recommends the following for the lowest possible power-up current. Not following these recommendations will cause the device to draw more current during power-up:
* When ramping up the power supplies keep (VCCIO -VCC)MAX 500 mV. * VCCIO must lead VCC when ramping the device. The power supply must take greater than or equal to 400 s to reach VCC. Ramping to VCC/VCCIO earlier than 400 s can cause the device to behave improperly.
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
-7$*
TCK TMS TRSTB TAp Controller State Machine (16 States) Instruction Decode & Control Logic
Instruction Register
RDI
Mux Boundary-Scan Register (Data Register)
Mux
TDO
www..com
Bypass Register
Internal Register
I/O Registers
User Defined Data Register
)LJXUH -7$* %ORFN 'LDJUDP
Microprocessors and Application Specific Integrated Circuits (ASICs) pose many design challenges, not the least of which concerns the accessibility of test points. The Joint Test Access Group (JTAG) formed in response to this challenge, resulting in IEEE standard 1149.1, the Standard Test Access Port and Boundary Scan Architecture. The JTAG boundary scan test methodology allows complete observation and control of the boundary pins of a JTAG-compatible device through JTAG software. A Test Access Port (TAP) controller works in concert with the Instruction Register (IR); these allow users to run three required tests, along with several user-defined tests. JTAG tests allow users to reduce system debug time, reuse test platforms and tools, and reuse subsystem tests for fuller verification of higher level system elements.
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
The 1149.1 standard requires the following three tests:
* Extest Instruction. The Extest instruction performs a PCB interconnect test. This test
www..com
places a device into an external boundary test mode, selecting the boundary scan register to be connected between the TAP's Test Data In (TDI) and Test Data Out (TDO) pins. Boundary scan cells are preloaded with test patterns (via the Sample/Preload Instruction), and input boundary cells capture the input data for analysis. * Sample/Preload Instruction. This instruction allows a device to remain in its functional mode, while selecting the boundary scan register to be connected between the TDI and TDO pins. For this test, the boundary scan register can be accessed via a data scan operation, allowing users to sample the functional data entering and leaving the device. * Bypass Instruction. The Bypass instruction allows data to skip a device's boundary scan entirely, so the data passes through the bypass register. The Bypass instruction allows users to test a device without passing through other devices. The bypass register is connected between the TDI and TDO pins, allowing serial data to be transferred through a device without affecting the operation of the device.
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
3LQ 'HVFULSWLRQV
7DEOH 3LQ 'HVFULSWLRQV 3LQ TDI TRSTB TMS TCK
www..com
)XQFWLRQ Test Data In for JTAG Active low Reset for JTAG Test Mode Select for JTAG Test Clock for JTAG Test data out for JTAG Special Test Mode
'HVFULSWLRQ Hold HIGH during normal operation. Connect to VCC if not used for JTAG. Hold LOW during normal operation. Connect to ground if not used for JTAG. Hold HIGH during normal operation. Connect to VCC if not used for JTAG. Hold HIGH or LOW during normal operation. Connect to VCC or ground if not used for JTAG. Output that must be left unconnected if not used for JTAG. Must be grounded during normal operation.
TDO STM I/ACLK I/GCLK I I/O VCC VCCIO GND
High-drive input and/or array Can be configured as either or both. network driver High-drive input and/or global Can be configured as either or both. network driver High-drive input Input/Output pin Power supply pin Input voltage tolerance pin Ground pin Use for input signals with high fanout. Can be configured as an input and/or output. Connect to 3.3 V supply. Connect to 5.0 V supply if 5 V input tolerance is required, otherwise connect to 3.3 V supply. Connect to ground.
2UGHULQJ ,QIRUPDWLRQ
QL 3006 - 1 PF100 C QuickLogic device pASIC 3 device part number Speed Grade 0 = Quick 1 = Fast 2 = Faster 3 = Faster *4 = Wow Operating Range C = Commercial I = Industrial M = Military Package Code PL68=68-pin PLCC PL84 = 84-pin PLCC PF100 = 100-pin TQFP
* Contact QuickLogic regarding availability (see &RQWDFW ,QIRUPDWLRQ)
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
3/&& 3LQRXW 'LDJUDP
987 65 43 2 1 68 67 66 65 64 63 62 61
TDO IO IO IO IO VCCIO IO IO GND IO IO IO IO IO IO STM TCK
www..com
3/&& 3LQRXW 7DEOH
7DEOH 3/&& 3LQRXW 7DEOH
3/&& )XQFWLRQ
*1' ,2 ,2 9&&,2 ,2 ,2 ,2 ,2 7'2 ,2 ,2 ,2 ,2 *1' ,2 , $&/.,
3/&&
TDI IO IO IO IO IO IO IO GND IO IO IO VCCIO IO IO TRSTB TMS
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
IO IO IO IO GND IO I ACLK/I VCC I GCLK/I IO IO IO IO IO IO
pASIC 3 QL3006-1PL68C
IO IO IO IO IO IO GCLK/I I VCC ACLK/I I IO GND IO IO IO IO
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
)LJXUH 7RS 9LHZ RI SLQ 3/&&
)XQFWLRQ
9&& , *&/., ,2 ,2 ,2 ,2 ,2 ,2 7', ,2 ,2 ,2 ,2 ,2 ,2 ,2
3/&&
)XQFWLRQ
*1' ,2 ,2 ,2 9&&,2 ,2 ,2 7567% 706 ,2 ,2 ,2 ,2 *1' ,2 , $&/.,
3/&&
)XQFWLRQ
9&& , *&/., ,2 ,2 ,2 ,2 ,2 ,2 7&. 670 ,2 ,2 ,2 ,2 ,2 ,2
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
3/&& 3LQRXW 'LDJUDP
11 10 9 87 65 43 2 1 84 83 82 81 80 79 78 77 76 75 TDO IO IO IO IO IO IO VCCIO IO IO IO IO IO GND IO IO VCC IO IO STM TCK
www..com
12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
3/&& 3LQRXW 'LDJUDP
7DEOH 3/&& 3LQRXW 'LDJUDP
3/&& )XQFWLRQ
,2 ,2 ,2 9&&,2 ,2 ,2 ,2 ,2 ,2 ,2 7'2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 *1' ,2 ,
TDI IO IO VCC IO IO IO GND IO IO IO IO IO VCCIO IO IO IO IO IO TRSTB TMS
IO IO IO IO IO IO IO GND IO I ACLK/I I GCLK/I VCC IO IO IO IO IO IO IO
pASIC 3 QL3006-1PL84C
IO IO IO IO IO IO IO VCC GCLK/I I ACLK/I I IO GND IO IO IO IO IO IO IO
74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
)LJXUH 7RS 9LHZ RI 3LQ 3/&&
3/&&
)XQFWLRQ
$&/., , *&/., 9&& ,2 ,2 ,2 ,2 ,2 ,2 ,2 7', ,2 ,2 9&& ,2 ,2 ,2 *1' ,2 ,2
3/&&
)XQFWLRQ
,2 ,2 ,2 9&&,2 ,2 ,2 ,2 ,2 ,2 7567% 706 ,2 ,2 ,2 ,2 ,2 ,2 ,2 *1' ,2 ,
3/&&
)XQFWLRQ
$&/., , *&/., 9&& ,2 ,2 ,2 ,2 ,2 ,2 ,2 7&. 670 ,2 ,2 9&& ,2 ,2 *1' ,2 ,2
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
74)3 3LQRXW 'LDJUDP
Pin 1 Pin 76
www..com
pASIC 3 QL3006-1PF100C
Pin 26
Pin 51
)LJXUH 7RS 9LHZ RI 3LQ 74)3
74)3 3LQRXW 7DEOH
7DEOH 74)3 3LQRXW 7DEOH
74)3 )XQFWLRQ
,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 *1' ,2 , $&/. , 9&& , *&/. , 9&& ,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 7',
74)3
)XQFWLRQ
*1' ,2 ,2 ,2 9&&,2 ,2 ,2 ,2 ,2 ,2 ,2 7567% 706 ,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 *1' ,2 , $&/. , 9&&
74)3
)XQFWLRQ
,2 7&. 670 ,2 ,2 ,2 ,2 ,2 ,2 ,2 *1' ,2 ,2 *1' ,2 ,2 ,2 9&&,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 7'2
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP

4/ S$6,& )3*$ 'DWD 6KHHW 5HY $ 7DEOH 74)3 3LQRXW 7DEOH
74)3 )XQFWLRQ
,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2 *1' ,2 ,2
74)3
)XQFWLRQ
, *&/. , 9&& ,2 ,2 ,2 ,2 ,2 ,2 ,2 ,2
74)3
)XQFWLRQ
www..com
ZZZTXLFNORJLFFRP

Preliminary
4XLFN/RJLF &RUSRUDWLRQ
4/ S$6,& )3*$ 'DWD 6KHHW 5HY $
&RQWDFW ,QIRUPDWLRQ
Telephone: 408 990 4000 (US) 416 497 8884 (Canada) 44 1932 57 9011 (Europe) 49 89 930 86 170 (Germany) 852 8106 9091 (Asia) 81 45 470 5525 (Japan) E-mail:
www..com
info@quicklogic.com support@quicklogic.com http://www.quicklogic.com/
Support: Web site:
5HYLVLRQ +LVWRU\
7DEOH 5HYLVLRQ +LVWRU\ 5HYLVLRQ A 'DWH January 2003 &RPPHQWV Brian Faith, Andreea Rotaru
&RS\ULJKW DQG 7UDGHPDUN ,QIRUPDWLRQ
Copyright (c) 2003 QuickLogic Corporation. All Rights Reserved. The information contained in this document and the accompanying software programs is protected by copyright. All rights are reserved by QuickLogic Corporation. QuickLogic Corporation reserves the right to modify this document without any obligation to notify any person or entity of such revision. Copying, duplicating, selling, or otherwise distributing any part of this product without the prior written consent of an authorized representative of QuickLogic is prohibited. QuickLogic and the QuickLogic logo, pASIC, ViaLink, DeskFab, and QuickWorks are registered trademarks of QuickLogic Corporation; Eclipse, QuickFC, QuickDSP, QuickDR, QuickSD, QuickTools, QuickCore, QuickPro, SpDE, WebASIC, and WebESP are trademarks of QuickLogic Corporation.
4XLFN/RJLF &RUSRUDWLRQ
Preliminary
ZZZTXLFNORJLFFRP


▲Up To Search▲   

 
Price & Availability of QL3006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X