Part Number Hot Search : 
ST7544 1N5945BP ZHX1223 TM8713 MAX9376 NSPR510A HT1621 A8294
Product Description
Full Text Search
 

To Download P0903BSG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P0903BSG
TO-263 (D2PAK) Lead-Free
D
PRODUCT SUMMARY V(BR)DSS 25 RDS(ON) 9.5m ID 50A 1. GATE 2. DRAIN 3. SOURCE
G S
www..com
ABSOLUTE MAXIMUM RATINGS (TC = 25 C Unless Otherwise Noted) PARAMETERS/TEST CONDITIONS Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Avalanche Current Avalanche Energy Repetitive Avalanche Energy Power Dissipation
2 1
SYMBOL VGS
LIMITS 20 50 35 200 40 250 8.6 50 30 -55 to 150 275
UNITS V
TC = 25 C TC = 100 C
ID IDM IAR
A
L = 0.1mH L = 0.05mH TC = 25 C TC = 100 C
1
EAS EAR PD Tj, Tstg TL
mJ
W
Operating Junction & Storage Temperature Range Lead Temperature ( /16" from case for 10 sec.) THERMAL RESISTANCE RATINGS THERMAL RESISTANCE Junction-to-Case Junction-to-Ambient Case-to-Heatsink
1 2
C
SYMBOL RJC RJA RCS
TYPICAL
MAXIMUM 2.5 62.5
UNITS
C / W
0.6
Pulse width limited by maximum junction temperature. Duty cycle 1
ELECTRICAL CHARACTERISTICS (TC = 25 C, Unless Otherwise Noted) PARAMETER SYMBOL TEST CONDITIONS STATIC Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0V, ID = 250A VDS = VGS, ID = 250A VDS = 0V, VGS = 20V VDS = 20V, VGS = 0V VDS = 20V, VGS = 0V, TC = 125 C 25 1 1.6 3 250 25 250 V nA A LIMITS UNIT MIN TYP MAX
1
Jun-29-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P0903BSG
TO-263 (D2PAK) Lead-Free
On-State Drain Current1 Drain-Source On-State Resistance1 Forward Transconductance1
ID(ON) RDS(ON) gfs
VDS = 10V, VGS = 10V VGS = 4.5V, ID = 20A VGS = 10V, ID = 25A VDS = 10V, ID = 25A DYNAMIC
50 11 7.5 32 16 9.5
A m S
www..com
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
2 2
Ciss Coss Crss Qg Qgs Qgd
2
1200 1800 VGS = 0V, VDS = 15V, f = 1MHz 600 350 25 VDS = 10V, VGS = 10V, ID = 25A 15 10 6 VDS = 15V, RL = 1 ID 50A, VGS = 10V, RGEN = 24 120 40 105 16 250 90 200 nS 1000 500 50 nC pF
Gate-Source Charge Gate-Drain Charge Rise Time2
2
Turn-On Delay Time
td(on) tr td(off) tf
Turn-Off Delay Time2 Fall Time2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 C) Continuous Current Pulsed Current3 Forward Voltage1 Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge
1 2
IS ISM VSD trr IRM(REC) Qrr IF = IS, dlF/dt = 100A / S IS = 25A, VGS = 0V 0.9 70 200 0.043
50 150 1.3
A V nS A C
Pulse test : Pulse Width 300 sec, Duty Cycle 2. Independent of operating temperature. 3 Pulse width limited by maximum junction temperature. REMARK: THE PRODUCT MARKED WITH "P0903BSG", DATE CODE or LOT # Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.
2
Jun-29-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P0903BSG
TO-263 (D2PAK) Lead-Free
TYPICAL CHARACTERISTICS
www..com
3
Jun-29-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P0903BSG
TO-263 (D2PAK) Lead-Free
www..com
4
Jun-29-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P0903BSG
TO-263 (D2PAK) Lead-Free
TO-263 (D2PAK) MECHANICAL DATA
mm Min. 14.5 4.2 1.20 2.8 0.3 -0.102 8.5 9 0.4 0.5 0.203 9.5 Typ. 15 Max. 15.8 4.7 1.35 mm Min. 1.0 9.8 6.5 1.5 0.7 4.83 5.08 1.4 5.33 Typ. 1.5 Max. 1.8 10.3
Dimension
www..com
Dimension H I J K L M
N
A B C D E F G
A E C H G F J 3 K 1 M 2 L I
B
5
Jun-29-2004


▲Up To Search▲   

 
Price & Availability of P0903BSG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X