Part Number Hot Search : 
4034B MCZ33 KBU10 20CTQ BSO303S SXX18 PGT60107 2300S
Product Description
Full Text Search
 

To Download NJW1142A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJW1142A
www..com
AUDIO PROCESSOR
GENERAL DESCRIPTION The NJW1142A is a sound processor includes all of the functions required to process the audio signal for TV, such as tone control, balance, volume, mute, and AGC functions. Also the NJW1142A performs NJRC Surround "eala" which is regenerated 3D surround sound with only two speakers. 2 All of the internal status and variables are controlled by I C BUS interface. s PACKAGE OUTLINE
NJW1142AV
FEATURES h Operating Voltage 8 to 10V h Internal 4 Input Audio Selectors and Monitor Output hLow Noise VCA hNJRC Surround "eala" hSimulated Stereo 2 hVariable AGC Compression Level via I C (4-levels) hBi-CMOS Technology hPackage Outline SSOP32
sBLOCK DIAGRAM
MONa
AGC
TONE TONE -La -Ha
OUTa
0dB
+4.5dB
SDA SCL CVA CVB CTH CTL CSR
IN1a IN2a IN3a IN4a
SEL
VOL1 NJRC Surround "eala" & Sim ulated Stereo VOL1
0dB
TONE
VOL2
I2C BUS Interface
AGC
IN1b IN2b IN3b IN4b
SEL
TONE
VOL2 Bias GND Vcc
+4.5dB
MONb
TONETONE -Hb -Lb
OUTb
Vref
-1-
NJW1142A
www..com
PIN CONFIGURATION
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
IN1a IN2a IN3a IN4a MONa SR FIL TONE-Ha TONE-La LINEa OUTa CVa CVb SDA SCL GND NC
IN1b 32 IN2b 31 IN3b 30 IN4b 29 MONb 28 CSR 27
TONE-Hb 26 TONE-Lb 25 LINEb 24 OUTb 23 AGC 22 CTH 21 CTL 20 Vref V+ 19 16 18
NC 17
No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol
IN1a IN2a IN3a IN4a MONa SR FIL TONE-Ha TONE-La LINEa OUTa CVA CVB SDA SCL GND NC Ach Input 1 Ach Input 2 Ach Input 3 Ach Input 4 Ach Monitor Output Surround Filter Ach Treble Filter Ach Bass Filter
Function
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Symbol
NC V+ Vref CTL CTH AGC OUTb LINEb TONE-Lb TONE-Hb CSR MONb IN4b IN3b IN2b IN1b No Connect
Function
Power Supply Treminal Reference Voltage Pop Noise reduction for Bass Control Pop Noise reduction for Treble Control AGC Filter Bch Output Bch LINE Output (+4.5dB) Bch Bass Filter Bch Treble Filter Pop Noise Reduction for Surround Control Bch Monitor Output Bch Input 4 Bch Input 3 Bch Input 2 Bch Input 1
Ach LINE Output (+4.5dB) Ach Output Pop Noise Reduction for Ach Volume & Balance Pop Noise Reduction for Bch Volume & Balance SDA Data Input (I C BUS) SCL Clock Input (I2C BUS) GND Terminal No Connect
2
-2-
NJW1142A
www..com
ABSOLUTE MAXIMUM RATING (Ta=25C)
PARAMETER Supply Voltage Power Dissipation Operating Temperature Range Storage Temperature Range SYMBOL V
+
RATING 12 800
NOTE: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
UNIT V mW C C
PD Topr Tstg
-20 to +75 -40 to +125
+
ELECTRICAL CHARACTERISTICS ( Ta=25C, V =9V, Rg=600, RL=47k, Vin=100mVrms/1kHz)
PARAMETER Operating Voltage Supply Current Reference Voltage Maximum Input Voltage Maximum Output Voltage1 Maximum Output Voltage2 MON OUT Gain LINEOUT Gain Maximum Gain Minimum Gain Channel Balance Balance Boost A Balance Cut A Balance Boost B Balance Cut B Total Harmonic Distortion Input Selector Cross Talk Channel Separation Output Noise 1 Output Noise 2 Output Noise 3 Output Noise 4 SYMBOL V
+
TEST CONDITION
MIN. 8.0
TYP. 9.0 10.0 4.5 3.0 2.5 2.5 0.0 4.5 0.0 0.0 0.0 0.0 -90 (31.6) -106 (5.0) -85 (56.2) -101 (8.9)
MAX. 10.0 25.0 5.0 1.0 6.5 2.0 -70 1.5 2.0 -70 2.0 -70 0.5 -70 -70 -85 (56.2) -96 (15.8) -80 (100) -91 (28.2)
UNIT V mA V Vrms Vrms Vrms dB dB dB dB dB dB dB dB dB % dB dB dBV (Vrms) dBV (Vrms) dBV (Vrms) dBV (Vrms)
ICC VREF VIM VOM1 VOM2 GVMON GVLINE GVMAX GVMIN GCB BABST BACUT BBBST BBCUT THD CT CS VNO1 VNO2 VNO3 VNO4
No Signal No Signal VOL=-20dB, THD=3% OUTPUT VOL=0dB, THD=1% LINEOUT VOL=0dB, THD=1% MON OUT LINEOUT, VOL=0dB VOL=0dB VOL=Mute, Vin=1Vrms BW=400Hz to 30kHz VOL=0dB CHS="0",BAL="11111" CHS="1",BAL="11111" Vin = 1Vrms BW=400Hz to 30kHz CHS="1",BAL="11111" CHS="0",BAL="11111" Vin = 1Vrms BW=400Hz to 30kHz Vo=0.5Vrms BW=400Hz to 30kHz Vin=1Vrms BW=400Hz to 30kHz Vin=1Vrms BW=400Hz to 30kHz VOL=0dB BW=400Hz to 30kHz VOL=Mute BW=400Hz to 30kHz LINEOUT, VOL=0dB BW=400Hz to 30kHz LINEOUT, VOL=Mute BW=400Hz to 30kHz
4.0 2.8 -1.0 2.5 -2.0 -1.5 -2.0 -2.0 -
-3-
NJW1142A
www..com
ELECTRICAL CHARACTERISTICS ( Ta=25C, V =9V, Rg=600, RL=47k, Vin=100mVrms/1kHz) hTONE CONTROL (Tone Control-ON)
PARAMETER High Frequency Boost High Frequency Flat High Frequency Cut Low Frequency Boost Low Frequency Flat Low Frequency Cut SYMBOL HFBST HFFLT HFCUT LFBST LFFLT LFCUT TEST CONDITION TREBLE=+15dB, f=10kHz TRBE=0dB, f=10kHz TREBLE=-15dB, f=10kHz BASS=+15dB, f=100Hz BASS=0dB, f=100Hz BASS=-15dB, f=100Hz MIN. 12.5 -2.0 -17.5 12.5 -2.0 -17.5 TYP. 15.0 0.0 -15.0 15.0 0.0 -15.0 MAX. 17.5 2.0 -12.5 17.5 2.0 -12.5 UNIT dB dB dB dB dB dB
+
hAGC
(AGC-ON)
PARAMETER SYMBOL AGCBST AGCFLT1 AGCFLT2 AGCFLT3 AGCFLT4 AGCCUT TEST CONDITION Vin=50mVrms Vin=300mVrms Vin=400mVrms Vin=500mVrms Vin=600mVrms Vin=2Vrms MIN. 1.5 -2.5 -2.5 -2.5 -2.5 -14 TYP. 3.5 0.0 0.0 0.0 0.0 -10 MAX. 5.5 2.5 2.5 2.5 2.5 -6.0 UNIT dB dB dB dB dB dB
AGC BOOST AGC FLAT 1 AGC FLAT 2 AGC FLAT 3 AGC FLAT 4 AGC CUT
hSURROUND (SURROUND-ON)
PARAMETER Simulated Stereo A Simulated Stereo B Surround 3D1 Surround 3D2 Surround 3D3 SYMBOL SRSIMA SRSIMB SR3D1 SR3D2 SR3D3 TEST CONDITION Ain+Bin Aout, f=1kHz Ain+Bin Bout, f=1kHz Ain Aout, f=100Hz Ain Aout, f=10kHz Ain Bout, f=100Hz MIN. 1.0 1.0 8.0 -2.0 4.5 TYP. 3.0 3.0 10.0 0.0 6.5 MAX. 5.0 5.0 12.0 2.0 8.5 UNIT dB dB dB dB dB
-4-
NJW1142A
www..com
2
2
I C BUS BLOCK CHARACTERISTICS (SDA,SCL)
I C BUS Load Conditions: Pull up resistance 4k (Connected to +5V), Load capacitance 200pF (Connected to GND)
PARAMETER
Low Level Input Voltage High Level Input Voltage Hysteresis of Schmitt trigger inputs Low level output voltage (3mA at SDA pin) Output fall time from VIHmin to VILmax with a bus capacitance from 10pF to 400pF Pulse width of spikes which must be suppressed by the input filter Input current each I/O pin with an input voltage between 0.1VDD and 0.9VDDmax Capacitance for each I/O pin SCL clock frequency Hold time (repeated) START condition. Low period of the SCL clock High period of the SCL clock Set-up time for a repeated START condition Data hold time Data set-up time Rise time of both SDA and SCL signals Fall time of both SDA and SCL signals Set-up time for STOP condition Bus free time between a STOP and START condition Capacitive load for each bus line Noise margin at the Low level Noise margin at the High level
SYMBOL
VIL VIH Vhys VOL tof tSP Ii Ci fSCL tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tr tf tSU:STO tBUF Cb VnL
Standard mode
MIN. 0.0 2.7 0 -10 4.0 4.7 4.0 4.7 0 250 4.0 4.7 0.5 1 TYP. MAX. 1.5 5.0 0.4 250 10 10 100 3.45 1000 300 400 MIN. 0.0 2.7 0.25 0
Fast mode
TYP. MAX. 1.5 5.0 0.4 250 50 10 10 400 0.9 300 300 400 -
UNIT
V V V V ns ns A pF kHz s s s s s ns ns ns s s pF V
20 +0.1Cb
0 -10 0.6 1.3 0.6 0.6 0 100 0.6 1.3 0.5 1
VnH
V
Cb ; total capacitance of one bus line in pF.
SDA
tf
tr
tSU:DAT
tf
tHD:STA
tSP
tr
tBUF
SCL
tHD:STA S tLOW tHD:DAT tHIGH
tSU:STA Sr
tSU:STO P S
-5-
NJW1142A
www..com
TERMINAL DESCRIPTION No.
1 2 3 4 29 30 31 32 5 9 10 23 24 28
SYMBOL
IN1a IN2a IN3a IN4a IN4b IN3b IN2b IN1b MONa LINEa OUTa OUTb LINEb MONb
FUNCTION
Ach Input 1 Ach Input 2 Ach Input 3 Ach Input 4 Bch Input 4 Bch Input 3 Bch Input 2 Bch Input 1 Ach Monitor Output (0dB) Ach LINE Output (4.5dB) Ach Output (0dB) Bch Output (0dB) Bch LINE Output (4.5dB) Bch Monitor Output (0dB)
EQUIVALENT CIRCUIT
VOLTAGE
20k
V+/2
80k
V+/2
FB 50
6
SR FIL
Surround Filter
8k (eala) 24k (sim)
FB
V+/2
7 26
TONE-Ha TONE-Hb
Ach Treble Filter Bch Treble Filter
FB 20k
V+/2
12k
8 25
TONE-La TONE-Lb
Ach Bass Filter Bch Bass Filter
FB 12k
V+/2
-6-
NJW1142A
www..com
TERMINAL DESCRIPTION No. SYMBOL FUNCTION EQUIVALENT CIRCUIT VOLTAGE
12k
22
AGC
AGC Filter
400
400
0.6V
11 12
CVa CVb
Pop Noise Reduction for Ach Volume & Balance Pop Noise Reduction for Bch Volume & Balance
8k
V+/2 - 0.7V
VREG 5V
13 14
SDA SCL
SDA Data Input (I C BUS) 2 SCL Clock Input (I C BUS)
2
4k
-
8k
SCL:GND SDA:ACK
15
GND
GND Terminal
0V
18
V+
Power Supply Terminal
V+
200k
19
Vref
Reference Voltage
V+/2
-7-
NJW1142A
www..com
TERMINAL DESCRIPTION No. SYMBOL FUNCTION EQUIVALENT CIRCUIT VOLTAGE
20 21
CTL CTH
Pop Noise reduction for Bass Control Pop Noise reduction for Treble Control
36k
V+/2 - 0.7V
27
CSR
Pop Noise Reduction for Surround Control
0.6V
32k
-8-
NJW1142A
www..com
APPLICATION CIRCUIT
0.1F +
0.1F
1
0.1F + 0.1F + 0.1F + 4.7F +
IN1a IN2a IN3a IN4a MONa SR FIL TONE -Ha TONE -La LINEa OUTa CVa CVb SDA SCL GND NC
IN1b IN2b IN3b IN4b MONb CSR
32 31 30 29 28 27
+ 0.1F + 0.1F + 0.1F + 4.7F + 1F 2.2nF
2 3 4 5
22nF
6
2.2nF
7
100nF
TONE -Hb 26 TONE -Lb 25 LINEb 24 OUTb 23
+ 4.7F + 0.33F 1F + 1F + 1F + 100nF 4.7F
8
4.7F + 4.7F +
9 10
1F 1F
+ +
11 12 13 14 15 16
AGC 22 CTH 21 CTL 20 Vref V+ NC 19 18 16 17 16
+
22F
(NOTE) 2 1. Separate the I C bus line from the following terminals for avoiding digital noise problem.
Pin No. 6 7 Symbol SS FIL TONE-Ha Pin No. 8 25 Symbol TONE-La TONE-Lb Pin No. 26 Symbol TONE-Hb -
-9-
NJW1142A
www..com
2
DEFINITION OF I C REGISTER 2 I C BUS FORMAT
MSB LSB MSB LSB MSB LSB
S
1bit
Slave Address
8bit
A
1bit
Select Address
8bit
A
1bit
Data
8bit
A
1bit
P
1bit
S: Starting Term A: Acknowledge Bit P: Ending Term SLAVE ADDRESS
MSB LSB
1
0
0
0
0
0
1
R/W
R/W=0: Write mode for register setting R/W=1: Not available CONTROL REGISTER TABLE The select address sets each function (Volume, Balance, AGC, Surround, Tone Control, AUX). The auto increment function cycles the select address as follows. 00H01H02H03H04H05H00H Select Address
BIT D7
CHS BCB BCT BASS TREB Don't Care OUT SEL AGC1 AGC0 AGC
Don't Care
D6
D5
D4
VOL BAL
D3
D2
D1
SUR1
D0
SUR0
00H 01H 02H 03H 04H 05H
BCSB BCST
SUB-BASS SUB-TREB
CONTROL REGISTER DEFAULT VALUE Control register default value is all "0". Select Address
BIT D7
0 0 0 0 0 0
D6
0 0 0 0 0 0
D5
0 0 0 0 0 0
D4
0 0 0 0 0 0
D3
0 0 0 0 0 0
D2
0 0 0 0 0 0
D1
0 0 0 0 0 0
D0
0 0 0 0 0 0
00H 01H 02H 03H 04H 05H
- 10 -
NJW1142A
www..com
2
s I C CONTROL COMMAND DESCRIPTION hMASTER VOLUME CONTROL
Select Address 00H BIT D7 D6 D5 D4 VOL D3 D2 D1 D0
The volume control for both Ach and Bch (0.33dB/step). The volume is consisted of volume1 and volume2 and the level is divided into half to each volume1 and volume2. hBALANCE, AGC AND SURROUND SETTING
Select Address 01H BIT D7 CHS D6 D5 D4 BAL D3 D2 D1 SR1 D0 SR0
*CHS: Channel select for balance control "0": Ach "Bch is attenuated" "1": Bch "Ach is attenuated" *BAL: Balance control for both Ach and Bch (1dB/Step) The balance is consisted of volume1 and volume2 and the level is divided into half to each volume1 and volume2.
*"SR1", "SR0": Surround Mode select
Surround Mode
Surround Off (Bypass) Simulated Stereo eala effect large eala effect small
SR1 (D1) 0 0 1 1
SR0 (D0) 0 1 0 1
hTONE CONTROL BASS SETTING
Select Address 02H BIT D7 BCB D6 D5 BASS D4 D3 D2 BCSB D1 D0
SUB-BASS
*BCB: Boost cut select for Bass control "0": Cut "1": Boost *BASS: BASS control Cut Level: -15dB to 0dB (1dB/Step) Boost Level: 0dB to +15dB (1dB/Step) *BCSB: Boost cut select for SUB-BASS control "0": Cut "1": Boost *SUB-BASS: SUB- BASS control (1dB/Step) Sub-Cut Level: -3dB to 0dB (1dB/Step) Sub-Boost Level: 0dB to +3dB (1dB/Step)
- 11 -
NJW1142A
www..com
hTONE CONTROL TREBLE SETTING
Select Address 03H BIT D7 BCT D6 D5 TREB D4 D3 D2 BCST D1 D0
SUB-TREB
*BCT: Boost cut select for Treble control "0": Cut "1": Boost *TREB: Treble control (1dB/step) Cut Level: -15dB to 0dB (1dB/Step) Boost Level: 0dB to +15dB (1dB/Step) *BCST: Boost cut select for Sub-Treble control "0": Cut "1": Boost *SUB-TREB: Sub-Treble control (1dB/step) Sub-Cut Level: -3dB to 0dB (1dB/Step) Sub-Boost Level: 0dB to +3dB (1dB/Step) hOUTPUT AND AUXILIARY SETTING
Select Address 05H BIT D7 OUT D6 D5 SEL D4 D3 AGC1 D2 AGC0 D1 AGC D0
Don't Care
*OUT: ON/OFF Switch for OUTPUT "0": OFF (MUTE) "1": ON *SEL: Input Selector
Input Select IN1a and IN1b IN2a and IN2b IN3a and IN3b IN4a and IN4b D6 0 0 1 1 SEL D5 1 1 0 0 D4 0 1 0 1
* AGC1: AGC Level Setting
AGC Level AGC Flat 1 (300mVrms) AGC Flat 2 (400mVrms) AGC Flat 3 (500mVrms) AGC Flat 4 (600mVrms) AGC Off
Don't Care
AGC1 (D3) 0 0 1 1
AGC0 (D2) 0 1 0 1
AGC (D1) 1 1 1 1 0
- 12 -
NJW1142A
www..com
MASTER VOLUME (Select Address: 00H)
VOL Gain (dB) 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21 -22 -23 -24 -25 -26 -27 -28 -29 -30 -31 -32 -33 -34 -35 -36 -37 -38 -39 -40 -41 -42 HEX FF FC F9 F6 F3 F0 ED EA E7 E4 E1 DE DB D8 D5 D2 CF CC C9 C6 C3 C0 BD BA B7 B4 B1 AE AB A8 A5 A2 9F 9C 99 96 93 90 8D 8A 87 84 81 D7 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D6 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D5 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 D4 1 1 1 1 1 1 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 D3 1 1 1 0 0 0 1 1 0 0 0 1 1 1 0 0 1 1 1 0 0 0 1 1 0 0 0 1 1 1 0 0 1 1 1 0 0 0 1 1 0 0 0 D2 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 D1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 D0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
- 13 -
NJW1142A
www..com
MASTER VOLUME (Cont'd)
VOL Gain (dB) -43 -44 -45 -46 -47 -48 -49 -50 -51 -52 -53 -54 -55 -56 -57 -58 -59 -60 -61 -62 -63 -64 -65 -66 -67 -68 -69 -70 -71 -72 -73 -74 -75 -76 -77 -78 -79 -80 -81 -82 -83 -84 Mute HEX 7E 7B 78 75 72 6F 6C 69 66 63 60 5D 5A 57 54 51 4E 4B 48 45 42 3F 3C 39 36 33 30 2D 2A 27 24 21 1E 1B 18 15 12 0F 0C 09 06 03 00 D7 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D6 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 D5 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 D4 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 D3 1 1 1 0 0 1 1 1 0 0 0 1 1 0 0 0 1 1 1 0 0 1 1 1 0 0 0 1 1 0 0 0 1 1 1 0 0 1 1 1 0 0 0 D2 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 D1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 D0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
- 14 -
NJW1142A
www..com
BALANCE (Select Address: 01H)
Channel Select (CHS) Ach (Bch is attenuated) Bch (Ach is attenuated) D7 0 1
BAL
Gain (dB) 0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21 -22 -23 -24 -25 -26 -27 -28 -29 -30 Mute D6 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D5 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 D4 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 D3 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 D2 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
- 15 -
NJW1142A
www..com
TONE CONTROL BASS (Select Address: 02H)
Bass Cut or Boost Cut Boost BCB D7 0 1
BASS Cut Gain (dB) -15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 Boost Gain (dB) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 D6 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 D5 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 D4 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 D3 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
TONE CONTROL SUB-BASS (Select Address: 02H)
Sub-Bass Cut or Boost Cut Boost BCSB D2 0 1
SUB-BASS Cut Gain (dB) -3 -2 -1 0 Boost Gain (dB) 3 2 1 0 D1 1 1 0 0 D0 1 0 1 0
- 16 -
NJW1142A
www..com
TONE CONTROL TREBLE (Select Address: 03H)
Treble Cut or Boost Cut Boost BCT D7 0 1
TREB Cut Gain (dB) -15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 Boost Gain (dB) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 D6 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 D5 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 D4 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 D3 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
TONE CONTROL SUB-TREBLE (Select Address: 03H)
Sub-Treble Cut or Boost Cut Boost BCST D2 0 1
SUB-TREB Cut Gain (dB) -3 -2 -1 0 Boost Gain (dB) 3 2 1 0 D1 1 1 0 0 D1 1 0 1 0
- 17 -
NJW1142A
www..com
TYPICAL CHARACTERISTICS
S upply Current vs Supply Voltage
Ta=25o C 10 10 9 Supply C urrent [mA] 8 7 6 5 4 0 2 4 6 8 10 12 0 50 Temparature [ C]
o
Supply Current vs T emparature
V+=9V
8 Supply C urrent [mA]
6
4
2
0 Supply Voltage [V]
100
Gain vs Volume Control
V+=9V, Vin(Ach)=1Vrms,f=1kHz, OUTPUT,Rg=600 0
0
G ain vs Balance Control
V +=9V, Vin=1V rms, f=1k Hz, R g=600
-20
Gain [d B]
-20
Gain [dB]
-40
-40 Vo(Bch ) -60 75, 25, -20o C Vo(Ach ) 75, 25, -20o C
-60
75,25,-20 C
o
-80
-80
-100 0
-10 -20 -30 -40 -50 -60 -70 -80 MUTE Volume Control [dB]
-100 M U TE -30 -30
-20 0 -10 0 0 0 -2 -1
10 -10
20 -20 30-30
MUTE
Balanc e Control [d B]
Output Noise vs Volume Control
V+=9V, OUTPUT,BW=400-30kHz -60 -70 -80 Gain [dB] -90 -100 -110
Output Noise [dBV] -60
Output Noise vs Temperature
V+=9V, Rg=600, BW=400Hz-30kHz -40
Rg=600, Ta=25oC
Vol=0dB -80
-100 Vol=MUTE
-120 0
-10 -20 -30 -40 -50 -60 -70 -80 MUTE Volume Control [dB]
-120 0 50 Temparature [oC] 100
- 18 -
NJW1142A
www..com
TYPICAL CHARACTERISTICS
THD+N vs Input Voltage
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT Rg=600, BW=400Hz-30kHz, Ta=25oC 100
THD+N vs Input Voltage
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT Rg=600, BW=400Hz-30kHz, Vol=-20dB 100
10 THD+N [ % ]
-30dB THD+N [ % ]
10 25oC
1
1
-20oC
0.1
-20dB -10dB 0dB 0.1 1
0.1 75oC 0.01 0.01 0.1 1
0.01 0.01
Input Voltage [Vrms]
Input Voltage [Vrms]
THD+N vs Output Voltage
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT BW=400Hz-30kHz, Rg=600, Ta=25oC 100 100
THD+N vs Output Voltage
V+=9V, Vin(Ach), f=1kHz, Vo(Ach)OUTPUT Rg=600, BW=400Hz-30kHz, Vol=0dB
10 THD+N [ % ] -30dB 1 THD+N [ % ]
10 -20oC 1 25oC
0.1 -10dB 1 0dB
0.1 75oC 0.01 0.01 0.1 1
-20dB 0.01 0.01 0.1
Output Voltage [Vrms]
Output Voltage [Vrms]
MUT E Level vs Frequency
V+=9V, Vin(Ach)=1Vrms, Vol=MUTE Vo(Ach)O U TPUT, Rg=600 , Ta=25oC 120 100 MUTE Level [d B] 80 60 40 20 0 100 1000 Frequency [Hz] 100
Ch annel Separation vs Frequen cy
V+=9V , Vin=1Vrms, f=1kHz, Vo=OUTP U T
o Rg=600 , Vol=0 dB, Ta=25 C
Channel Sep aration [d B]
80
60 Vin(Ach)-V o(Bch ) Vin(Bch)-V o(Ach ) 40
20
0 10
4
100
1000 Freqency [H z]
10
4
- 19 -
NJW1142A
www..com
TYPICAL CHARACTERISTICS
Gain vs Frequency (TONE)
V+=9V, Vin(Ach)=0.1Vrms,Gv:3dB steps 20 Vo(Ach), Rg=600, Ta=25oC
AG C C ontrol
V+=9V, Vin(Ach+Bch), f=1kH z, Vo (Ach)OU TPU T Rg=600 , Ta=25o C 600m V
1
10 Gain [dB]
Output Voltage [Vrms]
500m V 0.1 400m V
0
300m V 0.01 OFF
-10
-20 100 1000 Frequency [Hz]
10
4
0.001 0.001
0.01
0.1
1
Input Voltage [Vrms]
AG C Attack T ime (C:20pin =0.33 F) V+=9V , V in(Ach+Bch)=1Vrms,f=20kH z,Vo (Ach)OU TPU T
AGC level= 0.3V,Rg=600 ,Ta= 25oC 2
AGC Recovery T ime (C:20pin =0.33 F) V+=9V, Vin(Ac h+B ch)=1 Vrm s, f=10kH z,Vo (Ach)OUTPUT
AG C level= 0.3V,R g=600 ,Ta=25o C 0.2
Output Voltage [V]
0
Output Voltage [V]
1
0.1
0
-1
-0.1
-2 0 2 4 6 8 10 Time [ms]
-0.2 0 100 200 300 400 500 Time [ms]
Gain vs Frequency (eala&Simulated)
V+=9V, Vin=0.1Vrms,OUTPUT, Rg=600, 20 Ta=25oC
Phase vs Frequency (Simulated)
V+=9V, Vin(A+Bch)=0.1Vrms, Rg=600, 200 Ta=25oC
eala AIN-AOUT
150 100 50 0 -50
BchOUT
10
0
Simulated (A+B)IN-AOUT eala AIN-BOUT
Phase [deg]
Gain [dB]
AchOUT
-10
-20 100 1000 Frequency [Hz]
10
4
-100 100 1000 Frequency [Hz] 10
4
- 20 -
NJW1142A
www..com
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 21 -


▲Up To Search▲   

 
Price & Availability of NJW1142A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X