Part Number Hot Search : 
MS2393 L7808A SF50JG AD7875LP 1N5226B L78L08CD 2N4204 L1027
Product Description
Full Text Search
 

To Download N-3406-2-XXXAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MPN motors with higher performance
The MPN motors are designed to replace the N-Series motors recently discontinued by Rockwell Automation. Parker's MPN motors feature the proven technology of the MPM motor family, and are modified to match the mechanical and electrical characteristics of the Rockwell N-Series family. The front motor mount, shaft dimensions, connectors and the electrical Ke (back-emf) of the motors are identical to that of the N-Series motors. MPN replacement motors replace all the Rockwell N-Series motors. The N2302, N2304, N3406, N3412, N4214, N4220, N5630, N5637, and N5647 can all be replaced with the MPN motors. All the MPN motor configuration files, which contain the electrical setup parameters for the Rockwell Ultra family of servo amplifiers, are available online.
* Same shaft and front flange dimensions as the Rockwell N-Series motors. * Same electrical connectors as the N-Series motors. * Comparable rotor inertia as the N-Series motors making re-tuning unnecessary. * MPN has more torque per frame size than the comparable N-Series motors. * Ultra 3000 and Ultra 100 / 200 configuration files provided, making system setup much faster. * Uses the proven design and technology of the MPM family of motors. These are proven products in industry. * IP65 UL / CE certified. * Motor brake option available for all motors * Two-year warranty
Custom Designed Servo Motors For Your Specific Application. Call 1-800.358.9070 Today.
www.parkermotion.com
Parker Hannifin Corporation Electromechanical Automation Division
www..com
MPN Series
Rockwell Part Number Matrix
N42 14
Torque Rating IN-LB
02
Rockwell N-Series to MPN Replacement conversion table
H 00
Options
-2-
AA
Special options
N series
Nema Frame Frames Size
23
Voltage Encorder Designator Line Count
1 = 115 F = 1000
MPN Replacement Part# Model # MPN2302N MPN2302B MPN2304N MPN2304B MPN3406N MPN3406B MPN3412N MPN3412B MPN4214N MPN4214B MPN4220N MPN4220B MPN5630N MPN5630B MPN5637N MPN5637B MPN5647N MPN5647B
MPC Replacement Custom # Model # MPC662X-115070 MPC662X-115071 MPC662A-115072 MPC662A-115073 MPC891X-115074 MPC891X-115075 MPC892X-115076 MPC892X-115077 MPC1141X-115078 MPC1141X-115079 MPC1141X-115080 MPC1141X-115081 MPC1141X-115082 MPC1141X-115083 MPC1141X-115084 MPC1141X-115085 MPC1142A-115086 MPC1142A-115087
Model #
00 = standard 04 = brake 2 = 230 volts H = 2000 k = 5000 AA = standard Flange
34
04 06 12 14 20 30 37 47
N-2302-1-F00AA N-2302-1-F04AA N-2304-1-F00AA N-2304-1-F04AA N-3406-2-H00AA N-3406-2-H04AA N-3412-2-H00AA N-3412-2-H04AA N-4214-2-H00AA N-4214-2-H04AA
42 56
MPN Part Number Matrix
MPN
MaxPlus Nema
42
Frame Size 23 34 42 56
14Torque Rating in-lb 02 04 06 12 14 20 30 37 47
N
N-4220-2-H00AA N-4220-2-H04AA N-5630-2-H00AA N-5630-2-H04AA N-5637-2-H00AA N-5637-2-H04AA N-5647-2-H00AA N-5647-2-H04AA
options N = standard B = brake
Since the UL certification is still in-process for the MPN model numbers, until further notice, the "MPC" part numbers must be ordered. The MPC part numbers are UL and CE certified.
Torque ratings for the MPN motors pertain only to equivalent N-Series part number. Actual torque for the MPN motors is much higher. Please reference spec sheet for actual motor specifications.
Custom Designed Servo Motors For Your Specific Application. Call 1-800.358.9070 Today.
Parker Hannifin Corporation Electromechanical Automation Division
www.parkermotion.com


▲Up To Search▲   

 
Price & Availability of N-3406-2-XXXAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X