Part Number Hot Search : 
2SC52 MAX14 PS232F G4BC20FD T640N ID226020 1ZB300X 2SC52
Product Description
Full Text Search
 

To Download MSP2015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSP2015 Multi-Service Processor
www..com Released
MSP for VoIP Gateways and Phones, Wired and Wireless
GENERAL
The MSP2015 belongs to a full family of Multi-Service Processors designed to meet the performance, QoS and security needs of communications equipment used within the customer premise. The MSP2015 is an ideal solution for VoIP Gateways and wireless IP Phones. As shown below, it includes a MIPS CPU, three 10/100 Ethernet MACs, TDM interface, and a PCI interface. The MSP2015 provides a new level of price performance for VoIP Gateways and wireless IP phones. Because the MSP2015 eliminates the need for a separate processor, voice processing DSP, and multiple Ethernet MACs, systems can now be built with fewer chips at a very affordable price point. The MSP2015 has a unique systems architecture that provides wire-speed performance. This architecture includes a powerful MIPS CPU, a 4.25 Gbps bus, 16KB Scratchpad, and intelligent context aware DMA engines. Together, this results in an extremely cost effective VoIP solution. Integration of 802.11a, b, and g wireless LANs is easily facilitated through the PCI interface. To reduce time-to-market, PMC-Sierra offers comprehensive support for the MSP2015, including evaluation boards, software, application engineering support, training, and documentation that together accelerate the product development process. In addition, the MSP2015 supports Linux, VxWorks, or custom operating systems.
FEATURES
The MSP2015 Multi-Service Processor offers the following advantages: * Cost effective VoIP solutions * Versatile PCI and ELB Buses * Support for Global IP Sound technology * 3 10/100 Ethernet MACs * Flexible GPIo architecture to easily support keypad scan * High performance systems architecture * Significant cost reduction through integration of multiple processors and discrete parts on a single chip * Architecture that scales to voice and data applications * Easy porting of customer and third party software and protocol stacks
APPLICATIONS
* * * * 1- and 2-port VoIP Gateway, Wired and Wireless IP Phones, Wired and Wireless TDM Ethernet Bridge
BLOCK DIAGRAM
MSP2015 802.11 PCI TDM 10/100 MAC 10/100 MAC 10/100 MAC SLIC/CODEC or Audio CODEC WAN LAN LAN
Console
UART
SDRAM
Memory Controller
4.25 Gbit/s Multi-Service Bus (MS Bus)
USB
External Local Bus
Two-Wire SPI/MPI GIPO
Display Serial I/O
High Performance MIPS32 4Km
Scratch Pad
PMC-2041688 Issue 1
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
(c) Copyright PMC-Sierra, Inc. 2004 All rights reserved.
MSP2015 Multi-Service Processor MSP for VoIP Gateways and Phones, Wired and Wireless
ELECTRICAL
* 276 pin PBGA * Vcc 3.3V I/O, 1.8V core * Power consumption 1.3W * Supports VLAN tagging
www..com
MEMORY CONTROLLER
* Glueless interface to 256 MB of SDRAM * Glueless interface to 32 MB of flash
VOICE INTERFACE
* TDM Interface
SYSTEM PROCESSOR
* High performance MIPS32 4Km processor at: * 170 MHz - 1 ch VoIP GW * 200 MHz - 2 ch VoIP GW * 16 KB instruction cache, 16 KB data cache * 16 KB Scratchpad
HIGH PERFORMANCE SYSTEM BUSES
* PCI interface (32-bit, 33 MHz) * PCI V2.1 and V2.2 compatible * Flexible external local bus interface * Up to 25 MBps data throughput
SOFTWARE
* APIs: MACs, VoIP, and Block Copy * Board support package
DEVELOPMENT TOOLS
* Support for Linux and VxWorks * Evaluation boards * Third party tool chains
SYSTEM CONTROL
* Four interrupt inputs * 55 GPIOs * MIPS timer, 2 system timers, and watchdog timer * Block copy engine
ULTRAFAST MULTI-SERVICE BUS (MS BUS)
* Peak bandwidth of 4.25 Gbps * True parallel processing
THIRD PARTY SUPPORT
* Voice Processing * GIPS - Global IP Sound - NetEq * RADVISION - H.323, SIP, MGCP * EJTAG Debuggers * EPI - MAJIC probe * WindRiver - visionICE II
LAN INTERFACE
* 3 Independent 10/100 Ethernet MACs * MII/RMII
MISCELLANEOUS INTERFACES
* 2 UARTs * SPI/MPI * Two-wire serial
Head Office: PMC-Sierra, Inc. 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 1.604.415.6000 Fax: 1.604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PMC-2041688 (R1) (c) Copyright PMC-Sierra, Inc. 2004. All rights reserved. For a complete list of PMC-Sierra's trademarks and registered trademarks, visit: http://www.pmc-sierra.com/legal/
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE


▲Up To Search▲   

 
Price & Availability of MSP2015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X