Part Number Hot Search : 
PE7123 90120 AD8000 41471 3843A BFG94 TA8210 STD03205
Product Description
Full Text Search
 

To Download MOR01S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UniOhm
Feature
* * * * * Excellent flame retardant coating Stable performance in diverse environments High purity ceramic core Meet EIA-RC2655A requirements High safety standard
Metal Oxide Film Fixed Resistors
RoHS Compliant
Derating Curve
Heat Rise Chart
Ambient temperature (C)
Specifications
Part No. Type Power Rating At 70C Dimension (mm) D Max. L Max. d
+0.02 -0.05
H3
Max. Working Voltage
Max. Overload Voltage
Dielectric Withstanding Voltage
Resistance Range
Normal Size MOR0W4 MOR0W2 MOR0IW MOR02W MOR03W MOR05W MOR07W MOR08W MOR09W MOR-25 MOR-50 MOR-100 MOR-200 MOR-300 MOR-500 MOR-700 MOR-800 MOR-900 1/4W 1/2W lW 2W 3W 5W 7W 8W 9W 2.5 4 5 5.5 6.5 8.5 8.5 8.5 8.5 7.5 10 12 16 17.5 26 32 41 54 0.6 0.6 0.7 0.8 0.8 0.8 0.8 0.8 0.8 28 28 28 28 28 38 38 38 38 250V 250V 350V 350V 500V 750V 750V 750V 750V 400V 400V 600V 600V 800V 1000V 1000V 1000V I000V 250V 250V 350V 350V 500V 750V 750V 750V 750V
Small Size & Extra Small Size MOR0S2 MOR01S MOR02S MOR03S MOR05U MOR05S MOR-50-S MOR-I00-S MOR-200-S MOR-300-S MOR-500-SS MOR-500-S 1/2W 1W 2W 3W 5W 5W 3 4.5 5 5.5 6.5 8 7.5 10 12 16 17.5 25 0.6 0.7 0.7 0.8 0.8 0.8 28 28 28 28 28 38 250V 350V 350V 350V 500V 500V 400V 600V 600V 600V 800V 800V 250V 350V 350V 350V 500V 500V
www..com
* Standard E-24 series values in 5% tolerance * Standard Non - Flammable coating * Non - Inductive type available on a case to case basis
Metal Oxide Film Fixed Resistors
Performance Specifications
Temperature coefficient Short-time overload 350PPM /C
UniOhm
Dielectric withstanding voltage Pulse overload
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Terminal strength Resistance to Soldering heat Solderability Resistance to solvent Temperature cycling Humidity (Steady state) Load life in humidity Load life Flame retardant
No evidence of mechanical damage.
Min. 95% coverage. No deterioration of protective coating and markings.
No evidence of flaming or arcing.
MOR01SJ082JA10
Product Type: MOR = Metal Oxide Film Fixed Resistors
www..com
Wattage: Normal size: W4 = 1/4W W2 = 1/2W 1W = 1W 2W = 2W 3W = 3W 5W = 5W 7W = 7W 8W = 8W 9W = 9W Small size: S2= 1/2W-S 1S = 1W-S 2S = 2W-S 3S = 3W-S 5S = 5W-S Extra small size: 5U = 5W-SS
Resistance Value: E-24 series: 2nd & 3rd digits are for the significant figures of the resistance and the 4th digit indicate the numbers of zeros following.
Packing Type: A = Tape/Box T = Tape/Reel B = Bulk/Box
Packing Quantity: 1 = 1,000pcs 2 = 2,000pcs 3 = 3,000pcs 4 = 4,000pcs 5 = 5,000pcs A = 500pcs B = 2,500pcs 0 = for Bulk/Box packing
Special Features: 0 = Standard product I = Non - Inductive
Tolerance: G = 2% J = 5% K = 10%
Additional Information: 0 = NIL
UniOhm
Standard Color Code System
Four Band Color Code (Available for CFR, MOR, KNP & 2% or 5% of MFR Products)
4th Band = 2% = 5% Silver = 10%
1234
1st Band Black Brown Red Orange Yellow Green Blue Violet Grey White =0 =1 =2 =3 =4 =5 =6 =7 =8 =9 2nd Band Black Brown Red Orange Yellow Green Blue Violet Grey White =0 =1 =2 =3 =4 =5 =6 =7 =8 =9 3rd Band Black Brown Red Orange Yellow Green Blue V
Gold
Silver
= Multiply by 1 (100) = Multiply by 10 (101) = Multiply by 100 (102) = Multiply by 1,000 (103) = Multiply by 10,000 (104) = Multiply by 100,000 (105) = Multiply by 1,000,000 (106) = Multiply by 10,000,000 (107)
= Multiply by 0.1 (10-1)
= Multiply by 0.01 (10-2)
Five Band Color Code (Available for MFR 1% & FRN Products)
5th Band Violet Blue Green = 0.1% = 0.25% = 0.5% = 1%
12345
1st Band Black Brown Red Orange Yellow Green =0 =1 =2 =3 =4 =5
2nd Band Black Brown Red Orange Yellow Green Blue Violet Grey White =0 =1 =2 =3 =4 =5 =6 =7 =8 =9
3rd Band Black Brown Red Orange Yellow Green Blue Violet Grey White =0 =1 =2 =3 =4 =5 =6 =7 =8 =9
Brown
4th Band Black Brown Red Orange Yellow Green Blue Violet = Multiply by 1 (100) = Multiply by 10 (101) = Multiply by 100 (102) = Multiply by 1,000 (103) = Multiply by 10,000 (104) = Multiply by 100,000 (105) = Multiply by 1,000,000 (106) = Multiply by 10,000,000 (107) = Multiply by 0.1 (10-1) Silver = Multiply by 0.01 (10-2)
Blue =6 www..com Violet =7 Grey White =8 =9


▲Up To Search▲   

 
Price & Availability of MOR01S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X