|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Primary lithium batteries LO 35 SX 3.0 V Primary lithium - sulfur dioxide (Li-SO2) High drain capability 2 / C - size spiral cell 3 www..com Benefits Cell size reference Electrical characteristics (typical values for cells stored for one year or less) 2/3 UM2 - 2/3 R14 - 2/3 C * High and stable discharge voltage * High pulse capability * Performance not affected by cell orientation * Long storage possible before use * Ability to withstand extreme temperature * Non-restricted for transport Key features * Low self-discharge rate (less than 3 % after 1 year of storage at + 20C) * Hermetic glass-to-metal sealing * Built-in safety vent (at the negative end of the cell) * UL Component Recognition (File Number MH 15076) * Meets shock, vibration and other environmental requirements of military specifications * Made in the USA Main applications Nominal capacity (under 650 mA + 20C 2.0 V cut-off. The capacity restored by the cell varies according to current drain, temperature and cut-off) Open circuit voltage (at + 20C) Nominal voltage (at 250 mA + 20C) 2.20 Ah 3.0 V 2.8 V 2.0 A Maximum recommended continuous current (to avoid over-heating. Higher currents possible, consult Saft) Pulse capability : Typically up to 5 A. (The voltage readings may vary according to the pulse characteristics, the temperature, and the cell's previous history. Fitting the cell with a capacitor may be recommended in severe conditions. Consult Saft) Storage (recommended) (possible without leakage) + 30C (+ 86F) max. - 60C/+ 85C (- 76F/+ 185F) - 60C/+ 70C (- 76F/+ 158F) Operating temperature range (Short excursions up to + 85C possible at currents below 1 A) Physical characteristics Diameter (max) Height (max; finish without radial tabs) Typical weight Li metal content Standard cell comes with resin potting in the topshell area and two radial 0.15 mm - thick nickel tabs Other configurations available on request. 25.9 mm (1.020 in) 35.9 mm (1.413 in) 30 g (1.06 oz) 0.8 g * Radiocommunications and other military applications * Automotive telematics June 2007 3.0 LO 35 SX Cell voltage (V) 2.9 2.8 2.7 2.6 0C + 50C + 20C 2.5 2.4 2.3 - 20C - 30C - 40C + 38 mm (1.5 in) 35.2 0.7 mm (1.385 0.030 in) 2.2 10 100 1000 10000 Current (mA) Voltage plateau versus Current and Temperature www..com _ 25.6 0.4 mm (1.008 0.015 in) 4.8 mm (0.19 in) 3.0 2.8 Cell voltage (V) 2.6 2.4 2.2 2.0 100 mA 250 mA 500 mA 750 mA 1000 mA 1500 mA Overall dimensions 1.8 0.01 0.1 1 10 100 Time (hours) Typical discharge profiles at + 20C Handling precautions * Cell is pressurised at ambient temperature. Capacity (Ah) 3.0 2.75 2.5 2.25 2.0 1.75 1.5 1.25 1.0 0.75 0.5 0.25 0 10 100 1000 10000 - 20C - 30C - 40C + 20C + 50C 0 C * Do not puncture, open or mutilate. * Do not obstruct the safety vent mechanism. * Do not short circuit or charge. * Do not expose to fire or temperatures above + 70C (+ 158F). Current (mA) Restored Capacity versus Current and Temperature (2.0 V cut off) Saft Specialty Battery Group 12, rue Sadi Carnot 93170 Bagnolet - France Tel +33 (0)1 49 93 19 18 Fax +33 (0)1 49 93 19 69 313, Crescent Street, Valdese NC 28690 - USA Tel +1 (828) 874 41 11 Fax +1 (828) 879 39 81 www.saftbatteries.com Doc. N 31083-2-0607 Information in this document is subject to change without notice and becomes contractual only after written confirmation by Saft. For more details on primary lithium technologies please refer to Primary Lithium Batteries Selector Guide Doc N 31048-2. Published by the Communications Department. Photo credit: Saft. Societe anonyme au capital de 31 944 000 RCS Bobigny B 383 703 873 Produced by Arthur Associates. |
Price & Availability of LO35SX |