Part Number Hot Search : 
8116S RF105 30KPA51A LM853 HDK5762 KZT2222A 1732FS MP45010
Product Description
Full Text Search
 

To Download LM2901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302 Single Supply Quad Comparators
These comparators are designed for use in level detection, low-level sensing and memory applications in consumer, automotive, and industrial electronic applications.
Features
14 1
http://onsemi.com
* * * * * * * * * *
SOIC-14 D SUFFIX CASE 751A
Single or Split Supply Operation Low Input Bias Current: 25 nA (Typ) Low Input Offset Current: 5.0 nA (Typ) Low Input Offset Voltage Input Common Mode Voltage Range to GND Low Output Saturation Voltage: 130 mV (Typ) @ 4.0 mA TTL and CMOS Compatible ESD Clamps on the Inputs Increase Reliability without Affecting Device Operation NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes Pb-Free Packages are Available
PDIP-14 N, P SUFFIX CASE 646 14 1
14 1
TSSOP-14 DTB SUFFIX CASE 948G
PIN CONNECTIONS
Output 2 Output 1 VCC - Input 1 + Input 1 - Input 2 + Input 2
1 2 3 4 5 6 7 14 13 12
Output 3 Output 4 GND + Input 4 - Input 4 + Input 3 - Input 3
* 1 ) *2 )
4
) * ) *
11 10 9 8
3
(Top View)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 8 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2007
1
February, 2007 - Rev. 18
Publication Order Number: LM339/D
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
MAXIMUM RATINGS
Rating Power Supply Voltage LM239/LM339/LM2901, V MC3302 Input Differential Voltage Range LM239/LM339/LM2901, V MC3302 Input Common Mode Voltage Range Output Short Circuit to Ground (Note 1) Power Dissipation @ TA = 25C Plastic Package Derate above 25C Junction Temperature Operating Ambient Temperature Range LM239 MC3302 LM2901 LM2901V, NCV2901 LM339 Storage Temperature Range ESD Protection at any Pin (Note 2) Human Body Model Machine Model Tstg VESD 1500 200 VICMR ISC PD 1/RqJA TJ TA -25 to +85 -40 to +85 -40 to +105 -40 to +125 0 to +70 -65 to +150 C V 1.0 8.0 150 W mW/C C C VIDR 36 30 -0.3 to VCC Continuous Vdc Symbol VCC Value +36 or 18 +30 or 15 Vdc Unit Vdc
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC. Output short circuits to VCC can cause excessive heating and eventual destruction. 2. VESD rating for NCV/SC devices is: Human Body Model - 2000 V; Machine Model - 200 V.
VCC
+ Input
- Input
Output
GND NOTE: Diagram shown is for 1 comparator.
Figure 1. Circuit Schematic
http://onsemi.com
2
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
ELECTRICAL CHARACTERISTICS (VCC = +5.0 Vdc, TA = +25C, unless otherwise noted)
LM239/339 Characteristic Input Offset Voltage (Note 4) Input Bias Current (Notes 4, 5) (Output in Analog Range) Input Offset Current (Note 4) Input Common Mode Voltage Range Supply Current RL = (For All Comparators) RL = , VCC = 30 Vdc Voltage Gain RL 15 kW, VCC = 15 Vdc Large Signal Response Time VI = TTL Logic Swing, Vref = 1.4 Vdc, VRL = 5.0 Vdc, RL = 5.1 kW Response Time (Note 6) VRL = 5.0 Vdc, RL = 5.1 kW Output Sink Current VI (-) +1.0 Vdc, VI(+) = 0, VO 1.5 Vdc Saturation Voltage VI(-) +1.0 Vdc, VI(+) = 0, Isink 4.0 mA Output Leakage Current VI(+) +1.0 Vdc, VI(-) = 0, VO = +5.0 Vdc 3. (LM239) Tlow = -25C, Thigh = +85 (LM339) Tlow = 0C, Thigh = +70C (MC3302) Tlow = -40C, Thigh = +85C (LM2901) Tlow = -40C, Thigh = +105 (LM2901V & NCV2901) Tlow = -40C, Thigh = +125C NCV2901 is qualified for automotive use. 4. At the output switch point, VO ] 1.4 Vdc, RS 100 W 5.0 Vdc VCC 30 Vdc, with the inputs over the full common mode range (0 Vdc to VCC -1.5 Vdc). 5. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state. 6. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical. IOL - 0.1 - - 0.1 - - 0.1 - nA Vsat - 130 400 - 130 400 - 130 500 mV ISink 6.0 16 - 6.0 16 - 6.0 16 - mA - - 1.3 - - 1.3 - - 1.3 - ms - - 300 - - 300 - - 300 - ns AVOL IIO VICMR ICC - - 50 0.8 1.0 200 2.0 2.5 - - - 25 0.8 1.0 100 2.0 2.5 - - - 25 0.8 1.0 100 2.0 2.5 - V/mV - 0 5.0 - 50 VCC -1.5 - 0 5.0 - 50 VCC -1.5 - 0 3.0 - 100 VCC -1.5 nA V mA Symbol VIO IIB Min - - Typ 2.0 25 Max 5.0 250 LM2901/2901V/ NCV2901 Min - - Typ 2.0 25 Max 7.0 250 Min - - MC3302 Typ 3.0 25 Max 20 500 Unit mVdc nA
http://onsemi.com
3
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
PERFORMANCE CHARACTERISTICS (VCC = +5.0 Vdc, TA = Tlow to Thigh [Note 7])
LM239/339 Characteristic Input Offset Voltage (Note 8) Input Bias Current (Notes 8, 9) (Output in Analog Range) Input Offset Current (Note 8) Input Common Mode Voltage Range Saturation Voltage VI(-) +1.0 Vdc, VI(+) = 0, Isink 4.0 mA Output Leakage Current VI(+) +1.0 Vdc, VI(-) = 0, VO = 30 Vdc Differential Input Voltage All VI 0 Vdc 7. (LM239) Tlow = -25C, Thigh = +85 (LM339) Tlow = 0C, Thigh = +70C (MC3302) Tlow = -40C, Thigh = +85C (LM2901) Tlow = -40C, Thigh = +105 (LM2901V & NCV2901) Tlow = -40C, Thigh = +125C NCV2901 is qualified for automotive use. 8. At the output switch point, VO ] 1.4 Vdc, RS 100 W 5.0 Vdc VCC 30 Vdc, with the inputs over the full common mode range (0 Vdc to VCC -1.5 Vdc). 9. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant, independent of the output state. 10. The response time specified is for a 100 mV input step with 5.0 mV overdrive. For larger signals, 300 ns is typical. VID - - VCC - - VCC - - VCC Vdc IOL - - 1.0 - - 1.0 - - 1.0 mA IIO VICMR Vsat - 0 - - - - 150 VCC -2.0 700 - 0 - - - - 200 VCC -2.0 700 - 0 - - - - 300 VCC -2.0 700 nA V mV Symbol VIO IIB Min - - Typ - - Max 9.0 400 LM2901/2901V/ NCV2901 Min - - Typ - - Max 15 500 Min - - MC3302 Typ - - Max 40 1000 Unit mVdc nA
+ VCC R3 10 k Vin + VCC Rref - + R2 R1 1.0 M Vref [ VCC R1 Rref + R1
+ VCC
10 k VO
Rref Vref R1 - R2 10 k R3 1.0 M Vref = VCC R1 Rref + R1 + VO 10 k
Vref 10k
Vin
R3 ] R1 / / Rref / / R2 VH = R2 R1 / / Rref R1/ / Rref + R2 Rref / / R1 [VO(max) - VO(min)]
R2 [ R1 / / Rref Amount of Hysteresis VH R2 VH = [(V -V ] R2 + R3 O(max) O(min)
Figure 2. Inverting Comparator with Hysteresis
Figure 3. Noninverting Comparator with Hysteresis
http://onsemi.com
4
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
Typical Characteristics (VCC = 15 Vdc, TA = +25C (each comparator) unless otherwise noted.)
1.40 NORMALIZED OFFSET VOLTAGE I IB, INPUT BIAS CURRENT (nA) 48 42 36 30 24 18 12 6.0 0 -50 -25 0 25 50 75 TA, AMBIENT TEMPERATURE (C) 100 125 0 4.0 8.0 12 16 20 24 VCC, POWER SUPPLY VOLTAGE (Vdc) 28 32
TA = +125C TA = -55 C TA = +25 C
1.20
1.00
0.80
0.60
Figure 4. Normalized Input Offset Voltage
Figure 5. Input Bias Current
8.0 IO, OUTPUT CURRENT (mA) 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 100 200 300 400 500 Vsat, OUTPUT SATURATION VOLTAGE (mV) TA = -55 C TA = +125C TA = +25 C
Figure 6. Output Sink Current versus Output Saturation Voltage
VCC
VCC 4.0 V 10 k R1 VO R3 330 k R4 RL kW 100 10 330 k VCC T1
Vin Vref
RS
+ -
RL + C R2 VCC
100 k - +
R1
RS = Source Resistance R1 ] RS Logic CMOS TTL Device 1/4 MC14001 1/4 MC7400 VCC (V) +15 +5.0
330 k
T2 T1 = T2 = 0.69 RC 7.2 f[ C(mF) R2 = R3 = R4 R1 [ R2 // R3 // R4
Figure 7. Driving Logic
Figure 8. Squarewave Oscillator
http://onsemi.com
5
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
APPLICATIONS INFORMATION These quad comparators feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (VOL to VOH). To alleviate this situation input resistors < 10 kW should be used. The addition of positive feedback (< 10 mV) is also recommended. It is good design practice to ground all unused input pins. Differential input voltages may be larger than supply voltages without damaging the comparator's inputs. Voltages more negative than -300 mV should not be used.
+15 V R4 220 k 6.8 k R2 R5 220 k * )
R1 8.2 k Vin D1
10 k VO
Vin(min) 0.4 V peak for 1% phase distortion (Dq). Vin VCC Vin(min)
q 10 k VO
15 k R3
10 M * Vin
D1 prevents input from going negative by more than 0.6 V. R1 + R2 = R3 R5 R3 for small error in zero crossing 10
+ VEE
VCC VO VEE Dq q
Figure 9. Zero Crossing Detector (Single Supply)
Figure 10. Zero Crossing Detector (Split Supplies)
ORDERING INFORMATION
Device LM239D LM239DG LM239DR2 LM239DR2G LM239DTBR2 LM239DTBR2G LM239N LM239NG LM339D LM339DG LM339DR2 LM339DR2G LM339DTBR2 LM339DTBR2G Package SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* 2500 / Tape & Reel 55 Units/Tube 25 Units/Rail 2500 / Tape & Reel 55 Units/Tube Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
6
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
ORDERING INFORMATION
Device LM339N LM339NG LM2901D LM2901DG LM2901DR2 LM2901DR2G LM2901DTBR2 LM2901DTBR2G LM2901N LM2901NG LM2901VD LM2901VDG LM2901VDR2 LM2901VDR2G LM2901VDTBR2 LM2901VDTBR2G LM2901VN LM2901VNG NCV2901DR2 NCV2901DR2G NCV2901DTBR2G NCV2901CTR MC3302D MC3302DG MC3302DR2 MC3302DR2G MC3302DTBR2 MC3302DTBR2G MC3302P MC3302PG Package PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* Bare Die SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* PDIP-14 PDIP-14 (Pb-Free) 25 Units/Rail 2500 / Tape & Reel 55 Units/Tube 6000 / Tape & Reel 2500 / Tape & Reel 25 Units/Rail 2500 / Tape & Reel 55 Units/Tube 25 Units/Rail 2500 / Tape & Reel 55 Units/Rail 25 Units/Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
7
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
MARKING DIAGRAMS
PDIP-14 N, P SUFFIX CASE 646 14 LM339N AWLYYWWG 1 1 14 LM239N AWLYYWWG 1 14 LM2901N AWLYYWWG 1 14 LM2901VN AWLYYWWG 1 14 MC3302P AWLYYWWG
SOIC-14 D SUFFIX CASE 751A 14 LM339DG AWLYWW 1 1 14 LM239DG AWLYWW 1 14 LM2901DG AWLYWW 1 14 LM2901VDG AWLYWW 14
*
1
MC3302DG AWLYWW
TSSOP-14 DTB SUFFIX CASE 948G
14 239 ALYW G G 1
14 339 ALYW G G 1
14 2901 ALYW G G 1
14 2901 V ALYW G G 1
14
*
3302 ALYW G G 1
A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location) *This marking diagram also applies to NCV2901.
http://onsemi.com
8
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
K H G D 14 PL 0.13 (0.005)
M
J M
DIM A B C D F G H J K L M N
http://onsemi.com
9
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C R X 45 _ F
DIM A B C D F G J K M P R
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1
14X
14X
1.52
0.58
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
10
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
N
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K K1 J J1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS INCHES MIN MAX MIN MAX 4.90 5.10 0.193 0.200 4.30 4.50 0.169 0.177 --- 1.20 --- 0.047 0.05 0.15 0.002 0.006 0.50 0.75 0.020 0.030 0.65 BSC 0.026 BSC 0.50 0.60 0.020 0.024 0.09 0.20 0.004 0.008 0.09 0.16 0.004 0.006 0.19 0.30 0.007 0.012 0.19 0.25 0.007 0.010 6.40 BSC 0.252 BSC 0_ 8_ 0_ 8_
0.15 (0.006) T U
S
A -V-
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
14X
0.36
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
11
EEE CCC EEE CCC
0.65 PITCH
DIMENSIONS: MILLIMETERS
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
12
LM339/D


▲Up To Search▲   

 
Price & Availability of LM2901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X