Part Number Hot Search : 
232EC VCDTR CP2133 1N473 SMBJ15 SSN3904 SMBJ15 108F6
Product Description
Full Text Search
 

To Download KBR0520LW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SMD Type
Schottky Rectifier Diodes KBR0520LW/0530W/0540W
(MBR0520LW/0530W/0540W)
SOD-123
2.7
+0.1 -0.1
Diodes
Unit: mm
+0.05 1.1-0.05 +0.1 0.55-0.1
Features
Low forward voltage drop Guard ring construction forTransient protection. High conductance.
0.50
+0.1 3.7-0.1
0.1max
Also available in lead free version.
0.35
Absolute Maximum Ratings Ta = 25
Parameter Peak repetitive peak reverse voltage Working peak DC blocking voltage RMS reverse voltage Average rectified output current Peak forward surge current Power dissipation Voltage rate of change Thermal resistance junction to ambient Storage temperature Symbol VRRM VRWM VR VR(RMS) IO IFSM Pd dv/dt ReJA Tstg KBR0520LW 20 14 KBR0530W 30 21 500 5.5 410 1000 304 -65 to +125 KBR0540W 40 28 Unit V V mA A mW V/
s
/W
Electrical Characteristics Ta = 25
Parameter KBR0520LW Minimum Reverse Breakdown Voltage KBR0530W KBR0540W KBR0520LW KBR0530W KBR0520LW KBR0530W KBR0540W KBR0540W KBR0520LW KBR0530W KBR0520LW KBR0540W KBR0530W KBR0540W Capacitance between terminals Symbol Testconditons Min 20 30 40 0.3 0.375 0.375 0.430 0.510 0.62 75 20 250 10 130 20 170 V Typ Max Unit IR=250 A V(BR)R IR=200 A IR=20 A VF1 IF=0.1A
Forward voltage
+0.05 0.1-0.02
V
Forward voltage Forward voltage Reverse current Reverse current Reverse current
VF2 VF3 IR1 IR2 IR3 IR4 IR5 CT
IF= =0.5A IF=1A VR=10V VR=15V VR=20V VR=30V VR=40V VR=0V,f=1MHz
V V A A A A A A pF
Marking
NO. Marking KBR0520LW SD KBR0530W SE KBR0540W SF
+0.1 1.6-0.1
www.kexin.com.cn
1
www..com
SMD Type
KBR0520LW/0530W/0540W
(MBR0520LW/0530W/0540W)
Typical Characteristics
Diodes
KBR0540W
KBR0520LW KBR0530W
Fig.1 Forward Current Derating Curve
Fig.2 Typical Forward Characteristics
Fig.3 Typ.Junction Capacitance vs Reverse Voltage
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KBR0520LW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X