Part Number Hot Search : 
UTC386 MC149606 105L2 M7317 PPC5643 10100C 7101R5 01547
Product Description
Full Text Search
 

To Download K6259K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SAW Components
Data Sheet K 6259 K
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
Standard
s D/K s M/N
K 6259 K 38,90 MHz
Plastic package DIP10K
Features
s TV IF filter switchable from M/N mode to D/K
mode
s M/N mode with Nyquist slope and sound shelf at
34,40 MHz
s Constant group delay s D/K mode with Nyquist slope and broad sound
shelf for sound carriers at 32,40 MHz and 33,40 MHz s Group delay predistortion Terminals
s Tinned CuFe alloy
Dimensions in mm, approx. weight 1,8 g
Pin configuration 1 2 3; 8 4; 5 6; 7 9 10 Input Input - ground Chip carrier - ground Output Not connected Free Switching input
Type K 6259 K
Ordering code B39389-K6259-K100
Marking and package according to C61157-A2-A3
Packing according to F61074-V8068-Z000
Maximum ratings Operable temperature range TA Storage temperature range Tstg DC voltage VDC AC voltage -25/+65 -40/+85 12 10 C C V V
between any terminals between any terminals
Vpp
2
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
Characteristics in M/N mode (switching input pin 10 connected to input pin 1) Reference temperature: Terminating source impedance: Terminating load impedance:
K 6259 K 38,90 MHz
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 16,7 max. 18,2 dB
Insertion attenuation Reference level for the following data Relative attenuation Picture carrier Color carrier Sound carrier Adjacent picture carrier Adjacent sound carrier Lower sidelobe Upper sidelobe
37,40 MHz 15,2
rel 38,90 35,32 34,40 32,90 40,40 25,00 ... 32,90 40,40 ... 45,00 MHz MHz MHz MHz MHz MHz MHz 5,0 0,8 16,9 40,0 41,0 33,0 36,0 6,0 1,8 18,4 54,0 50,0 38,0 43,0 7,0 2,8 19,9 -- -- -- -- dB dB dB dB dB dB dB
Reflected wave signal suppression 1,2 s ... 6,0 s after main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Feedthrough signal suppression 1,2 s ... 1,1 s before main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Group delay ripple (p-p) Impedance at 37,40 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
42,0
50,0
--
dB
--
56,0
--
dB
-- -- --
40 1,2 ||17,2 1,4 || 6,0 -72
-- -- -- --
ns k || pF k || pF ppm/K
TCf
--
3
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
K 6259 K 38,90 MHz
Characteristics in D/K mode (switching input pin 10 connected to ground input pin 2) Reference temperature: Terminating source impedance: Terminating load impedance:
TA = 25 C ZS = 50 ZL = 2 k || 3 pF
min. typ. 17,4 max. 18,9 dB
Insertion attenuation Reference level for the following data Relative attenuation Picture carrier Color carrier Sound carrier Adjacent picture carrier Adjacent sound carrier Lower sidelobe Upper sidelobe
37,40 MHz 15,9
rel 38,90 34,47 32,40 33,40 30,90 40,40 25,00 ... 30,90 40,40 ... 45,00 MHz MHz MHz MHz MHz MHz MHz MHz 5,1 -0,7 15,2 16,1 44,0 41,0 37,0 35,0 6,1 0,3 16,7 17,6 56,0 50,0 45,0 41,0 7,1 1,3 18,2 19,1 -- -- -- -- dB dB dB dB dB dB dB dB
Reflected wave signal suppression 1,2 s ... 6,0 s after main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Feedthrough signal suppression 1,2 s ... 1,1 s before main pulse (test pulse 250 ns, carrier frequency 37,40 MHz) Group delay predistortion (reference frequency 38,90 MHz) 37,10 MHz 34,47 MHz Impedance at 37,40 MHz Input: ZIN = RIN || CIN Output: ZOUT = ROUT || COUT Temperature coefficient of frequency
42,0
51,0
--
dB
--
56,0
--
dB
-- -- -- --
-75 20 0,7 ||26,4 1,4 || 6,0 -72
-- -- -- -- --
ns ns k || pF k || pF ppm/K
TCf
--
4
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
K 6259 K 38,90 MHz
Frequency response M/N mode (switching input pin 10 connected to input pin 1)
5
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
K 6259 K 38,90 MHz
Frequency response M/N mode (switching input pin 10 connected to input pin 1)
Time domain response M/N mode
6
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
K 6259 K 38,90 MHz
Frequency response D/K mode (switching input pin 10 connected to ground input pin 2)
7
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
K 6259 K 38,90 MHz
Frequency response D/K mode (switching input pin 10 connected to ground input pin 2)
Time domain response D/K mode
8
Dec 02, 1999
www..com
SAW Components IF Filter for Intercarrier/Multistandard Applications Data Sheet
K 6259 K 38,90 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, OFW E UE P.O. Box 80 17 09, D-81617 Munchen (c) EPCOS AG 1999. All Rights Reserved. As far as patents or other rights of third parties are concerned, liability is only assumed for components per se, not for applications, processes and circuits implemented within components or assemblies. The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. For questions on technology, prices and delivery please contact the sales offices of EPCOS AG or the international representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our sales offices.
9
Dec 02, 1999


▲Up To Search▲   

 
Price & Availability of K6259K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X