Part Number Hot Search : 
1048048 CXA1402M F1M91 OTI912 BSS50A VSKT71 P2805 1N916B
Product Description
Full Text Search
 

To Download IPA037N08N3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPA037N08N3 G
OptiMOS(TM)3 Power-Transistor
Features * Ideal for high frequency switching and sync. rec. * Optimized technology for DC/DC converters * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance RDS(on) * N-channel, normal level * 100% avalanche tested * Pb-free plating; RoHS compliant * Qualified according to JEDEC1) for target applications Type IPA037N08N3 G
Product Summary V DS R DS(on),max ID 80 3.7 75 V m A
Package Marking
PG-TO220-FP 037N08N
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current3) Avalanche energy, single pulse4) Gate source voltage Power dissipation Operating and storage temperature
www..com category; DIN IEC 68-1 IEC climatic
1) 2)
Value 75 54 300 680 20
Unit A
I D,pulse E AS V GS P tot T j, T stg
T C=25 C I D=75 A, R GS=25
mJ V W C
T C=25 C
41 -55 ... 175 55/175/56
J-STD20 and JESD22 Current is limited by package; with an RthJC=0.7 K/W in a standard TO-220 package the chip is able to carry 178A. 3) See figure 3 for more detailed information 4) See figure 13 for more detailed information
Rev. 2.0
page 1
2008-11-21
IPA037N08N3 G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case R thJC 3.7 K/W Values typ. max. Unit
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=155 A V DS=80 V, V GS=0 V, T j=25 C V DS=80 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=75 A V GS=6 V, I D=38 A Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=75 A 80 2 2.8 0.1 3.5 1 A V
66
10 1 3.2 3.9 1.9 132
100 100 3.7 6.2 S nA m
www..com
Rev. 2.0
page 2
2008-11-21
IPA037N08N3 G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 5) Gate to source charge Gate to drain charge Switching charge Gate charge total Gate plateau voltage Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage Reverse recovery time Reverse recovery charge
5)
Values typ. max.
Unit
C iss C oss C rss t d(on) tr t d(off) tf V DD=40 V, V GS=10 V, I D=75 A, R G=1.6 V GS=0 V, V DS=40 V, f =1 MHz
-
6100 1640 59 23 49 46 13
8110 2180 -
pF
ns
Q gs Q gd Q sw Qg V plateau Q oss V DD=40 V, V GS=0 V V DD=40 V, I D=75 A, V GS=0 to 10 V
-
29 17 30 88 4.8 119
117 158
nC
V nC
IS I S,pulse V SD t rr Q rr
T C=25 C V GS=0 V, I F=75 A, T j=25 C V R=40 V, I F=I S, di F/dt =100 A/s
-
1.0 62 130
75 300 1.2 -
A
V ns nC
See figure 16 for gate charge parameter definition
www..com
Rev. 2.0
page 3
2008-11-21
IPA037N08N3 G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
50
80
40 60
30
P tot [W]
I D [A]
20 10 0 0 50 100 150 200
40
20
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
limited by on-state resistance
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
1 s
10 s
0.5
102
100 s
100
0.2
I D [A]
1 ms
Z thJC [K/W]
0.1 0.05
10 ms
101
DC
10-1
0.02 0.01
www..com
single pulse
100 10-1 100 101 102
10-2 10-5 10-4 10-3 10-2 10-1 100 101
V DS [V]
t p [s]
Rev. 2.0
page 4
2008-11-21
IPA037N08N3 G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
300
10 V 7V 6V 4.5 V 5V 5.5 V 6V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
10
250
8
200
150
R DS(on) [m]
5.5 V
6
I D [A]
4
7V 10 V
100
5V
50
4.5 V
2
0 0 1 2 3 4 5
0 0 50 100 150 200 250 300
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
300
8 Typ. forward transconductance g fs=f(I D); T j=25 C
200
250 150 200
150
g fs [S]
175 C 25 C
I D [A]
100
100
www..com
50
50
0 0 2 4 6 8
0 0 50 100 150
V GS [V]
I D [A]
Rev. 2.0
page 5
2008-11-21
IPA037N08N3 G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=75 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
8 4
3.5 6
3
1550 A
R DS(on) [m]
2.5
max
155 A
4
typ
V GS(th) [V]
100 140 180
2
1.5 2
1
0.5 0 -60 -20 20 60
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
Ciss
103
Coss
175 C, max
103
102
25 C 175 C
C [pF]
I F [A]
Crss
25 C, max
10
2
10
1
www..com
101 0 20 40 60 80
100 0 0.5 1 1.5 2
V DS [V]
V SD [V]
Rev. 2.0
page 6
2008-11-21
IPA037N08N3 G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
1000
14 Typ. gate charge V GS=f(Q gate); I D=75 A pulsed parameter: V DD
12
40 V
10
20 V 60 V
100
150 C 100 C 25 C
8
V GS [V]
1000
I AV [A]
6
10
4
2
1 0.1 1 10 100
0 0 20 40 60 80 100
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
90
V GS
Qg
80
V BR(DSS) [V]
V g s(th)
70
www..com
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
60
T j [C]
Rev. 2.0
page 7
2008-11-21
IPA037N08N3 G
PG-TO-220-3-31
www..com
Rev. 2.0
page 8
2008-11-21
IPA037N08N3 G
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2008 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types www..com in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.0
page 9
2008-11-21


▲Up To Search▲   

 
Price & Availability of IPA037N08N3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X