Part Number Hot Search : 
RS200 IRFD121 PW2300 S1616 FST3383 213LC 74AVC SR162
Product Description
Full Text Search
 

To Download HG-8002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Crystal oscillator PROGRAMMABLE HIGH-STABILITY HIGH-FREQUENCY CRYSTAL OSCILLATOR
HG-8002JA/DC series
Product number (please refer to page 2)
Q35 0 2 JAx x x x x x 0 0 Q34 0 2 DCx x x x x x 0 0
* * * * * * Wide frequency output by PLL technology. Low current consumption by output enable function (OE) or standby function (ST) Pin compatible with half-size oscillator SG-531. Package and pin compatible with SG-615. Low current consumption due to CMOS technology. Excellent environmental capability.
HG-8002JA HG-8002DC
Actual size
Specifications (characteristics)
Item Output frequency range Power source voltage Temperature range
Max. supply voltage Operating voltage Storage temperature Operating temperature
Symbol f0 VDD-GND VDD TSTG TOPR f/f0 Iop IOE IST tw/ t VOH VOL N CL VIH VIL tTLH tTHL tOSC fa S.R. PT/ST Specifications 2 PH/SH PC/SC Remarks Refer to page 33. "Frequency range"
1.0000 MHz to 125.0000 MHz
-0.5 V to +7.0 V 5.0 V 0.25 V 3.3 V 0.165 V -55 C to +125 C -20 C to +70 C (-40 C to +85 C)
Stored as bare product after unpacking Refer to page 33."Frequency range" AV,BV: -20 C to +70 C, CX: -40 C to +85 C No load condition, Max. frequency range OE=GND(PT, PH, PC) ST=GND(ST, SH, SC) CMOS load: 1/2VDD level, Max. load condition TTL load: 1.4 V level, Max. load condition IOH=-16 mA(PT /ST, PH /SH),-8 mA(PC /SC) IOL= 16 mA(PT /ST, PH /SH), 8 mA(PC /SC)
Frequency stability Current consumption Output disable current Standby current Duty 1
AV: 20 x 10-6 BV: 25 x 10-6 CX: 30 x 10-6
45 mA Max. 30 mA Max. 50 A Max. 28 mA Max. 16 mA Max.
-- 40 % to 60 %
High output voltage Low output voltage Output load 1 condition (fan out)
TTL CMOS
Output enable/disable input voltage
CMOS level TTL level CMOS level Output fall time 1 TTL level
Output rise time 1
40 % to 60 % -- VDD -0.4 V Min. 0.4 V Max. 2 TTL Max. -- 15 pF Max. 2.0 V Min. 0.7 x VDD Min. 0.8 V Max. 0.2 x VDD Max. -- 3 ns Max. 4 ns Max. -- -- 3 ns Max. 4 ns Max. -- 10 ms Max. 2 x 10-6/year Max. 2 x 10-6 Max.
Max. frequency and Max. operating voltage range
ST, OE terminal
CMOS load: 20 %80 % VDD level TTL load: 0.4 V2.4 V level CMOS load: 80 %20 % VDD level TTL load: 2.4 V0.4 V level
_
Oscillation start up time Aging Shock resistance
Time at minimum operating voltage to be 0 s
Ta= +25 C, VDD = 5.0 V/3.3 V(PC/SC) Three drops on a hard board from 750 mm or excitation test with 29400 m/s 2 x 0.3 ms x 1/2sine wave in 3 directions
1 Operating temperature(-40 C to +85 C), the available frequency, duty and output load conditions, please refer to page 33. 2 PLL - PLL connection & Jitter specification, please refer to page 53, 54. Checking possible by the Frequency Checking Program.
External dimensions
HG-8002JA series
#4 #3 No. Pin terminal 1 2 3 4 OE or ST GND OUT VDD
9.8 Max.
(Unit: mm)
Recommended soldering pattern
HG-8002JA series
1.3 3.0
(Unit: mm)
HG-8002DC series
13.7 Max.
#8 #5
No. Pin terminal 1 2 3 4 OE or ST GND OUT VDD
EPSON AV 100.0000 HPH 9357B
#1
14.0 Max.
EPSON AV 100.0000 HPH 9357B
#1 #4
8.65
6.6
#2 2.54 Min. 5.3 Max. 0.2 Min.
7.62
4.7 Max.
4.06
0.25
0.51 5.08
0.25 Min
7.62
0.51
90 to 105 7.62
0.25
8.8
Note. OE Pin (PT, PH, PC) OE pin - "H" or "open" : Specified frequency output. OE pin - "L" : Output is high impedance.
5.08
ST pin (ST, SH, SC) ST pin - "H" or "open" : Specified frequency output. ST pin - "L" : Output is low level (weak pull - down), oscillation stops.
62
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of HG-8002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X