Part Number Hot Search : 
2SC42 STM7710 AR7646 2SC42 MD100 78L09 C68HC05 2SC42
Product Description
Full Text Search
 

To Download GE01N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
ISSUED DATE :2005/01/27 REVISED DATE :
GE01N60
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
600V 8 1.6A
Description
The GE01N60 provide the designer with the best combination of fast switching. The TO-220 package is universally preferred for all commercial-industrial applications. The device is suited for DC-DC, DC-AC converters for telecom, industrial and consumer environment. *Dynamic dv/dt Rating *Simple Drive Requirement *Repetitive Avalanche Rated *Fast Switching
Features
Package Dimensions
REF. A b c D E L4 L5
Millimeter Min. Max. 4.40 4.80 0.76 1.00 0.36 0.50 8.60 9.00 9.80 10.4 14.7 15.3 6.20 6.60
REF. c1 b1 L e L1 O A1
Millimeter Min. Max. 1.25 1.45 1.17 1.47 13.25 14.25 2.54 REF. 2.60 2.89 3.71 3.96 2.60 2.80
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current , VGS@10V Continuous Drain Current , VGS@10V Pulsed Drain Current
1,
Symbol VDS VGS ID @TC=25 : ID @TC=100 : IDM PD @TC=25 :
2
Ratings 600 f 20 1.6 1 6 39 0.31 13 1.6 0.5 -55 ~ +150
Unit V V A A A W W/ mJ A mJ
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Operating Junction and Storage Temperature Range
EAS IAR EAR Tj, Tstg
Thermal Data
Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Symbol Rthj-c Rthj-a Value 3.2 62 Unit /W /W
GE01N60
Page: 1/5
www..com
ISSUED DATE :2005/01/27 REVISED DATE :
Electrical Characteristics(Tj = 25
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Unless otherwise specified)
Min. 600 2.0 Typ. 0.6 0.8 7.2 7.7 1.5 2.6 8 5 14 7 286 25 5 Max. 4.0 D 100 100 500 8.0 pF ns nC Unit V V/ : V S nA uA uA L Test Conditions VGS=0, ID=250uA Reference to 25 : , ID=1mA VDS=VGS, ID=250uA VDS=50V, ID=0.8A 20V VGS= D VDS=600V, VGS=0 VDS=480V, VGS=0 VGS=10V, ID=0.8A ID=1.6A VDS=480V VGS=10V VDD=300V ID=1.6A VGS=10V RG=10 L RD=187.5 L VGS=0V VDS=25V f=1.0MHz
Symbol BVDSS
BVDSS / Tj
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25 : ) Drain-Source Leakage Current(Tj=150 : )
VGS(th) gfs IGSS IDSS RDS(ON) Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
Static Drain-Source On-Resistance Total Gate Charge
3
Gate-Source Charge Gate-Drain ("Miller") Change Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
3
Source-Drain Diode
Parameter Forward On Voltage
3
Symbol VSD IS ISM
1
Min. -
Typ. -
Max. 1.5 1.6 6
Unit V A A
Test Conditions IS=1.6A, VGS=0V, Tj=25 : VD= VG=0V, VS=1.5V
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)
Notes: 1. Pulse width limited by safe operating area. 2. Staring Tj=25 : , VDD=50V, L=10mH, RG=25 L , IAS=1.6A. 3. Pulse width 300us, duty cycle 2%.
GE01N60
Page: 2/5
www..com
ISSUED DATE :2005/01/27 REVISED DATE :
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Normalized BVDSS v.s. Junction Temperature
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Maximum Drain Current v.s. Case Temperature
GE01N60
Fig 6. Type Power Dissipation
Page: 3/5
www..com
ISSUED DATE :2005/01/27 REVISED DATE :
Fig 7. Maximum Safe Operating Area
Fig 8. Effective Transient Thermal Impedance
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristics of Reverse Diode
GE01N60
Fig 12. Gate Threshold Voltage v.s. Junction Temperature
Page: 4/5
www..com
ISSUED DATE :2005/01/27 REVISED DATE :
Fig 13. Switching Time Circuit
Fig 14. Switching Time Waveform
Fig 15. Gate Charge Circuit
Fig 16. Gate Charge Waveform
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GE01N60
Page: 5/5


▲Up To Search▲   

 
Price & Availability of GE01N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X