Part Number Hot Search : 
LA1011 LP168J SFR1011 CRS03 22261 ED303T RF3378 20N60C3D
Product Description
Full Text Search
 

To Download FR1112H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Guide
F_1112H Series Thin Type AlInGaP SMT LED
s Features
* Compact 2012 (0805) package with super bright AlInGaP die * Excellent for membrane switch panels and indicators
s Applications
* Mobile devices (cellular telephones, PDAs, pagers) * Audio visual equipment * Telecommunications
s Outline Dimensions
www..com
PCB Warpage direction
Unit: mm Tolerances + 0.1
s Electro-Optical Characteristics
Part No. Material Emitted Lens Color Color
AlInGaP AlInGaP AlInGaP
Red Orange Yellow Milky White
(Ta=25C) Wavelength
Peak p TYP. Dominant d TYP. Spectral Line Half Width TYP. IF
Luminous Intensity IV
MIN. TYP. IF
Forward Voltage VF
TYP. MAX. IF
Reverse Viewing Current IR Angle
MAX. VR
(2 1/2)
FR1112H FA1112H FY1112H
25 25 25
50 65 65
20 20 20 mA
635 609 592
626 605 590 nm
15 15 15
20 20 20 mA
1.9 1.9 1.9 V
2.4 2.4 2.4
20 20 20 mA
100 100 100 A
5 5 5 V Deg. 150
Units
mcd
s Absolute Maximum Ratings
Red Orange FA 81 30 100 5 -40 to +85 -40 to +100 0.43 (DC) 1.0 (Pulse) Yellow
(Ta=25C)
Item Symbol
Power Dissipation Forward Current Peak Forward Current Reverse Voltage Operating Temperature Storage Temperature Derating* Pd IF IFM VR Topr Tstg IF FR 81 30 100 5 FY 81 30 100 5
Units
mW mA mA V C C mA/C
* Ta=25C, IFM applies for the pulse width 1msec. and duty cycle 1/20.
s Taping Specifications
1.75+0.1
s Operation Current Derating Chart (DC)
8+0.2
4+0.1 (1.45) 1.5 +0.1 0 (0.2)
( 0.5)
2+0.05 4+0.1
(2.25)
Quantity on tape: Quantity on tape: 4000 pieces 4000 pieces per reel per reel
(1)
2+0.5 21+0.8
FR, FA, FY
Center Hole
3.5+0.05
Direction to pull
+1 60 -0 13+0.2
13+0.2
9+0.3 11.4+1
+0 180 3
s Precautions
Please follow these handling precautions to prevent damage to the chip and ensure its reliability. 1. Soldering conditions: * Soldering iron: Temperature at tip of iron: 280C max. (30W max.) Soldering time: 3 sec. max. * Dip soldering: Preheating: 120 ~ 150C max. (resin surface temp.) 60 ~ 120 sec. max. Bath temperature: 260C max. Dipping Time: 5 sec. max. * Reflow Soldering:
LED Surface Temperature C Operation Heating 240 Temperature rise: 5C/sec. Cooling: --5C/sec.
s Spatial Distribution
150 120
Pre-heating
2. Cleaning: * If cleaning is required, use the following solutions for less than 1 minute, at less than 40C. * Appropriate chemicals: Ethyl alcohol and isopropyl alcohol. * Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as the oscillator output, size of PCB and LED mounting method. The use of ultrasonic cleaning should be enforced at proper output after confirming there is no problem. Product specifications subject to change without notice. PGF_1112H-0301
~
0
60 to 120 sec.
5 sec. max
Stanley Electric Sales of America, Inc.
2660 Barranca Parkway, Irvine, CA 92606 * Tel: 800-LED-LCD1 (533-5231) * Fax: 949-222-0555 Website: www.stanley-electric.com


▲Up To Search▲   

 
Price & Availability of FR1112H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X