Part Number Hot Search : 
MM74H TFS70L9 F005S MRB81 455051 TCV10 NTE5633 LLZ4V3C
Product Description
Full Text Search
 

To Download EXB100-48S3V3-RNJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EXB100 Series
DC-DC CONVERTERS
* * * * * * * *
Single output
100 W DC-DC Isolated Converters
NEW Product
1
Ultra wide trim range, 60% to 110% (1.08 Vdc to 5.5 Vdc) High efficiency, 91.5% @ 5 Vdc, 90.5% @ 3.3 Vdc Basic insulation (input to output) Industry standard half-brick pin-out No minimum load Overvoltage and overtemperature protection Remote ON/OFF Available RoHS compliant
The EXB100 series of 100 W single output isolated dc-dc converters are specially designed to meet the power needs of low voltage silicon. Housed in an open-frame package with standard footprint, these latest generation converters offer efficiencies as high as 91.5% (typical on 5 V at 20 A). The series comprises two 48 V input models with 5 V and 3.3 V outputs. The 3.3 V model features a wide input range, trimmable output voltage and 30 A output (the 5 V model is limited to 20 A). Remote sense and remote ON/OFF facilities are included as standard, and the converters are comprehensively protected against overcurrent, overvoltage and overtemperature conditions.
2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25 C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS Voltage adjustability Output setpoint accuracy Line regulation Load regulation Total error band Minimum load Overshoot Undershoot Ripple and noise 5 Hz to 20 MHz Transient response (See Note 2) (See Note 1) Deviation At turn-on and turn-off Low line to high line Full load to min. load 60% to 110% 1.5% 0.2% max. 0.4% max. 3.0% 0% None None 100 mV pk-pk 50 mV rms 150 mV 300 s recovery to within total error band
EMC CHARACTERISTICS Conducted emissions Radiated emissions Immunity: ESD air ESD contact Radiated field enclosure Conducted (DC power) Conducted (signal) Input transients EN55022 (See Note 7) EN55022 (See Note 7) EN55022 (See Longform Datasheet) Level A Level B Level A
EN61000-4-2 8 kV, 15 kV EN61000-4-2 6 kV, 8 kV EN61000-4-3 10 V/m EN61000-4-6 10 V EN61000-4-6 10 V (See Note 5) ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS Efficiency Basic insulation Switching frequency (Fixed) Approvals and standards (See Note 8) Input/output 5V 3.3 V See table 1500 Vdc 300 kHz typ. 220 kHz typ. TUV Product Service UL/cUL60950 UL94V-0 45 g (1.59 oz) 1,034,000 hours MIL-HDBK-217F 100% load, ground benign 591,000 hours BELLCORE 332
INPUT SPECIFICATIONS Input voltage range Input current Input current (max.) Input reflected ripple Remote ON/OFF Logic compatibility ON OFF Undervoltage lockout Start-up time (See Note 6) Power up Power down Power up Remote ON/OFF No load Remote OFF (See Note 3) (See Note 4) 36-75 Vdc 150 mA 20 mA 3.15 A max. @ Io max. and Vin = 36-75 Vdc 60 mA (pk-pk) (See Note 5) Open collector ref to -input >2 Vdc <1.2 Vdc 36 V 30 V 40 ms 35 ms
Material flammability Weight MTBF Representative model:
ENVIRONMENTAL SPECIFICATIONS Thermal performance Altitude derating (above sea level) Operating ambient temperature Non-operating 3,000 m 10,000 m -40 C to +90 C -40 C to +125 C 20% 50%
File Name: exb100s.pdf Rev: 18 Apr 2006
EXB100 Series
DC-DC CONVERTERS
OUTPUT POWER (MAX.) 100 W 100 W Notes INPUT VOLTAGE 36-75 Vdc 36-75 Vdc OVP 6.0 Vdc 3.9 Vdc OUTPUT VOLTAGE 5V 3.3 V
Single output
100 W DC-DC Isolated Converters
NEW Product
2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENT (MIN.) 0A 0A OUTPUT CURRENT (MAX.) 20 A 30 A EFFICIENCY (TYP.) 91.5% 90.5%
REGULATION LINE 0.2% 0.2% LOAD 0.4% 0.4%
MODEL NUMBER (10) EXB100-48S05J (9) EXB100-48S3V3-RJ
PROTECTION Short circuit Overvoltage TELECOM SPECIFICATION Central office interface A ETS300-132-2 input voltage and current requirements Continuous Non-latching clamp
Measured as per recommended set-up. See Application Note 129 for details. di/dt = 0.1 A/s, Vin = 48 Vdc, Tc = 25 C, load change = 0.5 lo max. to 0.75 lo max. and 0.75 lo max. to 0.5 lo max. 3 Recommended input fusing is a 5 A HRC 200 V rated fuse. 4 Measured with external filter. See Application Note 129 for details. 5 Signal line assumed <3 m in length. 6 Start-up into resistive load. 7 The EXB100 meets levels A and B conducted emissions with external components. See Application Note 129 for details. 8 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 9 Negative remote ON/OFF option also available. Add suffix `-R' to part number, for example EXB100-48S05-RJ. 10 The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 1 2
CAUTION: Hazardous internal voltages and high temperatures. Ensure that unit is not user accessible.
Max open-frame converter height
0.394 (10.00) Max
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 6 7 8 9 FUNCTION -Vin No Pin Remote ON/OFF +Vin +Vout
seating plane O0.040 0.002 (O1.02 0.05) 6 Places O0.080 0.002 (O2.03 0.05) Minimum clearance from 2 Places seating plane to underside components All dimensions in inches (mm) General tolerance 0.01in (0.25mm) except where specified otherwise 2.2800.02 (57.910.5)
0.138 (3.50) 0.161 (4.09) 0.400 (10.16) 0.700 0.500 (17.78) (12.70) 1.000 (25.40) 1.400 (35.56) 0.012 (0.3) Min 0.500 (12.70)
+Sense Trim
Vin-
VoSenseTrim Sense+
-Vout
1.400 (35.56)
-Sense
2.4000.02 (60.960.5)
Remote ON/OFF Vin+
1.000 (25.40)
Vo+
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950 File No. E174104 TUV Product Service. Certificate No. B 02 02 38572 031
1.900 (48.26)
Bottom View
Datasheet (c) Artesyn Technologies(R) 2006 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items: Application Note Longform Datasheet
www.artesyn.com
File Name: exb100s.pdf Rev: 18 Apr 2006


▲Up To Search▲   

 
Price & Availability of EXB100-48S3V3-RNJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X