Part Number Hot Search : 
SE23XC03 T16646 T100A 0G000 4512C P3916 LA100L4 TLE4262G
Product Description
Full Text Search
 

To Download DR251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DR251 THRU DR256
25 Amp Automotive Rectifier 100 to 600 Volts
DR25/35
Features
* * * * Low Leakage Low Forward Voltage Drop High Current Capability High Forward Surge Current Capability
B
Maximum Ratings
* * Operating Temperature: -65 to +175 Storage Temperature: -65 to +175 MCC Part Number DR251 DR252 DR253 DR254 DR256 Maximum Recurrent Peak Reverse Voltage 100V 200V 300V 400V 600V Maximum RMS Voltage 70V 140V 210V 280V 420V Maximum DC Blocking Voltage 100V 200V 300V 400V 600V
A
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 25A TC = 105 Current Peak Forward Surge IFSM 400A 8.3ms, half sine Current VF Maximum 1.15V IFM =80A Instantaneous Forward Voltage IR Maximum DC TA = 25 5A Reverse Current At 350A TC = 100 Rated DC Blocking Voltage Rating for Fusing I2t 664 A2S t<8.3ms Typical Thermal RJC 1.0/W Note 1 Resistance Note 1: at 0.5'' (12.7) lead length(P.C.B. mounted)
C B
D
DIMENSIONS INCHES MIN --.710 .057 .370 MM MIN --18.00 1.45 9.50
DIM A B C D
MAX 5.500 .780 .065 .390
MAX 33.00 20.00 1.65 9.90
NOTE
www.mccsemi.com
Revision: 2
1 of 2
2006/05/24
MCC
Micro Commercial Components
TM
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
2 of 2
2006/05/24


▲Up To Search▲   

 
Price & Availability of DR251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X