Part Number Hot Search : 
UPC2758 CC721 FIN1019 BP51L05 CNZ1E RF1040CT MM5Z10V MAX63
Product Description
Full Text Search
 

To Download BW-S10W2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRECISION FIXED ATTENUATORS
2W 1 to 40 dB, DC to 18 GHz
50
SMA
BW
MODEL NO.
BW-S1W2 BW-S2W2 BW-S3W2 BW-S4W2 BW-S5W2 BW-S6W2 BW-S7W2 BW-S8W2 BW-S9W2 BW-S10W2 BW-S12W2 BW-S15W2 BW-S20W2 BW-S30W2 BW-S40W2
www..com
FREQ. RANGE GHz
fL-f U DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 DC-18 Nom. 1 2 3 4 5 6 7 8 9 10 12 15 20 30 40
ATTENUATION dB
VSWR (:1) Max.
POWER W**
CASE STYLE
ACCURACY* 0.40 0.40 0.40 0.40 0.40 0.40 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.85 0.85
L 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20 1.20
M 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25
U 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 1.30 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
Note B FF658 FF658 FF658 FF658 FF658 FF658 FF658 FF658 FF658 FF658 FF658 FF659 FF659 FF659 FF659
C O N N E C T I O N
PRICE $
Qty. (1-49) 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95 29.95
_ _ _ _ _ _ _ _ _ _ _ _ _ _ _
L = DC-4 GHz
M = 4-8 GHz
U = 8-12.4 GHz
features
l l l l
precision attenuation excellent VSWR, 1.2:1 typ. high temperature stability SMA male and female connectors
designers kits available applications
l l l
matching instrumentation test set-ups
KIT No.
K2-BW1 K2-BW2 K2-BW3
No. of Units in KIT
6 6 10
Description
2 of each: 3,6,10 1 of each: 3,6,10,20,30,40 1 of each: 1,2,3,4,5,6,7,8,9,10
Price $ per KIT
150.00 150.00 200.00
NOTES:
* ** A. B. C. At 25C includes power & frequency variations up to 12.4 GHz. Above 12.4 GHz add 0.5 dB typ. to accuracy and 0.3 typ. to VSWR in the U range. Temperature coefficient for attenuation .0004 dB/dB/C typ. Average power at 25C ambient, derate linearly to 0.5 W at 100C. Peak Power 125W max., 5sec pulse width, 100 Hz PRF. General Quality Control Procedures, Environmental Specifications, HiRel and MIL description are given in General Information (Section 0). Connector types and case mounted options, case finishes are given in section 0, see "Case styles & outline drawings". Prices and specifications subject to change without notice.
Mini-Circuits
154
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED
020710
Mini-Circuits
FREQUENCY (MHz) 100.00 2000.00 4000.00 6000.00 8000.00 10000.00 12000.00 14000.00 16000.00 18000.00 _ ATTENUATION X (dB) (dB) 2.81 2.85 2.87 2.91 2.96 2.99 2.97 2.88 2.94 3.03 0.02 0.02 0.03 0.04 0.05 0.05 0.04 0.17 0.17 0.13 VSWR _ X 1.01 1.02 1.02 1.03 1.04 1.06 1.07 1.07 1.08 1.08 0.01 0.01 0.01 0.00 0.01 0.01 0.02 0.02 0.03 0.02
(R)
DC to 18000 MHz
DC to 18000 MHz
FREQUENCY (MHz) 100.00 2000.00 4000.00 6000.00 8000.00 10000.00 12000.00 14000.00 16000.00 18000.00 _ ATTENUATION X (dB) (dB) 5.94 0.03 5.98 0.02 6.00 0.02 6.02 0.04 6.08 0.10 6.08 5.98 5.73 5.74 5.81 0.12 0.11 0.07 0.08 0.10 VSWR _ X 1.01 1.04 1.05 1.07 1.07 1.10 1.10 1.16 1.21 1.16 0.00 0.00 0.01 0.01 0.01 0.03 0.03 0.02 0.03 0.02
DC to 18000 MHz
FREQUENCY (MHz) 100.00 2000.00 4000.00 6000.00 8000.00 10000.00 12000.00 14000.00 16000.00 18000.00 _ ATTENUATION X (dB) (dB) 9.93 9.95 9.99 10.01 10.05 10.12 10.18 9.97 9.97 10.04 0.03 0.02 0.01 0.01 0.01 0.03 0.10 0.15 0.18 0.21 VSWR _ X 1.01 1.03 1.04 1.06 1.05 1.10 1.10 1.16 1.22 1.19 0.00 0.00 0.00 0.01 0.01 0.02 0.03 0.04 0.04 0.04
www..com
DC to 18000 MHz
FREQUENCY (MHz) 100.00 2000.00 4000.00 6000.00 8000.00 10000.00 12000.00 14000.00 16000.00 18000.00 _ ATTENUATION X (dB) (dB) 19.57 19.64 19.67 19.71 19.80 19.81 19.81 20.06 20.17 20.30 0.06 0.07 0.08 0.09 0.13 0.14 0.16 0.26 0.29 0.32 VSWR _ X 1.01 1.01 1.02 1.03 1.05 1.06 1.05 1.06 1.10 1.11 0.00 0.00 0.00 0.00 0.01 0.01 0.01 0.00 0.00 0.01
DC to 18000 MHz
FREQUENCY (MHz) 100.00 2000.00 4000.00 6000.00 8000.00 10000.00 12000.00 14000.00 16000.00 18000.00 _ ATTENUATION X (dB) (dB) 29.50 29.55 29.64 29.69 29.82 29.93 29.99 30.04 30.08 30.04 0.08 0.02 0.03 0.04 0.11 0.17 0.22 0.33 0.41 0.49 VSWR _ X 1.01 1.03 1.04 1.06 1.08 1.14 1.15 1.22 1.26 1.19 0.00 0.00 0.00 0.01 0.02 0.02 0.02 0.03 0.03 0.05
The Design Engineers Search Engine
Provides Actual Data Instantly At: http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models Consult Our Applications Dept.
155
020710


▲Up To Search▲   

 
Price & Availability of BW-S10W2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X