Part Number Hot Search : 
LH000 C2295 C2295 60204 1239A0 SG2814J 13N60 F7341Q
Product Description
Full Text Search
 

To Download BT136 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC BT136
TRIACS
DESCRIPTION
Passivated triacs in a plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching.
TRIAC
SYMBOL
MT2
1
TO-220
G MT1
1:MT1 2:MT2 3:GATE
ABSOLUTE MAXIMUM RATINGS
PARAMETER
Repetitive peak off-state voltages RMS on-state current full sine wave; Tmb 107 C Non-repetitive peak on-state current (Full sine wave; Tj = 25 C prior to surge) t = 20ms t = 16.7 ms I2t for fusing t = 10 ms Repetitive rate of rise of on-state current after triggering ITM = 6 A; IG = 0.2A;dIG /dt = 0.2A/s T2+G+ T2+GT2-GT2-G+
SYMBOL
VDRM www..com IT(RMS)
RATINGS
600 4
*
UNIT
V A
ITSM
25 27 3.1
A A2s
I2t
dIT /dt
50 50 50 10
A/s
Peak gate voltage VGM 5 V Peak gate current IGM 2 A Peak gate power PGM 5 W Average gate power (over any 20 ms period) PG(AV) 0.5 W Storage temperature Tstg -40 ~ 150 Operating junction temperature Tj 125 *Although not recommended, off-state voltages up to 800V may be applied without damage, but the traic may switch to the on-state. The rate of rise of current should not exceed 3A/s.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R401-004,A
UTC BT136
THERMAL RESISTANCES
PARAMETER
Thermal resistance Junction to mounting base Full cycle Half cycle Thermal resistance Junction to ambient (In free air)
TRIAC
SYMBOL
Rth j-mb Rth j-a 60
MIN
TYP
MAX
3.0 3.7
UNIT
K/W K/W K/W
ELECTRICAL CHARACTERISTICS (Tj=25C, unless otherwise stated)
PARAMETER
Gate trigger current IGT
SYMBOL
CONDITIONS
VD = 12 V; IT = 0.1 A T2+G+ T2+GT2-GT2-G+ VD = 12 V; IGT = 0.1 A T2+G+ T2+GT2-GT2-G+ VD = 12 V; IGT = 0.1 A IT = 5 A VD = 12 V; IT = 0.1 A VD = 400V ; IT = 0.1 A; Tj=125C VD = VDRM(max) ; Tj = 125 C VDM = 67% VDRM(max) ; Tj =125C; exponential waveform; gate open circuit VDM=400V;Tj=95C;IT(RMS)=4A; dIcom /dt =1.8A/ms; gate open circuit ITM = 6 A; VD= VDRM(max) ; IG=0.1A; dIG/dt=5A/s
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
5 8 11 30 7 16 5 7 5 1.4 0.7 0.25 0.4 0.1 0.5 35 35 35 70 20 30 20 30 15 1.7 1.5 mA
Latching current IL
mA
Holding current On-state voltage Gate trigger voltage
IH VT VGT
mA V V V mA
Off-state leakage current Critical rate of rise of Off-state voltage Critical rate of change of Commutating voltage Gate controlled turn-on time
ID
DYNAMIC CHARACTERISTICS
dVD /dt 100 250 V/s
dVcom/dt
50
V/s
tgt
2
s
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R401-004,A
UTC BT136
8 Ptot/W 7 6 5 4 3 2 1 0 0 1 Tmb(max)/C 101 104 =180 107 120 110 90 60 113 30 116 119 122 125 5 2 3 4 IT(RMS)/A , Fig.1. Maximum on-state dissipation,P tot versusrms on-state current,I T(RMS) here =conduction angle. w 0 -50 0 50 100 IT(RMS)/A
TRIAC
5 4 3 2
107
1 150
Tmb/C Fig.4. Maximum permissible rms current lT(RMS), mb versus mounting base temperature T
1000ITSM/A IT T 100 dIT/dt limit T2-G+ quadrant 10 10us 100us 1ms 10ms 100ms ITSM
12IT(RMS)/A 10 time 8 6 4 2 0 0.01 0.1 1 10
Tj initial=25 max
T/s Fig.2.Maximum Permissible non-repetitive peak TSM p on-state Current I ,versus pulse width, tfor p sinusoidal currents,t 20ms ITSM/A 30 25 20 15 10 5 0 0 10 100 1000 T time
Tj initial=25 max
surge duration /S Fig. 5.Maximum permissible repetitive rms on-stat , current T(RMS)versus surge duration,for sinusoidal l m currents,f=50HZ;Tb 107 VGT(Tj) VGT(25)
IT
ITSM
1.6 1.4 1.2 1 0.8 0.6
0 0.4 -50 0
50 50
100 100
150 150
Number of cycles at 50Hz Fig3.Maximum Permissible non-repetitive peak on-state current I ,versus number of cycles,for TSM sinusoidal currents,f=50HZ.
Tj/ Fig.6. Normalised gate trigger voltage . temperature jT VGT(Tj)/VGT(25),versus junction
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R401-004,A
UTC BT136
IGT(Tj) 3 IGT(25) 2.5 2 1.5 1 0.5 0 -50 0 50 Tj/ 100 150
T2+G+ T2+GT2-GT2-G+
TRIAC
IT/A
Tj=125 Tj=25 Vo=1.27V Rs=0.091Ohms
12 10 8 6 4 2 0
typ
max
0
0.5
1
1.5 VT/V
2
2.5
3
Fig. 7.Normalised gate trigger Current IGT(Tj)/IGT(25),versus junction temperature Tj. IL(Tj) IL(25)
Fig.10.Typical and maximum on-state characteristic.
3 2.5 2 1.5 1 0.5
10
Zth j-mb(K/W ) unidirectional bidirectional
1
0.1
PD
tp t
0 -50
0
50 Tj/
100
150
0.01 10us
0.1ms
1ms
10ms tp/s
0.1s
1s
10s
Fig.8.Normalised latching Current IL(Tj)/IL(25), versus junction temperature Tj IH(Tj) 3 IH(25) 2.5 2 1.5 1 0.5 0 -50 0 50 Tj/ Fig. 9.Normalised holding current IH(Tj)/IH(25), versus junction temperature Tj. 100 150 1 0 10 1000
Fig.11.Transient thermal impedance Zthj-mb,versus pulse width tp. dVcom/dt(V/us)
off-state dV/dt lim it
dlcom/dt=5.1 A/m s
3.9
3
2.3
1.8
1.4
50 Tj/C
100
150
Fig.12.Typical commutation dV/dt versus junction temperature,parameter commutation dlT/dt.The triac should commutate when the dV/dt is below the value on the appropriate curve for pre-commutation dlT/dt
UTC
UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R401-004,A
UTC BT136
TRIAC
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R401-004,A


▲Up To Search▲   

 
Price & Availability of BT136

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X