Part Number Hot Search : 
2SC52 BU9262FS CM6504IP DTC115 100E1 4HCT37 182A934 CF5034AB
Product Description
Full Text Search
 

To Download BR-B4534-15V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BR-B4534-15V
Features:
1. Chip material: GaAsP/GaP 2. Emitted color : Hi-Eff Red 3. Lens Appearance : Red Diffused 4. For DC and pulse operation.
Package Dimensions:
5.0(.197)
5. With current limiting resistor for 15V 6. TTL & CMOS compatible. www..com
7. 5mm diameter package. 8. Internal Resistor 1400 9. This product don't contained restriction substance, compliance ROHS standard.
8.62(.339) 1.0(.04) RL
1.5(.059) MAX. 25.4(1.0) MIN. 0.5(.02) SQ. TYP.
Cathode
5.7(.22)
FLAT DENOTES CATHODE 1.0(.04) MIN.
Applications:
1. TV set 2. Monitor 3. Telephone 4. Computer 5. Circuit board
Notes:
2.54(.10) NOM.
1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm (0.01") unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
Absolute Maximum Ratings(Ta=25) Parameter
Power Dissipation Peak Forward Current*1 Operating Temperature Storage Temperature Soldering Temperature
Symbol
Pd IFP Topr Tstg Tsol
Rating
80 150 -40~80 -40~85 260(for 5 seconds)
Unit
mW mA
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.
Ver.1.0 Page: 1 of 2
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BR-B4534-15V
Electrical and optical characteristics(Ta=25) Parameter Forward Current
Luminous Intensity Peak Wave Length Dominant Wave Length
www..com
Symbol IF
Iv p d 21/2
Condition
VF=15V VF=15V VF=15V VF=15V VF=15V VF=15V
Min.
617 -
Typ.
8 40 640 45 35
Max.
12 638 -
Unit mA
mcd nm nm nm deg
Spectral Line Half-width Viewing Angle
Typical electro-optical characteristics curves
Fig.1 Relative intensity vs. Wavelength
1.0 60
Fig.2 Forward current derating curve vs. Ambient temperature
50
Relative radiant intensity
Forward current(mA)
40
0.5
30
20
10
0
540
640
740
0
20
40
60
80
100
Wavelength (nm)
Ambient temperature Ta()
Fig.4 Relative luminous intensity vs. Ambient temperature
3.0
Fig.6 Radiation diagram
0 10 20 30
Relative luminous intensity
Relative radiant intensity
2.5
2.0
1.0
40
1.5
0.9 0.8
50 60 70
1.0
0.5
0.7
80 90
0 -40
-20
0
20
40
60
0.5
0.3
0.1
0.2
0.4
0.6
Ambient temperature Ta()
Ver.1.0 Page: 2 of 2


▲Up To Search▲   

 
Price & Availability of BR-B4534-15V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X