Part Number Hot Search : 
CXG1040T 100HS FAN8620B MSC82003 FR09E 8C110MGR SG6520 MIC706R
Product Description
Full Text Search
 

To Download AM-177 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
V 3.00
AM-177
Features
n +22 dBm Typical High 1 dB Compression n +38 dBm Typical High Third Order Intercept n 1.2:1 Typical VSWR
TO-8-1
Description
M/A-COM's AM-177 is a feedback amplifier with high intercept and compression points. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise should be minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-177 is ideally suited for use where a high intercept, high reliability amplifier is required.
Absolute Maximum Ratings 1
Parameter Max Input Power Vbias Operating Temperature Storage Temperature Absolute Maximum +20 dBm +15.75 V -55C to +85C -65C to +125C
1. Operation of this device above any one of these parameters may cause permanent damage.
Electrical Specifications 2,3 TA = -55C to +85C Case Temperature
Parameter Gain Frequency Response Gain Variation with Temperature 1 dB Compression Noise Figure Reverse Transmission VSWR Output IP2 Output IP3 Vbias Ibias Power Dissipation Test Conditions @ +25C -- -- Output Power -- -- -- Two-tone inputs up to 0 dBm Two-tone inputs up to 0 dBm -- Vbias = +15.0 VDC @ +15V Bias Frequency 500 MHz 10 - 1000 MHz 10 - 1000 MHz 10 - 1000 MHz 10 - 1000 MHz 10 - 1000 MHz 10 - 1000 MHz 10 - 1000 MHz 10 - 1000 MHz -- -- -- Units dB dB dB dBm dB dB Ratio dBm dBm V mA mW Min. 11.5 -- -- +20 -- -- -- +42 +30 +14.5 -- -- Typ. 12.0 -- -- -- -- -16 -- -- -- +15.0 105 1575 Max. 12.5 0.5 0.8 -- 8.5 -14 2.0:1 -- -- +15.5 115 --
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance. 3. Heat Sinking: Operation at case temperature above 95C is not recommended. Heat sinking adequate to dissipate 1.75W must be provided in use.
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz Typical Performance Curves
Gain vs. Frequency
85C 14 25C -55C
2.0
AM-177
V 3.00
VSWR vs. Frequency
RF IN RF OUT
1.8
Gain (dB)
13
VSWR
12 11 3 5 10 20 50 100 300 500 700 900 1100
1.6
1.4
1.2
1.0 3 5 10 20 50 100 300 500 700 900 1100
Frequency (MHz)
Frequency (MHz)
Noise Figure
+85C +25C
1 dB Compression
23
10 9 8 7 6 5 3 5 10 20 50 100 300 500 700 900 1100
Output Power (dBm)
Noise Figure (dB)
22
21
20 3 5 10 20 50 100 300 500 700 900 1100
Frequency (MHz)
Frequency (MHz)
Intermodulation Intercept
IP2 60 IP3
Ordering Information
Part Number AM-177 PIN
4
Package TO-8-1
Intercept (dBm)
50
4. Mounting kit part number AU00071 required for PCB applications.
40
30 3 5 10 20 50 100 300 500 700 900 1100
Frequency (MHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2


▲Up To Search▲   

 
Price & Availability of AM-177

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X