Part Number Hot Search : 
PDTC144 X40626 X4166 J120CA B1006 NCP4303B UY1104B P1WTL
Product Description
Full Text Search
 

To Download 750-XC6DT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A tognum grouP BrAnd
DIESEL ENGINE-GENERATOR SET 750-XC6DT2
750 ekW /60 Hz /Standby 680 ekW /60 Hz /Prime 208 - 4160V
SySTEm RATINGS
Standby
Voltage (L-L) Phase PF Hz kW kVA AMPS skVA@30% Voltage Dip Generator Model* Temp Rise Connection 208V** 3 0.8 60 750 937.5 2602 2600 574RSL4037 130C/27C 12 LEAD LOW WYE 240V** 3 0.8 60 750 937.5 2255 2600 574RSL4037 130C/27C 12 LEAD HI DELTA 480V** 3 0.8 60 750 937.5 1128 2150 573RSL4035 130C/27C 12 LEAD HI WYE 600V** 3 0.8 60 750 937.5 902 3100 574RSS4278 125C/40C 4 LEAD WYE 4160V 3 0.8 60 750 937.5 130 1850 574FSM4358 130C/27C 6 LEAD WYE
Prime
Voltage (L-L) Phase PF Hz kW kVA AMPS skVA@30% Voltage Dip Generator Model* www..com Temp Rise Connection 208V 3 0.8 60 680 850 2359 2600 574RSL4037 105C/40C 12 LEAD LOW WYE 240V 3 0.8 60 680 850 2045 2600 574RSL4037 105C/40C 12 LEAD HI DELTA 480V 3 0.8 60 680 850 1022 2150 573RSL4035 105C/40C 12 LEAD HI WYE 600V 3 0.8 60 680 850 818 3100 574RSS4278 105C/40C 4 LEAD WYE 4160V 3 0.8 60 680 850 118 1850 574FSM4358 105C/40C 6 LEAD WYE
* The Generator Model Number identified in the table is for standard C Series Configuration. Consult the factory for alternate configuration. ** UL2200 Offered
2
// / /
750-XC6DT2
FACTS
// // // // // // // // // //
EPA Tier 2 Certified Engine-Generator Set Tested to ISO 8528-5 for Transient Response UL2200, CSA Listing Offered Accepts Rated Load in One Step Per NFPA 110, Level 1 All engine-generator sets are prototype and factory tested MTU Onsite Energy is a single source supplier Global Product Support 2 Year Standard Warranty Custom Design for Any Application 12V-2000 G84 Diesel Engine - 23.9 Liter Displacement - Electronic Unit Pump Injection - 4-Cycle
Complete Range of Accessories Permanent Magnet Generator (PMG) - Brushless, Rotating Field - 300% Short Circuit Capability - 2/3 Pitch Windings // Digital Control Panel(s) - UL Recognized, , NFPA 110 - Complete System Metering - LCD Display // Cooling System - Integral Set-Mounted - Engine Driven Fan
// //
STANDARD EQUIPmENT
//
Engine
Brushless Alternator with Brushless Pilot Exciter 4 Pole, Rotating Field 130C Standby Temperature Rise 1 Bearing, Sealed Flexible Coupling Full Amortisseur Windings 125% Rotor Balancing 3-Phase Voltage Sensing .25% Voltage Regulation 100% of Rated Load - One Step 3% Maximum Harmonic Content
Air Cleaners Oil Pump Full Flow Oil Filter Jacket Water Pump Inter Cooler Water Pump Thermostats Exhaust Manifold - Dry Blower Fan & Fan Drive Radiator - Unit Mounted Electric Starting Motor - 24V Governor - Electric Isochronous Base - Structural Steel SAE Flywheel & Bell Housing Charging Alternator - 24V Battery Box & Cables Flexible Fuel Connectors Flexible Exhaust Connection EPA Certified Engine
//
digital Control Panel(s)
//
generator
NEMA MG1, IEEE and ANSI standards compliance for temperature rise and motor starting www..com Sustained short circuit current of up to 300% of the rated current for up to 10 seconds Self-Ventilated and Drip-Proof Superior Voltage Waveform Digital, Solid State, Volts-per-Hertz Regulator No Load to Full Load Regulation
Digital Metering Engine Parameters Generator Protection Functions Engine Protection SAE J1939 Engine ECU Communications Windows-Based Software Multilingual Capability Remote Communications to our RDP-110 Remote Annunciator 16 Programmable Contact Inputs 7 Contact Outputs UL Recognized, , CE Approved Event Recording IP 54 Front Panel Rating with Integrated Gasket NFPA110 Level Compatible
3
// / /
750-XC6DT2
APPLICATION DATA
//
Engine
MTU Detroit Diesel 12V-2000 G84 4-Cycle 12-V 1,458 (23.9) 5.1 (13) 5.9 (15) 16:1 1,800 ADEC 1,119 (835) 1,020 (761) .25% 60 Hz Dry
//
Fuel Consumption
STANDBY 52.4 (198) 41 (155) 27.7 (105) PRIME 48.9 (182) 37.7 (143) 25.4 (98)
Manufacturer Model Type Arrangement Displacement: Cu In (lit) Bore: in (cm) Stroke: in (cm) Compression Ratio Rated RPM Engine Governor Max Power: Standby: bhp (kWm) Max Power: Prime: bhp (kWm) Regulation Frequency Air Cleaner
At 100% of Power Rating: gal/hr (lit/hr) At 75% of Power Rating: gal/hr( lit/hr) At 50% of Power Rating: gal/hr (lit/hr)
//
Cooling - radiator System
STANDBY 104 (40) 0.5 (0.12) 220 (833) 68 (258) 18,767 (330) 12,227 (215) 4,805 (84) PRIME 104 (40) 0.5 (0.12) 220 (833) 68 (258) 17,060 (300) 11,098 (195) 4,353 (76.5)
//
Liquid Capacity (Lubrication)
20.3 (77) 29.1 (110) 5.3 (20) 91.1 (345)
Ambient Capacity of Radiator: F (C) Max. Restriction of Cooling Air, Intake, and Discharge Side of Rad.: in. H20 (kPa) Water Pump Capacity: gpm (lit/min) After Cooler Pump Capacity: gpm (lit/min) Heat Rejection to Coolant: BTUM (kW) Heat Rejection to After Cooler: BTUM (kW) Heat Radiated to Ambient: BTUM (kW)
Total Oil System: gal (lit) Engine Jacket Water Capacity: gal (lit) After Cooler Water Capacity: gal (lit) System Coolant Capacity: gal (lit)
//
Air requirements
STANDBY 2,225 (63) PRIME 2,119 (60)
//
Electrical
24 1,750
Electric Volts DC Cold Cranking Amps Under 0F (-17.8C)
Aspirating: *SCFM (m3/min) Air Flow Required for Rad. Cooled Unit: *SCFM (m3/min) Air Flow Required for Heat Exchanger/Remote Rad. based on 25F Rise: *SCFM (m3/min)
39,990 (1,132) 39,990 (1,132)
10,837 (309) 9,817 (280)
//
Fuel System
3/4" NPT 1/4" NPT 10 (3) Diesel #2 127 (480)
* Air density = 0.0739 lbm/ft3 (1.184 kg/m3)
//
Exhaust System
STANDBY 1,040 (560) 5,297 (150) 34.1 (8.5) PRIME 1,022 (550) 5,085 (144) 34.1 (8.5)
Fuel Supply Connection Size Fuel Return Connection Size Maximum Fuel Lift: ft (m) Recommended Fuel Total Fuel Flow: gal/hr (lit/hr)
www..com
Gas Temp. (Stack): F (C) Gas Volume at Stack Temp: CFM (m3/min) Maximum Allowable Back Pressure: in. H20 (kPa)
4
// / /
750-XC6DT2
WEIGhTS AND DIMENSIONS
Drawing above for illustration purposes only, based on standard open power 480 volt generator. Lengths may vary with other voltages. Do not use for installation design.
System OPU
dimensions (L x W x H) 170 x 63 x 86.5 in (4,320 x 1,600 x 2,200 mm)
Weight (less tank) 12,108 lb (5,492 kg)
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
SOUND DATA
unit type OPU w/Critical Grade Muffler (dBA) Sound Attenuated Enclosure (dBA)
Measurements for sound data are taken at 23 ft (7 m).
Standby Full Load 100 92
Standby no Load 93 85
Prime Full Load 98.5 90.5
Prime no Load 93 85
(c) MTU Onsite Energy. Subject to alteration due to technological advances. 2009-05
EmISSIONS DATA
nox + nmHC 4.03 Co 0.81 Pm 0.09
RATING DEFINITIONS AND CONDITIONS
Ambient capability factor at 984 ft (300 m). Consult your local MTU Onsite Energy Power Generation Distributor for other altitudes. // Standby ratings apply to installations served by a reliable utility source. The standby rating is applicable to varying loads for the duration of a power outage. No overload capability for this rating. Ratings are in accordance with ISO-3046/1, BS 5514, AS 2789, and DIN 6271. // Prime power ratings apply to installations where utility power is unavailable or unreliable. At varying load, the number of generator set operating hours is unlimited. A 10% overload capacity is available for one hour in twelve. Ratings are in accordance with ISO-8528/1, overload power in accordance with ISO-3046/1, BS 5514, AS 2789, and DIN 6271. For limited running time and base load ratings, consult the factory. // Deration Factor: Altitude: No power decrease with increased elevation up to 5,906 ft (1,800 m)* at 77F (25C). temperature: 2.5% per 9F (5C) over 122F (50C) at 328 ft (100 m). *Contact factory for deration above 5,906 ft (1,800 m).
//
All units are in g/hp-hr and are EPA d2 cycle values. Emission levels of the engine may vary as a function of ambient temperature, barometric pressure, humidity, fuel type and quality, installation parameters, measuring instrumentation, etc. The data provided are laboratory results from one engine representing this rating. The data was obtained under controlled environmental conditions with calibrated instrumentation traceable to the United States National Bureau of Standards and in compliance with US EPA regulations found within 40 CFR Part 89. The weighted cycle value from each engine is guaranteed to be below the US EPA Standards at the US EPA defined conditions.
www..com
Materials and specifications subject to change without notice.
// tognum group Companies: Europe / middle East / Africa / Latin America / MTU Onsite Energy / 88040 Friedrichshafen / Germany / Phone + 49 7541 90 7060 / Fax +49 7541 90 7084 / powergenregion1@mtu-online.com // Asia / Australia / Pacific / MTU Onsite Energy / 1, Benoi Place / Singapore 629923 / Republic of Singapore / Phone + 65 6861 5922 / Fax + 65 6861 3615 / powergenregion2@mtu-online.com // uSA / Canada / mexico / MTU Onsite Energy / 100 Power Drive / Mankato, Minnesota 56001 / USA / Phone + 1 507 625 7973 / Fax + 1 507 625 2968 / powergenregion3@mtu-online.com // Worldwide for Hotmodule / MTU Onsite Energy / 81663 Munich / Germany / Phone + 49 89 203042 800 / Fax +49 89 203042 900 / info@cfc-solutions.com //www.mtu-online.com


▲Up To Search▲   

 
Price & Availability of 750-XC6DT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X