Part Number Hot Search : 
FR220 HCC4047B 6348S HL8337 RF164 MC6829 DG202D T201230
Product Description
Full Text Search
 

To Download 5CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMT DC-DC Converter Transformers
DC-DC
TYPE
5CA
TYPE 5CA
Frequency Range: 10~500kHz Maximum Conversion Power: 0.5~0.7W
Recommended patterns
*Available in heights 3.2mm, 4.2mm and 5.2mm
* : 3.2mm 4.2mm 5.2mm
(Unit: mm)
(Unit: mm)
Features
* 6.2 x 6.8 Max. square and 3.2mm, 4.2mm and 5.2mm Max. height. * Package design is ideal for automatic assembly. Available on 12mm embossed tape. * Available with up to 7 terminals to provide secondary winding or taps or function as DC-DC transformer. * Output power is follows by the height size. H=3.2mm : 0.5W Max., H=4.2mm : 0.6W Max., H=5.2mm : 0.7W Max. (Rated power by each specification) * DC-DC converter transformer for Flyback system. * RoHS compliant
* 6.2 * * *
6.8
Max.
3.2mm 4.2mm 5.2mm Max. DC-DC
H 3.2mm 0.5W Max. H 4.2mm 0.6W Max. H 5.2mm 0.7W Max. DC-DC
* * RoHS
SELECTION GUIDE FOR STANDARD TRANSFORMERS
Please inquire for detailed specifications for Transformers.


▲Up To Search▲   

 
Price & Availability of 5CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X