Part Number Hot Search : 
TD62603 00306 00306 73J25P GEME4U 00306 20K15 A78R12
Product Description
Full Text Search
 

To Download 5120638-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Application Specification Z- PACK* 12- Row Backplane Connectors
NOTE
114-- 1132
29 DEC 09 Rev A
i
All numerical values are in metric units [with U.S. customary units in brackets]. Dimensions are in millimeters. Unless otherwise specified, dimensions have a tolerance of +0.13 and angles have a tolerance of +2_. Figures and illustrations are for identification only and are not drawn to scale.
1. INTRODUCTION
This specification covers the requirement for application of the Z--PACK 12--Row Interconnection System. These connectors reduce signal crosstalk in high speed, nanosecond applications requiring very high pin count applications. The system consists of 50 ohm impedance connectors with 2.0 signal column spacing. The Z--PACK Connectors are available in modular right--angle receptacles, and vertical pin headers. Both receptacles and pin headers are available with compliant pin only and are shipped in 72 and 144 signal position (12--row) modules which the customer joins together on the printed circuit (pc) board for the correct size. When corresponding with Tyco Electronics Personnel, use the terminology provided in this specification to help facilitate your inquiry for information. Basic terms and features of components are provided in Figure 1. Right- Angle Receptacles with Universal Guide Pin Modules ACTION PIN* Compliant Pin Center Receptacle
Chicklet Guide Receptacle Assembly Vertical Headers
Alignment Slots Left Header (Feed Through) Signal Pin Key Box Universal Guide Pin Alignment Matching Coding Keys Right Header
Center Header Universal Guide Pin Feed Through Signal Pin
ACTION PIN Compliant Pin
Right Shroud
Figure 1
TOOLING ASSISTANCE CENTER 1-- 800-- 722-- 1111 E2009 Tyco Electronics Corporation, Harrisburg, PA PRODUCT INFORMATION 1-- 800-- 522-- 6752 All International Rights Reserved TE logo and Tyco Electronics are trademarks. *Trademark. Other products, logos, and company names used are the property of their respective owners. This controlled document is subject to change. For latest revision and Regional Customer Service, visit our website at www.tycoelectronics.com
1 of 13
LOC B
Z- PACK 12- Row Backplane Connectors 2. REFERENCE MATERIAL 2.1. Revision Summary
114- 1132
S S S S
Updated document to corporate requirements Deleted obsolete documentation in Paragraph 2.4 Deleted obsolete tooling in Section 5, TOOLING New logo and format
2.2. Customer Assistance
Reference Part Number 120637 and Product Code A259 are representative numbers of Z--PACK 12--Row Backplane Connectors. Use of these numbers will identify the product line and expedite your inquiries through a service network established to help you obtain product and tooling information. Such information can be obtained through a local Tyco Electronics Representative or, after purchase, by calling the Tooling Assistance Center or Product Information number at the bottom of page 1.
2.3. Drawings
Customer Drawings for specific products are available from the service network. The information contained in Customer Drawings takes priority if there is a conflict with this specification or with any other technical documentation supplied by Tyco Electronics.
2.4. Instructional Material
The following list includes available instruction sheets (408--series) that provide assembly procedures for product, operation, maintenance and repair of tooling, as well as setup and operation procedures of applicators; and customer manuals (409--series) that provide setup, operation, and maintenance of machines. Document Number 408--2636--1 408--4553 408--4568 408--4571 408--4572 408--9979 Document Title CERTI--LOK* Insertion Tool 380392--8 Seating Tools 91311--[ ] for Z--PACK 12--Row Backplane Headers Chicklet Extraction Tools 1320870--1 Receptacle Seating Tools 91318--[ ], 91319--[ ], and 91320--[ ] Receptacle Housing Removal Tool 91323--[ ] Pin Repair Kits 354687--1, --2, and --3 for Z--PACK Signal Pin Contacts
3. REQUIREMENTS 3.1. Storage
The connectors should remain in the shipping containers until ready for use to prevent deformation to the contacts. The connectors should be used on a first in, first out basis to avoid storage contamination that could adversely affect signal transmissions.
3.2. Product Materials and Selection Criteria A. Material
All Z--PACK 12--Row Connector housings and chicklets are molded of UL 94V--O rated thermoplastic. All contacts are copper alloy, plated at the contact interface with gold, with a nickel underplate, and tin--lead tines.
B. Size
Typical connector sizes and length of pins are shown in Figure 2.
C. Guides
The pin headers have alignment slots with a guide--in feature that helps position the pin and receptacle contacts prior to engagement of the circuits. See Figure 1.
2 of 13
Tyco Electronics Corporation
Rev A
Z- PACK 12- Row Backplane Connectors
114- 1132
72- Position (Left)
144- Position (Center)
72- Position (Right)
ACTION PIN Posts Only 3.7 3.7 3.7
Reference Line = Seating Plane for Connector 8.2 Level 1 9.7 Level 2 11.2 Level 2 A B C
Feedthrough Posts with ACTION PIN Posts 13.0 Level 1 14.5 Level 2 16.0 Level 3
8.2 9.7 11.2
K P T
Figure 2
Rev A
Tyco Electronics Corporation
3 of 13
Z- PACK 12- Row Backplane Connectors D. End- to- End Placement
114- 1132
The end contacts in the pin header and receptacle are one half the contact spacing distance from the ends of the housing. This design feature makes it possible to mount connectors end--to--end while maintaining the 2.0 mm column spacing. Connectors can be mounted end--to--end within the specified dimension. See Figure 3. 2.0 2.0
Pin Header Connectors
Figure 3
Receptacle Connectors
3.3. Alignment
Proper alignment is essential to ensure full engagement of mating connectors, and to ensure that contacts are not bent or otherwise damaged during mating and unmating. For tolerance limitations, see Figure 4.
Receptacle +2
Receptacle +2
PC Board (Typ)
2.0
2.0 (3 Plc)
PC Board (Typ)
Pin Header
Figure 4
4 of 13
Tyco Electronics Corporation
Rev A
Z- PACK 12- Row Backplane Connectors 3.4. Mating Dimension
114- 1132
Full mating of connectors is necessary to ensure a good connection. The dimension from the surface of the pc board to which the pin header is mounted and the first row of contacts in the receptacle must be as shown in Figure 5. Right- Angle- to- Vertical Dimension to centerline for daughter card to backplane pattern reference. See Figure 6.
Right-- Angle Receptacle PC Board Vertical Pin Header 18.5 PC Board
Figure 5
3.5. PC Board Requirements A. PC Board Thickness
Right--angle receptacle connectors with compliant pin contacts require a pc board with a minimum thickness of 1.40 mm. Vertical pin header connectors with compliant pin contacts also require a pc board with a minimum thickness of 1.40 mm.
B. PC Board Circuit Pattern Layout
The pc board layout patterns for the placement of Z--PACK 12--Row Pin Header and Receptacle Connectors are provided in Figure 6. Daughtercard Datums and Dimensions Established by Customer
NOTE: Component Side View Shown
Figure 6 (cont'd)
Rev A
Tyco Electronics Corporation
5 of 13
Z- PACK 12- Row Backplane Connectors
NOTE: Component Side Views Shown
114- 1132
Centerline reference for alignment to face of daughter card - refer to specific customer drawing. See Figure 5.
Figure 6 (end)
3.6. Contact Hole Configuration
The contact holes in the pc board for all contacts must be drilled and plated through to specific dimensions. See Figure 7.
Board Thickness 1.40 Min 0.90 Pad Diameter
0.65-- 0.55 Dia of Finished Hole After Plating Tin/Lead Plated 0.015 Drilled Hole Diameter 0.72-- 0.68
FR-- 4 Material
Copper Plating 0.035 (Maximum Hardness of Copper to be 150 Knoop)
Figure 7
6 of 13
Tyco Electronics Corporation
Rev A
Z- PACK 12- Row Backplane Connectors 3.7. Connector Installation A. Initial Positioning
114- 1132
Z--PACK 12--Row Vertical Pin Headers, and Right--Angle Receptacles must be pre--applied to a pc board by hand. Connectors should be gripped by the housing only and not by the contacts. When placing a connector into a pc board, all contact tines should be aligned and inserted into the pc board simultaneously to prevent twisting or bending of the contacts.
B. Seating Connectors
Z--PACK 12--Row Headers and Receptacles with compliant pin contacts are seated with seating tools listed in Section 5, TOOLING. Seating force must be applied evenly on the connectors to prevent deformation or other damage to the contacts and housings. When installing header connectors, the insertion force must be simultaneously applied to the shoulders of each contact at the bottom of the slots. When installing right--angle receptacle connectors, the insertion force must be evenly applied to the assembly (top surface of the chicklets) as shown in Figure 8. Seating force will vary according to hole diameter and signal pin count. Approximate force to seat connectors will be 2668--4003 N [600--900 lb] per 100 signal pins. CAUTION Correct seating of connector is essential to interconnection performance. This includes correct seating height (see Figure 8) and force applied. Overdriving of product will deform parts critical to the quality of the connection. Maximum force occurs prior to seating the connectors on the pc board.
!
Z-- PACK 12-- Row Receptacle
Force
Applicator Ram (Fully Down) (Ref)
Seating Height (Connector Seated) 38.1 [1.50] Applicator Shut Height (Ram Down)
Seating Tool Centered Under Applicator Ram and Bottomed on Connector
Contacts in PC Board Holes and Aligned with Grooves in PC Support PC Board (Ref) PC Support (Customer Supplied)
Figure 8 (cont'd)
Rev A
Tyco Electronics Corporation
7 of 13
Z- PACK 12- Row Backplane Connectors
Z-- PACK 12-- Row Pin Header With Compliant Pin Contacts Force
114- 1132
Applicator Ram (Fully Down) (Ref)
Seating Tool Centered Under Applicator Ram
Seating Height (Connector Seated) 38.1 +.254/-- .000 [1.500 +.010/-- .000] Applicator Shut Height (Ram Down) .000 .254
Seating Tool Inside Header Housing and Bottomed on Housing Floor Contact Posts Aligned with Holes in PC Board and Board Support PC Board (Ref) Board Support (Ref)
[
.000 .010
]
Figure 8 (end)
3.8. Solder Process Considerations
Since the Z--PACK 12--Row Backplane Connectors have a press--in compliant pin type of design, it does not require solder. But, when pc board repair or rework requires soldering after the connectors are already inserted in the pc board, the following applies. CAUTION Even when using "no clean" solder paste, it is imperative that the contact interface be kept clean of flux and residue, since it acts as an insulator.
!
DANGER
Consideration must be given to toxicity and other safety requirements recommended by the solvent manufacturer. Trichloroethylene and Methylene Chloride can be used with no harmful affect to the connectors; however, Tyco Electronics does not recommend them because of the harmful occupational and environmental effects. Both are carcinogenic (cancer--causing) and Trichloroethylene is harmful to the earth's ozone layer.
Air drying of cleaned connectors is recommended. Temperature for the connectors should not exceed --55 to 105_C [--67 to 221_F]. Degradation of the housings could result from extreme temperatures. Gold surfaces of contact tines must be relubricated with a TelcordiaU approved lubricant if applications require it.
3.9. Accessories
Guide pins for additional pre--alignment, power pins and receptacles, and special keying inserts are available as shown in Figure 9. Other hardware options to meet specific needs may be available from, or designed by, Tyco Electronics Engineering at customers' request.
U Trademark of Telcordia Technologies, Inc.
8 of 13
Tyco Electronics Corporation
Rev A
Z- PACK 12- Row Backplane Connectors
114- 1132
Universal Guide Pin
Lockwasher and NutY
Universal Guide Pin
Color Matched Coding Keys
Lockwasher and NutY
Y For appropriate nut and lockwasher, refer to the specific customer drawing.
Figure 9
Rev A
Tyco Electronics Corporation
9 of 13
Z- PACK 12- Row Backplane Connectors 3.10. Repair/Replacement A. Header Repair
114- 1132
Header assemblies can be repaired without removal from the pc board, in cases where only contacts are in need of replacement. For signal pin contacts, use replacement tool kit 354687--[ ] (Instruction Sheet 408--9979). This kit contains tips for removal and replacement of compliant pin contacts.
B. Receptacle Repair
Receptacle construction does not allow for replacement of individual contacts. Damaged integral receptacles generally must be completely replaced. Receptacles can be repaired by removing and replacing only the damaged connector module, as follows: 1. To remove the receptacle housing from the connector assembly, use receptacle housing removal tool 91323--1, (Instruction Sheet 408--4572). 2. Use chicklet removal tool 1320870--1 to remove the chicklet sub--assemblies. Refer to Instruction Sheet 408--4568. 3. Refer to Instruction Sheet 408--4571 to seat the new receptacle module in the proper position.
4. QUALIFICATIONS
The Z--PACK 12--Row Interconnection System have not yet been agency approved.
5. TOOLING
Figure 10 provides tool part numbers and instructional material related to Z--PACK 12--Row Backplane Connectors. NOTE Tyco Electronics Tool Engineers have designed machines for a variety of application requirements. For assistance in setting up prototype and production line equipment, contact Tyco Electronics Tool Engineering through your local Tyco Electronics Representative or call the Tooling Assistance Center number at the bottom of page 1.
i
S PC Board Support
A pc board support must be used to prevent bowing of the pc board during the insertion of a connector into the board. It should have flat surfaces with holes or a channel wide and deep enough to receive the contact compliant pins and other attaching hardware during installation of the connector on the pc board.
S Seating Tools
Seating tools have been designed to push on the contact and seat the connector on the pc board. The tool will prevent contacts from backing out of the housing and prevent damage to the housing. The seating tools may be used with the power units listed or arbor frame assembly.
S Impact Repair Tools
Impact repair tools are designed to remove damaged contacts from housings without damaging the housing. The tools must be used with a support that is deep enough to allow full extraction of the contact.
S Power Units
Power units are automatic or semi--automatic machines used to assist in the application of a product. A power unit supplies the force to seat the connector onto the pc board using seating tools.
S Arbor Frame Assembly
Manual arbor frame assemblies are used to exert a downward force used to apply connectors to a pc board using seating tools.
S Extraction Tools
Extraction Tools are designed to remove contacts or housings without damaging any parts of the connector.
S Insertion Tools
Insertion Tools are designed for inserting individual contacts or connector assemblies into areas without damaging or touching other component parts.
10 of 13
Tyco Electronics Corporation
Rev A
Z- PACK 12- Row Backplane Connectors
PRODUCT TYPE DESCRIPTION 72--POSITION--RIGHT 72--POSITION--LEFT 72--POSITION--THRU 144--POSITION--THRU 72--POSITION--RIGHT 72 POSITION RIGHT 72--POSITION--LEFT 72--POSITION--THRU 72 POSITION THRU 144--POSITION--THRU PART NUMBER (DOCUMENT) 91311--[ ] (408--4553) 354687--3 (408--9979) 380392--8 (408--2636--1) 91318--[ ] (408--4571) 91323--2 (408--4572) 1320870--1 (408--4568) TOOLING
114- 1132
DESCRIPTION SEATING TOOL PIN REPAIR KIT INSERTION TOOL SEATING TOOL REMOVAL TOOL CHICKLET EXTRACTION TOOL
HEADER
RECEPTACLE
Typical Power Unit
PC Board Support (Customer Supplied)
NOTE: Power units that use seating tools for this product line may be available through Tyco Electronics. Machines that may accommodate your production needs are bench machines BMEP-- 3T and BMEP-- 5T; stand alone machines MEP-- 6T and MEP-- 12T; and a fully automated machine available, AEP-- 12T. Contact the Tooling Assistance Center (TAC) phone number at the bottom of page 1 for information on these Automation Services Group (ASG) machines.
Figure 10 (cont'd)
Rev A
Tyco Electronics Corporation
11 of 13
Z- PACK 12- Row Backplane Connectors
114- 1132
Insertion Tool Assembly 354995-- 1
Contact Replacement Tool 380392-- 8
Replacement Pin Assembly 354994-- 1
Setscrew 1-- 22642-- 9
Extraction Tool Assembly 354996-- 1 Tool Tip
Pin Support Tube Pusher 679037-- 1 Spacer
Receptacle Housing Removal Tool Kit 91323--2 Pin Repair Kit 354687- 3
Manual Arbor Frame Assembly (Commercially Available)
Chicklet Removal Tool 1320870--1
Typical Receptacle Seating Tool Typical Pin Header Seating Tool
Figure 10 (end)
12 of 13
Tyco Electronics Corporation
Rev A
Z- PACK 12- Row Backplane Connectors 6. VISUAL AID
114- 1132
Figure 11 shows a typical application of an Z--PACK 12--Row Interconnection System. This illustration should be used by production personnel to ensure a correctly applied product. Applications which DO NOT appear correct should be inspected using the information in the preceding pages of this specification and in the instructional material shipped with the product.
HARDWARE MUST BE SECURELY TIGHTENED
CONNECTOR MUST BE SEATED ON PC BOARD
RECEPTACLES AND HEADERS MUST BE FULLY MATED
COLOR MATCHED KEYING INSERTS (IF USED) MUST BE ALIGNED FOR MATING
CONNECTOR MUST BE SEATED ON PC BOARD FIGURE 11. VISUAL AID
Rev A
Tyco Electronics Corporation
13 of 13


▲Up To Search▲   

 
Price & Availability of 5120638-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X