Part Number Hot Search : 
MAX3232 MQF45 SK13B EVDD430S 0216K SM3515 SB060 L3310ECA
Product Description
Full Text Search
 

To Download 512-CHANNEL-ADPCM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 512-Channel ADPCM
February 26, 2001 Product Specification
AllianceCORETM Facts
TM
Amphion Semiconductor, Ltd.
50 Malone Rd Belfast BT9 5BS Northern Ireland Phone: +44 28 9050 4000 Fax: +44 28 9050 4001 E-Mail: info@amphion.com URL: www.amphion.com
Features
* * * * * * * Support VirtexTM-II, Virtex-E, and Virtex devices. Supports, G.721, G.723, G.726, G.726a, G.727, and G.727a ITU standards 512 channel simplex/256 channel duplex encoding and decoding Online configurable for different compression rates, -law and A-law for each encoding or decoding channel Coding (encode or decode) for one data sample in 1 clock cycle Can work in both burst and continuous modes Conforms fully to ITU test vectors
Core Specifics See Table 1 Provided with Core Documentation User Guide, Design Guide Design File Formats EDIF netlist, VHDL RTL available extra Constraints File ADPCM512.ncf Verification Testbench, Test Vectors Instantiation Templates VHDL, Verilog Reference Designs & Application Notes None Additional Items None Simulation Tool Used ModelSim v5.3c Support Support provided by Amphion
Applications
* * * * * * Digital Enhanced Cordless Telecommunications (DECT) Video conferencing Telecommunications Voicemail systems Satellite communications VoIP
Table 1: Core Implementation Table Supported Family Virtex-II Virtex-E Device Tested 2V500-5 V400E-8 CLB Slices1 24232 2369 Clock IOBs2 1 1 IOBs2 70 70 Performance (Minimum Functional Clock) xx MHz2 6 MHz Xilinx Tools 3.2i 3.2i Special Features 9 block RAMs 35 Block RAMs
Notes: 1. Assuming all core I/Os are routed off-chip. 2. Preliminary data; subject to change. Check with Amphion Semiconductor for latest data.
General Description
The Amphion family of adaptive differential pulse code modulators (ADPCMs) is designed to provide high performance solutions for a broad range of applications requiring speech compression and decompression. These application specific virtual components (ASVCs) support up to 1024 simplex channels on Xilinx FPGA. Each channel is independently selectable for encoding or decoding, and are
fully compliant with ITU G.726, G.726a, G.727 and G.727a standards. The core supports 256 duplex/512 simplex channels. The core is online configurable in terms of compression rates. It has been tested and verified to be fully compliant using the ITU standard test vectors.
February 26, 2001
3-71
512-Channel ADPCM
Channel Configuration and Coding Control EW[1:0] PCM EDC DSS CHN [7:0] CFG [7:0] RST CLR
G726
MODE
CLK
Data input S [13:0]
A-law/-law Logarithmic PCM input
Uniform/ non-uniform
PCM input Expander
A-law/ -law
Uniform/ non-uniform
Data output I [4:0]
Mux
ADPCM
Uniform PCM input
ADPCM output signal Uniform PCM output signal
PCM output Compressor Mux
Transcoding Engine
ID [4:0]
ADPCM input signal
SD [13:0]
PCM output signal Logarithmic PCM output signal
BSY ESI DSI Status outputs
Coding State Storage Memor y
Figure 1: 512-Channel ADPCM Block Diagram
Functional Description
The Amphion ADPCM core consists of 5 primary sections: a PCM Input Expander, an ADPCM Transcoding Engine, a PCM Output Compressor, a Coding State Storage Memory, and a Channel Configuration and Coding Control, as illustrated in Figure 1. The core operates on one input sample at a time, using 1 clock cycle to complete the encoding or decoding. Multichannel coding is implemented on time-multiplexing basis. The input/output channel multiplexing and serial to/from parallel conversion circuitry may be added to suit the target system as required. The core can encode data from three types of PCM format, as specified by ITU standard G.711, to 2, 3, 4 or 5-bit ADPCM format. These are 8-bit -law or A-law logarithmic PCM, 14-bit -law uniform PCM or 13-bit A-law uniform
uniform PCM signal. This decoding is performed according to the G.711 standard.Convert to Uniform PCM
ADPCM Transcoding Engine
The primary encoding and decoding operations of the Amphion ASVC take place within the ADPCM transcoding engine. When encoding, the difference between the uniform PCM input signal with a prediction of this signal is calculated. The difference signal is then passed to an adaptive quantizer where 5, 4, 3 or 2 binary digits are assigned as its value, following the quantization methods stipulated by the G.726 or G.727 standards. The result is the ADPCM signal for transmission. The current ADPCM signal is then used to predict the next signal estimate. It is fed to an inverse adaptive quantizer and the output is added to the current input signal estimate to determine the reconstructed version of the input signal. This signal and the output of the adaptive quantizer are then used by the adaptive predictor to determine the estimate of the next input signal, which is then fed back to determine the next difference signal. When decoding, the reverse procedure is performed. First, the ADPCM signal is inversely quantized; then the resulting signal is added to a prediction of this signal, forming a reconstructed signal. The inversely quantized signal and the reconstructed signal are used by the adaptive predictor to determine the signal estimate for the next iteration.
PCM. The core can also decode data from the 2, 3, 4 or 5bit ADPCM format to the three types of PCM format. The cores are on-line configurable in terms of compression rate and PCM law and allow on-the-fly selection of PCM/ uniform PCM input/output. Each member of Amphion's ADPCM family has been tested and verified to be fully compliant using the ITU standard test vectors.
PCM Input Expander (Logarithmic PCM to Uniform PCM)
This block converts the input PCM signal from 8-bit A or law logarithmic PCM format to a 13-bit A-law or 14-bit -law 3-72
February 26, 2001
Amphion Semiconductor, Ltd. This reconstructed signal is converted to a PCM signal before passing through an additional block needed for synchronous coding adjustment. This block prevents cumulative distortion occurring on synchronous tandem codings. This is when the signal is converted from PCM to ADPCM to PCM and back to ADPCM. The idea is that when the PCM signal is converted the resulting ADPCM signal is the same at every stage. The output PCM signal from this block is the resulting decoded output of the codec.
Encoding/Decoding Operation
Encoding or decoding of one data sample is performed by asserting the data strobe signal (INSTROB). The input select signal INEDC defines whether the core performs an encoding or a decoding operation. When INEDC is HIGH, the core performs encoding and the input S is taken. When INEDC is LOW the core will decode and the input ID is taken. Input signal PCM specifies the type of encoding input data and decoding output data, and input INCHN specifies the channel the data belongs to, as described in the previous sections. The ADPCM core requires 1 clock cycle to complete an encoding or decoding operation for one data sample and has a fixed latency of 2 clock cycles.
PCM Output Compressor (Logarithmic PCM to Uniform PCM)
This block converts the output PCM signal from either 13bit A-law or 14-bit -law uniform PCM format to an 8-bit Aor -law logarithmic PCM signal. This encoding is performed according to the G.711 standard.
Channel Selection
The INCHN input specifies the channel with which the input data is associated when the core is performing a coding operation.
Coding State Storage Memory
The 512 channel ADPCM algorithm requires 279 bit states for each encoding or decoding channel (i.e., 558 bits per duplex channel). These states are stored in the memory of the ADPCM core. The total memory required by the core is N x 279 where N is the number of simplex channels available.
Global Reset and Configuration
RST is an asynchronous global reset signal. INIT initializes a channel to the ITU specified initial state. When INSTROB is high, all channel configuration and data input signals are taken.
Channel Configuration and Coding Control
The IW, EW, EBI and LAW input configuration control signals determine the compression rate and law for each channel. The function of each signal is listed in Table 2. The input signal G726 is used to specify whether the G.726 or G.727 is in use; when high the core operates per the G.726 standard, low indicates G.727. It should be noted that: * Input data S and ID are also latched on the clock rising edge when INSTROB is HIGH. * The output data is registered. * Encoding and decoding can be performed in any order.
February 26, 2001
3-73
512-Channel ADPCM . Table 2: Configuration Control Signals Signal LAW EBI Description Control Values Selects either A-law or -law for encoding and decoding Control whether even bit inversion is performed for A-law/-law encoding/decoding operations Control Values Controls the number of bits in the ADPCM output word when encoding, or the number of bits in the input word when decoding, using the G.726 standard Controls the number of core bits in the ADPCM output word when encoding or the number of bits in the ADPCM input word when decoding, using the G.727 standard. Input Control Choice 0 1 A-law Even bit inversion performed for A-law All bit inversion performed for -law 10 11 4 bits 5 bits
-law
No bit inversion
IW[1:0]
00 2 bits
01 3 bits
2 bits
3 bits
4 bits
not valid
EW[1:0]
Specifies the number of G.727 enhancement bits "00": = 0 bits "01" = 1 bit "10" = 2 bits "11" = 3 bits
Core Modifications
The Amphion ADPCM core can be modified to meet specific design needs. Modifications include: * Number of channels * Compression ratios supported * Coding laws supported (A-law or -law) *
Pinout
Pinout of the ADPCM core has not been fixed to specific FPGA I/O, allowing flexibility with a user's application. Table 3 gives the descriptions of the input and output ports (shown graphically in Figure 2) of the 512 ADPCM codecs. Unless otherwise stated, all signals are active high and bit (0) is the least significant bit.
S[13:0] ID[4:0] LAW IW[1:0] G726 PCM EW[1:0] EBI INCHN[8:0] INEDC INSTROB RST INIT CLK
512 Channel ADPCM
I[4:0] SD[13:0] OUTSTROB OUTCHN[8:0] OUTEDC
Figure 2: 512-Channel ADPCM Core Pinouts
3-74
February 26, 2001
Amphion Semiconductor, Ltd. Table 3: Pinout Table Signal CLK RST INIT INSTROB INEDC Signal Direction Input Input Input Input Input Description Clock input-rising edge active Global reset input, active high Initialisation signal, active high Input data strobe signal, active high, encoding/decoding is performed when asserted Selects encode or decode operation: High = encode Low = decode Logarithmic PCM or uniform PCM selection control signal High = logarithmic PCM Low = uniform PCM Logarithmic or uniform PCM input word for encoding S[13:0] = -law uniform PCM input S[13:1] = A-law uniform PCM input S[7:0] = Logarithmic PCM input ADPCM input word for decoding ID[4:3] = 2 bit ADPCM word, 16 Kbits/sec data rate ID[4:2] = 3 bit ADPCM word, 24 Kbits/sec data rate ID[4:1] = 4 bit ADPCM word, 32 Kbits/sec data rate ID[4:0] = 5 bit ADPCM word, 40 Kbits/sec data rate Specifies G.726 or G.727 operation High: G.726 standard Low: G.727 standard Specifies channel with which the input data is associated when the core is performing coding operation or performing channel reset. Compression configuration, even bit inversion, law control and enhancement bits See Table 2
PCM
Input
S[13:0]
Input
ID [4:0]
Input
G726
Input
INCHN[8:0] IW[1:0] EBI LAW EW[1:0] I[4:0]
Input Input
Output
SD[13:0]
Output
OUTSTROB OUTEDC OUTCHN 8:0]
Output Output Output
ADPCM input word for decoding ID[4:3] = 2 bit ADPCM word, 16 Kbits/sec data rate ID[4:2] = 3 bit ADPCM word, 24 Kbits/sec data rate ID[4:1] = 4 bit ADPCM word, 32 Kbits/sec data rate ID[4:0] = 5 bit ADPCM word, 40 Kbits/sec data rate Logarithmic or uniform PCM output word from decoding SD[13:0] = -law uniform PCM output SD[13:1] = A-law uniform PCM output SD[7:0] = Logarithmic PCM output Output data strobe Encoded or decoded result - HIGH encoding, LOW decoding result. Channel relating to resulting signal
February 26, 2001
3-75
512-Channel ADPCM
Verification Methods
Complete functional and timing simulation has been performed using Model Technology ModelSim.
Related Information
European Telecommunications Standards Institute
For information on European digital broadcasting systems standards contact: European Telecommunications Standards Institute 6921 Sophia Antipolis Cedex France Phone: +33 92 94 42 00 Fax: +33 93 65 47 16
Recommended Design Experience
Users should be familiar with HDL design methodology and Xilinx design flows including VHDL/Verilog language and syntax, component instantiation, synthesis, and simulation.
Ordering Information
For information on the 512 channel ADPCM core, please contact Amphion directly from the address available on the first page of this datasheet.
Xilinx Programmable Logic
For information on Xilinx programmable logic or development system software, contact your local Xilinx sales office, or: Xilinx, Inc. 2100 Logic Drive San Jose, CA 95214 Phone: 408-559-7778 Fax: 408-559-7114 URL: www.xilinx.com For general Xilinx literature, contact: Phone: 800-231-3386 (inside the US) 408-879-5017 (outside the US) E-mail: literature@xilinx.com
3-76
February 26, 2001


▲Up To Search▲   

 
Price & Availability of 512-CHANNEL-ADPCM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X