Part Number Hot Search : 
TFS315 2A122K 2SK3150S F256C KFF6169A MSC1035M BZX55C30 LTC5623G
Product Description
Full Text Search
 

To Download 5000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP. FEATURES:
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
5000
SERIES
4707 Dey Road Liverpool, N.Y. 13088 Dual Low Dropout Voltage Internal Short Circuit Current Limit Output Voltages Are Internally Set To 1% Max Electrically Isolated Case Internal Thermal Overload Protection Many Output Voltage Combinations Available Fully Qualified to Mil-PRF-38534 Alternate Package and Lead Form Configurations Available
(315) 701-6751
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 5000 Series offers low dropout voltages on both the positive and negative regulators. This, combined with the low JC, allows increased output current while providing exceptional device efficiency. Because of the increased efficiency, a small hermetic 5 pin package can be used providing maximum performance while occupying minimal board space. Output voltages are internally trimmed to 1% maximum resulting in consistent and accurate operation. Additionally, both regulators offer internal short circuit current and thermal limiting, which allows circuit protection and eliminates the need for external components and excessive derating.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
High Efficiency Linear Regulators Constant Voltage/Current Regulators System Power Supplies Switching Power Supply Post Regulators
1
PIN-OUT INFORMATION
1 2 3 4 5 +Vin +Vout GND -Vin -Vout
Rev. E 7/00
ABSOLUTE MAXIMUM RATINGS

TC
-40C to +85C -55C to +125C
ELECTRICAL SPECIFICATIONS
Parameter POSITIVE OUTPUT REGULATORS: Output Voltage Tolerance Dropout Voltage Load Regulation Line Regulation Quiescent Current Short Circuit Current 2 Ripple Rejection Thermal Resistance 2 NEGATIVE OUTPUT REGULATORS: Output Voltage Tolerance Dropout Voltage Load Regulation Line Regulation Quiescent Current Short Circuit Current 2 Ripple Rejection 2 Thermal Resistance 2
8 2
Test Conditions
3
Group A
MSK 5000(B) SERIES Typ. 0.1 0.1 1.3 0.2 0.3 0.1 0.2 10 4 75 2.5 0.1 0.1 0.8 0.2 0.3 .1 .2 4.5 3.6 75 2.0 Max. 1.0 2.0 1.5 1 2 0.5 .75 15 2.7 1.0 2.0 1.2 1 2 .5 .75 10 2.2
MSK 5000 SERIES Min. 3.0 60 3.0 60 Typ. 0.1 1.3 0.2 0.1 10 4 75 2.5 0.1 0.8 0.2 .1 4.5 3.6 75 2.0 Max. 2.0 1.6 2 0.6 15 2.7 2.0 1.3 2 .6 10 2.2
Subgroup Min. 1 2,3 1 1 2,3 1 2,3 1,2,3 1 2,3 1 1 2,3 1 2,3 1,2,3 3.2 60 3.3 60 -
IOUT=0A; VIN=VOUT+3V 0AIOUT3A; VOUT=50mV 100mAIOUT3A VIN=VOUT+3V IOUT=0A (VOUT+3V)VIN(VOUT+15V) VIN=VOUT+3V; IOUT=0A VIN=VOUT+5V IOUT=3A; COUT=25F; f=120Hz JUNCTION TO CASE IOUT=0A; VIN=VOUT+3V 0AIOUT3A; VOUT=50mV VIN=VOUT+3V 100mAIOUT3A IOUT=0A (VOUT+3V)VIN(VOUT+15V) VIN=VOUT+3V; IOUT=0A VIN=VOUT+5V IOUT=3A; COUT=25F; f=120Hz JUNCTION TO CASE
2
PART 7 NUMBER
MSK5000(B)
1 Outputs are decoupled to ground using 10F minimum low ESR capacitors unless otherwise specified. 2 This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only. 3 All output parameters are tested using a low duty cycle pulse to maintain TJ = TC. 4 Industrial grade devices shall be tested to subgroup 1 unless otherwise specified. 5 Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3. 6 Subgroup 1 TA=TC=+25C Subgroup 2 TA=TC=+125C Subgroup 3 TA=TC=-55C 7 Please consult the factory if alternate output voltages are required. 8 Input voltage (VIN= VOUT + a specified voltage) is implied to be more negative than VOUT.
OUTPUT VOLTAGES POSITIVE NEGATIVE
+3.3V +5.0V +5.0V +12.0V +12.0V +15.0V +15.0V +5.0V +5.0V +10.0V -5.2V -5.0V -5.2V -5.0V -12.0V -15.0V -5.0V -12.0V -15.0V -10.0V
MSK5001(B) MSK5002(B) MSK5003(B) MSK5004(B) MSK5005(B) MSK5006(B) MSK5007(B) MSK5008(B) MSK5009(B)
2
Rev. E 7/00











VIN PD IOUT TJ
Input Voltage (WRT VOUT) Power Dissipation Output Current Junction Temperature
30V Internally Limited 3A +175C
TST TLD
Storage Temperature Range Lead Temperature Range (10 Seconds) Case Operating Temperature MSK 5000-5009 MSK 5000B-5009B
-65C to +150C 300C
Units
% % V % % % % mA A dB C/W % % V % % % % mA A dB C/W
APPLICATION NOTES BYPASS CAPACITORS
For most applications a 10uF minimum, low ESR (0.5-2 ohm) tantalum capacitor should be attached as close to the regulator's output as possible. This will effectively lower the regulator's output impedance, increase transient response and eliminate any oscillations that are normally associated with low dropout regulators. Additional bypass capacitors can be used at the remote load locations to further improve regulation. These can be either of the tantalum or the electrolytic variety. Unless the regulator is located very close to the power supply filter capacitor(s), a 4.7uF minimum low ESR (0.5-2 ohm) tantalum capacitor should also be added to the regulator's input. An electrolytic may also be substituted if desired. When substituting electrolytic in place of tantalum capacitors, a good rule of thumb to follow is to increase the size of the electrolytic by a factor of 10 over the tantalum value.
OVERLOAD SHUTDOWN
The regulators feature both power and thermal overload protection. When the maximum power dissipation is not exceeded, the regulators will current limit slightly above their 3 amp rating. As the Vin-Vout voltage increases, however, shutdown occurs in relation to the maximum power dissipation curve. If the device heats enough to exceed its rated die junction temperature due to excessive ambient temperature, improper heat sinking etc., the regulators also shutdown until an appropriate junction temperature is maintained. It should also be noted that in the case of an extreme overload, such as a sustained direct short, the device may not be able to recover. In these instances, the device must be shut off and power reapplied to eliminate the shutdown condition.
HEAT SINKING
To determine if a heat sink is required for your application and if so, what type, refer to the thermal model and governing equation below. Governing Equation: Tj = Pd x (Rjc + Rcs + Rsa) + Ta WHERE Tj = Junction Temperature Pd = Total Power Dissipation Rjc = Junction to Case Thermal Resistance Rcs = Case to Heat Sink Thermal Resistance Rsa = Heat Sink to Ambient Thermal Resistance Tc = Case Temperature Ta = Ambient Temperature Ts = Heat Sink Temperature EXAMPLE: This example demonstrates an analysis where each regulator is at one-half of its maximum rated power dissipation, which occurs when the output currents are at 1.5 amps each. Conditions for MSK 5002: Vin = 7.0V; Iout = 1.5A 1.) Assume 45 heat spreading model. 2.) Find positive regulator power dissipation: Pd = (Vin - Vout)(Iout) Pd = (7-5)(1.5) = 3.0W 3.) 4.) 5.) 6.) 7.) For conservative design, set Tj = +125C Max. For this example, worst case Ta = +90C. Rjc = 2.5C/W from the Electrical Specification Table. Rcs = 0.15C/W for most thermal greases. Rearrange governing equation to solve for Rsa: Rsa= ((Tj - Ta)/Pd) - (Rjc) - (Rcs) = (125C - 90C)/3.0W - (2.5C/W - 0.15C/W) = 9.32C/W The same exercise must be performed for the negative regulator. In this case the result is 9.32C/W. Therefore, a heat sink with a thermal resistance of no more than 9.3C/W must be used in this application to maintain both regulator circuit junction temperatures under 125C. Rev.E 7/00
LOAD REGULATION
For best results the ground pin should be connected directly to the load as shown below, this effectively reduces the ground loop effect and eliminates excessive voltage drop in the sense leg. It is also important to keep the output connection between the regulator and the load as short as possible since this directly affects the load regulation. For example, if 20 gauge wire were used which has a resistance of about .008 ohms per foot, this would result in a drop of 8mV/ft at 1Amp of load current. It is also important to follow the capacitor selection guidelines to achieve best performance. Refer to Figure 2 for connection diagram.
MSK 5002 TYPICAL APPLICATION:
Low Dropout Positive and Negative Power Supply
FIGURE 1
Avoiding Ground Loops
FIGURE 2 3
TYPICAL PERFORMANCE CURVES
4
Rev. E 7/00
MECHANICAL SPECIFICATIONS
NOTE: ESD Triangle indicates Pin 1. ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED
ORDERING INFORMATION
MSK5000 B T U
LEAD CONFIGURATIONS S= STRAIGHT; U= BENT UP; D= BENT DOWN PACKAGE STYLE T= TOP TAB; Z= Z PACK SCREENING BLANK = INDUSTRIAL; B= MIL-PRF-38534 GENERAL PART NUMBER (VOLTAGE) THE ABOVE EXAMPLE IS A: +3.3V, -5.2V MILITARY REGULATOR USING THE TOP TAB PACKAGE WITH LEADS BENT UP.
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
M.S. Kennedy Corp.
5
Rev.E 7/00


▲Up To Search▲   

 
Price & Availability of 5000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X