Part Number Hot Search : 
5R105 P775C BX238 8S2632 BS6004 AD9740 00220 11G2H
Product Description
Full Text Search
 

To Download 2SC2137 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
2SC2137
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *Switching regulator applications *High speed DC-DC converter applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Tmb-25 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 7 80 175 -55~175 UNIT V V V A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case VALUE 1.25 UNIT /W
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10mA ; IB=0 IC=1mA ; IE=0 IE=1mA ; IC=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=500V; IE=0 VEB=7V; IC=0 IC=3A ; VCE=5V IC=0.5A ; VCE=10V 10 MIN 400 500 7
2SC2137
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
1.0 1.5 0.1 0.1 40 6
V V mA mA
MHz
2
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2137
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2137

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X