Part Number Hot Search : 
2SC5368 1N5249B 01100 A1209 F7338 PVG613 74AVC1 D70F3
Product Description
Full Text Search
 

To Download 2SC1756 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220 package *High breakdown voltage APPLICATIONS *For TV chroma,video ,audio output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC1756
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 15 150 -40~150 CONDITIONS Open emitter Open base Open collector VALUE 300 300 7 0.2 0.7 1.2 W UNIT V V V A A
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=1mA ;IB=0 IC=50mA ;IB=5mA VCB=200V ;IE=0 VEB=5V; IC=0 IC=10mA ; VCE=10V IC=10mA ; VCE=30V f=1MHz;VCB=50V 40 50 MIN 300
2SC1756
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
2.0 0.1 0.1 200
V A A
MHz 5.3 pF
hFE classifications C 40-80 D 60-120 E 100-200
2
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1756
Fig.2 outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
www..com
Product Specification
Silicon NPN Power Transistors
2SC1756
4


▲Up To Search▲   

 
Price & Availability of 2SC1756

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X