Part Number Hot Search : 
HM628512 XVT9009 DVG62 MX014 D103B MFW2815D DS1231S MSD3P
Product Description
Full Text Search
 

To Download 2SA1021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
2SA1021
DESCRIPTION *With TO-126 package *High breakdown voltage *Large current capacity APPLICATIONS *For color TV sound output;converters Inverters applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 20 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -150 -150 -6 -1.5 -2.5 1.0 W UNIT V V V A A
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-1mA; RBE=8 IC=-10A; IE=0 IE=-10A ; IC=0 IC=-500mA; IB=-50mA IC=-500mA; IB=-50mA VCB=-120V; IE=0 VEB=-4V; IC=0 IC=-150mA ; VCE=-5V IC=-50mA ; VCE=-10V 60 15 MIN
2SA1021
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT
TYP. -150 -150 -6
MAX
UNIT V V V
-0.5 -1.2 -1.0 -1.0 320
V V A A
MHz
2
SavantIC Semiconductor
www..com
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1021
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X